Part Number Hot Search : 
TDA16 A6595KLW BD678AS BB85ZB1 SBT2222A 2SC3923 FW261 B2351
Product Description
Full Text Search
 

To Download CXT5551HC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXT5551HC SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CXT5551HC type is an high current NPN silicon transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for high voltage and high current amplifier applications. MARKING CODE: FULL PART NUMBER
SOT-89 CASE
MAXIMUM RATINGS (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA UNITS V V V A W C C/W
180 160 6.0 1.0 1.2 -65 to +150 104
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN ICBO VCB=120V ICBO VCB=120V, TA=100C IEBO VEB=4.0V BVCBO IC=100A 180 BVCEO IC=1.0mA 160 BVEBO IE=10A 6.0 VCE(SAT) IC=10mA, IB=1.0mA VCE(SAT) IC=50mA, IB=5.0mA VBE(SAT) IC=10mA, IB=1.0mA VBE(SAT) IC=50mA, IB=5.0mA hFE VCE=5.0V, IC=1.0mA 80 hFE VCE=5.0V, IC=10mA 80 hFE VCE=5.0V, IC=50mA 30 hFE VCE=10V, IC=1.0A fT VCE=10V, IC=10mA, f=100MHz 100 Cob VCB=10V, IE=0, f=1.0MHz
TYP
MAX 50 50 50
0.15 0.20 1.00 1.00 250 10 15
UNITS nA A nA V V V V V V V
MHz pF
R0 (28-January 2005)
Central
TM
CXT5551HC SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
Semiconductor Corp.
SOT-89 CASE - MECHANICAL OUTLINE
BOTTOM VIEW
LEAD CODE: 1) EMITTER 2) COLLECTOR 3) BASE MARKING CODE: FULL PART NUMBER
R0 (28-January 2005)


▲Up To Search▲   

 
Price & Availability of CXT5551HC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X