Part Number Hot Search : 
1H100 B2567 AT1312C SB206 LM267 GS711 1N4740 FMMTA20
Product Description
Full Text Search
 

To Download CPC1018N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4-Pin SOP OptoMOS(R) Relay
CPC1018N
Blocking Voltage Load Current Max On-resistance LED Current to operate
CPC1018N 60 600 0.8 1.0
Units V mA mA
Description
The CPC1018N is a miniature 1-Form-A solid state relay in a 4-Pin SOP package that employs optically coupled MOSFET technology to provide 1500Vrms of input to output isolation. The super efficient MOSFET switches and photovoltaic die use Clare's patented OptoMOS(R) architecture. The optically coupled input is controlled by a highly efficient GaAlAs infrared LED. The CPC1018N uses Clare's state of the art double molded vertical construction packaging to produce the world's smallest relay. The CPC1018N offers board space savings of at least 20% over the competitor's larger 4-Pin SOP relay. It boasts the industries' lowest input current to operate in its class.
Features
* Designed for use in security systems complying with EN50130-4 * Only 1mA of LED current required to operate * Small 4-Pin SOP Package * TTL/CMOS Compatible input * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 1500Vrms Input/Output Isolation * No EMI/RFI Generation * Immune to radiated EM fields * SMD Pick & Place, Wave Solderable * Tape & Reel Version Available
Approvals
* UL recognized file #E76270 * Certified to EN60950
Ordering Information Applications
* Security * Passive Infrared Detectors (PIR) * Data Signalling * Sensor Circuitry * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment--Patient/Equipment Isolation * Aerospace * Industrial Controls
Part # CPC1018N CPC1018NTR Description 4-Pin SOP (100/tube) 4-Pin SOP (2000/reel)
Pin Configuration
CPC1018N Pinout
+ Control 1 4 Load
- Control
2
3
Load
Switching Characteristics of Normally Open (Form A) Devices
10ms CONTROL
+ 90% LOAD 10% + TON 10%+ TOFF
2002/95/EC
RoHS
e3
www.clare.com 1
DS-CPC1018N-R03
CPC1018N
Absolute Maximum Ratings (@ 25C)
Parameter Blocking Voltage Reverse Input Voltage Input Control Current Peak (10ms) Input Power Dissipation Total Power Dissipation 1 Isolation Voltage Input to Output Operational Temperature Storage Temperature
1
Ratings 60 5 50 1 70 400 1500 -40 to +85 -40 to +125
Units V V mA A mW mW Vrms C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
Derate Linearly 3.33 mw / C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Current 1 Peak Load Current On-Resistance2 Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Capacitance Input to Output Input Characteristics @ 25C Input Control Current 3 Input Dropout Current Input Voltage Drop Reverse Input Current
1 2 3
Conditions IF=2mA, Continuous 10ms IL=100mA VL=60V IF=5mA, VL=10V IF=5mA, VL=10V 50V; f=1MHz IL=600mA IF=5mA VR=5V
Symbol IL ILPK RON ILEAK TON TOFF COUT
-
Min 1.0 0.3 0.9 -
Typ 25 1 0.9 1.2 -
Max 600 1.0 0.8 1 3 2 1.4 10
Units mA Arms A ms ms pF pF mA mA V A
IF IF VF IR
Load current derates linearly from 600mA @ 25oC to 480mA @80oC. Measurement taken within 1 second of on time. For applications requiring high temperature operation (greater than 60oC) an LED drive current of 3mA is recommended.
2
www.clare.com
R03
CPC1018N
PERFORMANCE DATA*
CPC1018N Typical LED Forward Voltage Drop (Ambient Temperature = 25C) IF = 5mADC
CPC1018N Typical On-Resistance Distribution (Ambient Temperature = 25C) (Load Current = 100mA)
35 30
Device Count (N)
35 30 Device Count (N)
35 30 Device Count (N) 25 20 15 10 5 0
CPC1018N Typical Blocking Voltage Distribution (Ambient Temperature = 25C)
25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25
25 20 15 10 5 0
0.54 0.56 0.58 0.60 0.62 0.64 0.66
63.5
64.0
64.5
65.0
65.5
66.0
66.5
LED Forward Voltage Drop (V)
On-Resistance ()
Blocking Voltage (V)
25 20 15 10 5 0
CPC1018N Typical IF for Switch Operation (Ambient Temperature = 25C) (Load Current = 600mA)
25
CPC1018N Typical IF for Switch Dropout (Ambient Temperature = 25C) (Load Current = 100mA)
25 20 15 10 5 0
CPC1018N Typical Turn-On Time (Ambient Temperature = 25C) (Load Current = 100mA; IF = 5mA)
Device Count (N)
Device Count (N)
15 10 5 0
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Device Count (N)
20
LED Current (mA)
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.41
0.43
0.45
0.47
0.49
0.51
0.53
LED Current (mA)
Turn-On (ms)
25 20 15 10 5 0
CPC1018N Typical Turn-Off Time (Ambient Temperature = 25C) (Load Current = 100mA; IF = 5mA)
Load Current (Arms)
0.80 0.75 0.70
CPC1018N Typical Maximum Load Current vs. Temperature
0.016 0.014 Leakage (A) 0.012 0.010 0.008 0.006 0.004 0.002 0 -40
CPC1018N Typical Leakage vs. Temperature (Measured across Pins 3 & 4) VL = max rated
Device Count (N)
0.65 0.60 0.55 0.50 0.45 0.40 0.35
IF =10mA IF =5mA
-40 -20 0 20 40 60 80 100 120
0.19
0.20
0.21
0.22
0.23
0.24
0.25
-20
0
20
40
60
80
100
Turn-Off (ms)
Temperature (C)
Temperature (C)
72 Blocking Voltage (V) 70
CPC1018N Typical Blocking Voltage vs. Temperature
Turn-On (ms)
66 64 62 60 58 -40 -20 0 20 40 60 80 100
IF = 5mA
Turn-Off (ms)
68
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
CPC1018N Typical Turn-On vs. Temperature (Load Current = 80mA)
0.60 0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10
CPC1018N Typical Turn-Off vs. Temperature (Load Current = 80mA)
IF = 5mA
IF = 10mA -40 -20 0 20 40 60 80 100
IF = 10mA
-40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
Temperature (C)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
R03
www.clare.com
3
CPC1018N
PERFORMANCE DATA*
CPC1018N Typical LED Forward Voltage Drop vs. Temperature CPC1018N Typical Turn-On vs. LED Forward Current (Load Current = 80mA)
LED Forward Voltage Drop (V)
1.8 1.6
IF = 50mA IF = 10mA IF = 5mA
Turn-Off (ms)
1.4 1.2 1.0 0.8
-40
-20
0
20
40
60
80
100
120
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 5 10 15 20 25 30 35 40 45 50
CPC1018N Typical Turn-Off vs. LED Forward Current (Load Current = 80mA)
Turn-On (ms)
0
Temperature (C)
LED Forward Current (mA)
0
5
10
15
20
25
30
35
40
45
50
LED Forward Current (mA)
CPC1018N Typical On-Resistance vs. Temperature (Load Current = max rated @ Temperature)
0.9 On-Resistance () 0.8 0.7 0.6 0.5 0.4 0.3 -40 -20 0 20 40 60 80 100
Steady State IF = 5mA 0.6 0.5 IF = 10mA
CPC1018N Typical IF for Switch Operation vs. Temperature (Load Current = 600mA)
0.6 0.5 LED Current (mA) 0.4 0.3 0.2 0.1 0 -40
CPC1018N Typical IF for Switch Dropout vs. Temperature (Load Current = 80mA)
LED Current (mA)
0.4 0.3 0.2 0.1 0
-40
-20
0
20
40
60
80
100
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
Temperature (C)
600 Load Current (mA) 400 200 0 -200 -400
CPC1018N Typical Load Current vs. Load Voltage (Ambient Temperature = 25C) IF = 5mA
-600 -0.3
-0.2
-0.1
0
0.1
0.2
0.3
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 10s 100s 1ms 10ms 100ms Time
CPC1018N Energy Rating Curve
Load Current (A)
1s
10s 100s
Load Voltage (V)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
R03
Manufacturing Information
Soldering Recommended soldering processes are limited to 260C component body temperature for 10 seconds.
2002/95/EC
Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents.
RoHS
e3
MECHANICAL DIMENSIONS
0.38 TYP. (0.015 TYP.) 6.096 0.102 (0.240 0.004)
4-Pin SOP ("N" Suffix)
PC Board Pattern (Top View)
2.54 0.127 (0.100 0.005)
3.81 0.08 (0.150 0.003) 4.09 0.20 (0.161 0.008) 1.448 (0.057) 0.889 (0.035)
0.38 x 45 (0.015 x 45) 1.020 0.025 (0.040 0.001) 0.432 0.127 (0.017 0.005) 0.200 0.025 (0.008 0.001) 2.18 MAX. (0.086)
5.66 0.14 (0.223 0.005)
2.54 TYP. (0.100 TYP.)
Tape and Reel Packaging for 4-pin SOP package
330.2 DiA (13.00" DiA) A0 = 6.50 (0.256) P = 8.00 (0.315) K1 = 2.30 (0.091)
A Top Cover Tape Thickness 0.102 MAX (0.004 MAX)
B0 = 4.70 (0.185)
W = 12.00 MAX (0.472 MAX)
A
K0 = 2.7 (0.106) SECTION A-A
NOTE: Tape dimensions not shown, comply with JEDEC Standard EIA-481-2
Embossed Carrier
Embossment
Dimensions: mm (inches) For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1018N-R03 (c)Copyright 2005, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 9/8/05
5


▲Up To Search▲   

 
Price & Availability of CPC1018N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X