Part Number Hot Search : 
SE2523BU C5024 74HC14DB SA9904B 1A334 1ZB300 9102C G13003
Product Description
Full Text Search
 

To Download CP34063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
The CP34063 Series is a monolithic control circuit containing the primary functions required for DC-to-DC converters. These devices consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current limit circuit, driver and high current output switch. This series was specifically designed to be incorporated in Step-Down and Step-Up and Voltage-Inverting applications with a minimum number of external components.
PDIP-8 8 1
* * * * * * *
Operation from 3.0 V to 40 V Input Low Standby Current Current Limiting Output Switch Current to 1.5 A Output Voltage Adjustable Frequency Operation to 100 kHz Precision 2% Reference
SOP-8 8 1
PIN CONNECTIONS
1 2
8 7 6 5
Drive 8 Collector SQ Ipk 7 Sense R 100 Q2 Q1
1
Switch Collector
3 4
2
Ipk Oscillator CT VCC 6 Comparator + Comparator 5 Inverting Input 1.25 V Reference Regulator 4 (Bottom View) 3
Switch Emitter
Timing Capacitor
1 - Switch Collector 2 - Switch Emitter 3 - Timing Capacitor 4 - Gnd 5 - Comparator Inverting Input 6 - Vcc 7 - Ipk Sense 8 - Driver Collector
Gnd
This device contains 51 active transistors.
Figure 1. Representative Schematic Diagram
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 1 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
MAXIMUM RATINGS
Rating Power Supply Voltage Comparator Input Voltage Range Switch Collector Voltage Switch Emitter Voltage (VPin 1 = 40 V) Switch Collector to Emitter Voltage Driver Collector Voltage Driver Collector Current (Note 1) Switch Current Power Dissipation and Thermal Characteristics Plastic Package, PDIP-8 TA = 25C Thermal Resistance SOIC Package, SOP-8 TA = 25C Thermal Resistance Operating Junction Temperature Operating Ambient Temperature Range Storage Temperature Range 1. Maximum package power dissipation limits must be observed. 2. ESD data available upon request. 3. NCV prefix is for automotive and other applications requiring site and change control. Symbol VCC VIR VC(switch) VE(switch) VCE(switch) VC(driver) IC(driver) ISW Value 40 -0.3 to +40 40 40 40 40 100 1.5 Unit Vdc Vdc Vdc Vdc Vdc Vdc mA A
PD RJA PD RJA TJ TA Tstg
1.25 100 625 160 +150 0 to +70 -65 to +150
W C/W mW C/W C C C
ORDERING INFORMATION
CP 34063 X
A : Taping (SOP -8) N : Tube (DIP -8)
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 2 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = Tlow to Thigh [Note 4], unless otherwise specified.)
Characteristics OSCILLATOR Frequency (VPin 5 = 0 V, CT = 1.0 nF, TA = 25C) Charge Current (VCC = 5.0 V to 40 V, TA = 25C) Discharge Current (VCC = 5.0 V to 40 V, TA = 25C) Discharge to Charge Current Ratio (Pin 7 to VCC, TA = 25C) Current Limit Sense Voltage (Ichg = Idischg, TA = 25C) OUTPUT SWITCH (Note 5) Saturation Voltage, Darlington Connection ( ISW = 1.0 A, Pins 1, 8 connected) Saturation Voltage (Note 6) (ISW = 1.0 A, RPin 8 = 82 to VCC, Forced ] 20) DC Current Gain (ISW = 1.0 A, VCE = 5.0 V, TA = 25C) Collector Off-State Current (VCE = 40 V) COMPARATOR Threshold Voltage TA = 25C TA = Tlow to Thigh Threshold Voltage Line Regulation (VCC = 3.0 V to 40 V) Input Bias Current (Vin = 0 V) TOTAL DEVICE Supply Current (VCC = 5.0 V to 40 V, CT = 1.0 nF, Pin 7 = VCC, VPin 5 > Vth, Pin 2 = Gnd, remaining pins open) ICC - 2.5 4.0 mA Vth 1.225 1.21 Regline IIB - - 1.25 - 1.4 -40 1.27 1.29 5.0 -400 mV nA V VCE(sat) VCE(sat) hFE IC(off) - - 50 - 1.0 0.45 120 0.01 1.3 0.7 - 100 V V - A fosc Ichg Idischg Idischg/Ichg Vipk(sense) 24 24 140 5.2 250 33 33 220 6.5 300 42 42 260 7.5 350 kHz A A - mV Symbol Min Typ Max Unit
4. Tlow = 0C for CP34063 5. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible. 6. If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents ( 300 mA) and high driver currents ( 30 mA), it may take up to 2.0 s for it to come out of saturation. This condition will shorten the off time at frequencies 30 kHz, and is magnified at high temperatures. This condition does not occur with a Darlington configuration, since the output switch cannot saturate. If a non-Darlington configuration is used, the following output drive condition is recommended: IC output w 10 Forced b of output switch : IC driver - 7.0 mA * * The 100 resistor in the emitter of the driver device requires about 7.0 mA before the output switch conducts.
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 3 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
t on-off , OUTPUT SWITCH ON OFF TIME ( s) 1000 V OSC, OSCILLATOR VOLTAGE (V) 500 200 100 50 20 10 5.0 2.0 1.0 0.01 0.02 toff VCC = 5.0 V Pin 7 = VCC Pin 5 = Gnd TA = 25C ton
VCC = 5.0 V Pin 7 = VCC Pin 2 = Gnd
Pins 1, 5, 8 = Open CT = 1.0 nF TA = 25C 10 s/DIV
0.05 0.1 0.2 0.5 1.0 2.0 CT, OSCILLATOR TIMING CAPACITOR (nF)
5.0 10
1.8 VCE(sat), SATURATION VOLTAGE (V) 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0
Figure 2. Output Switch On-Off Time versus Oscillator Timing Capacitor
VCE(sat), SATURATION VOLTAGE (V)
Figure 3. Timing Capacitor Waveform
1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.2 0.4 0.6 0.8 1.0 1.2 IC, COLLECTOR CURRENT(A) 1.4 1.6 VCC = 5.0 V Pin 7 = VCC Pins 2, 3, 5 = Gnd TA = 25C (See Note 7)
Darlington Connection
Forced = 20
VCC = 5.0 V Pins 1, 7, 8 = VCC Pins 3, 5 = Gnd TA = 25C (See Note 7) 0.2 0.4 0.6 0.8 1.0 1.2 IE, EMITTER CURRENT (A) 1.4 1.6
Figure 4. Emitter Follower Configuration Output Saturation Voltage versus Emitter Current
VIPK(sense), CURRENT LIMIT SENSE VOLTAGE (V)
Figure 5. Common Emitter Configuration Output Switch Saturation Voltage versus Collector Current
3.6
400 380 360 340 320 300 280 260 240 220 200 -55 -25 0 25 50 75 TA, AMBIENT TEMPERATURE (C) 100 125 I CC, SUPPLY CURRENT (mA) VCC = 5.0 V Ichg = Idischg
3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 5.0 10 CT = 1.0 nF Pin 7 = VCC Pin 2 = Gnd 15 20 25 30 VCC, SUPPLY VOLTAGE (V) 35 40
Figure 6. Current Limit Sense Voltage versus Temperature
Figure 7. Standby Supply Current versus Supply Voltage
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 4 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052
200 mV/DIV
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
170 H L 8 180 SQ R 7 Rsc 0.22 Vin 12 V + 6 100 VCC
+ -
1 Q2 Q1 2 Ipk Osc CT 3 CT 1.25 V Ref Reg 4 R2 1500 pF 1.0 H + Vout 100 1N5819
Comp.
5
R1
2.2 k
47 k
330
+
Vout 28 V/175 mA CO
Optional Filter
Test Line Regulation Load Regulation Output Ripple Efficiency Output Ripple With Optional Filter
Conditions Vin = 8.0 V to 16 V, IO = 175 mA Vin = 12 V, IO = 75 mA to 175 mA Vin = 12 V, IO = 175 mA Vin = 12 V, IO = 175 mA Vin = 12 V, IO = 175 mA
Results 30 mV = 0.05% 10 mV = 0.017% 400 mVpp 87.7% 40 mVpp
Figure 8. Step-Up Converter
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 5 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
8
1
Vout
8
1
R
Vout
7 Rsc Vin 6
2 Rsc Vin
7
2
6
R 0 for constant Vin
Figure 9. External Current Boost Connections for IC Peak Greater than 1.5 A 9a. External NPN Switch 9b. External NPN Saturated Switch
(See Note 8)
8. If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents ( 300 mA) and high driver currents ( 30 mA), it may take up to 2.0 s to come out of saturation. This condition will shorten the off time at frequencies 30 kHz, and is magnified at high temperatures. This condition does not occur with a Darlington configuration, since the output switch cannot saturate. If a non-Darlington configuration is used, the following output drive condition is recommended.
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 6 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
8 SQ R 7 Rsc 0.33 Vin 25 V 100 6 + VCC
+ -
1 Q2 Q1 2 Ipk Osc CT 1N5819 3 L CT 470 pF 1.0 H + Vout 100 220 H
Comp.
1.25 V Ref Reg
5 R2 R1 1.2 k 3.6 k
4
470
+
Vout 5.0 V/500 mA CO
Optional Filter Test Line Regulation Load Regulation Output Ripple Short Circuit Current Efficiency Output Ripple With Optional Filter Conditions Vin = 15 V to 25 V, IO = 500 mA Vin = 25 V, IO = 50 mA to 500 mA Vin = 25 V, IO = 500 mA Vin = 25 V, RL = 0.1 Vin = 25 V, IO = 500 mA Vin = 25 V, IO = 500 mA Results 12 mV = 0.12% 3.0 mV = 0.03% 120 mVpp 1.1 A 83.7% 40 mVpp
Figure 10. Step-Down Converter
8
1
1 8
V
7 Rsc Vin 6
2 Vout Rsc Vin
7
2
6
Figure 11. External Current Boost Connections for IC Peak Greater than 1.5 A 11a. External NPN Switch 11b. External PNP Saturated Switch
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 7 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
8 SQ R 7 Rsc 0.24 Vin 4.5 V to 6.0 V 100 6 + VCC
+ -
1 Q2 Q1 2 Ipk Osc CT 3 1.25 V Ref Reg 4 R1 Vout -12 V/100 mA 1000 f + CO 1.0 H Vout + 100 + 1500 pF 1N5819 L 88 H
Comp.
5
R2
8.2 k
953
Optional Filter Test Line Regulation Load Regulation Output Ripple Short Circuit Current Efficiency Output Ripple With Optional Filter Conditions Vin = 4.5 V to 6.0 V, IO = 100 mA Vin = 5.0 V, IO = 10 mA to 100 mA Vin = 5.0 V, IO = 100 mA Vin = 5.0 V, RL = 0.1 Vin = 5.0 V, IO = 100 mA Vin = 5.0 V, IO = 100 mA Results 3.0 mV = 0.012% 0.022 V = 0.09% 500 mVpp 910 mA 62.2% 70 mVpp
Figure 12. Voltage Inverting Converter
8 1 8 7 2 Vout Vin 6
1 Vout
7
2
Vin
6
Figure 13. External Current Boost Connections for IC Peak Greater than 1.5 A 13a. External NPN Switch 13b. External PNP Saturated Switch
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 8 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
Package Outlines : DIP-8
SYMBOL A b1 b2 c1 D E e eA L Q s1
INCHES MIN MAX 0.200 0.014 0.023 0.045 0.065 0.008 0.015 0.355 0.400 0.220 0.310 0.100 BSC 0.300 BSC 0.125 0.200 0.015 0.060 0.005 1050 900
MILLIMETERS MIN MAX 5.08 0.36 0.58 1.14 1.65 0.20 0.38 9.02 10.16 5.59 7.87 2.54 BSC 7.62 BSC 3.18 5.08 0.38 1.52 0.13 900 1050
NOTES -
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 9 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
Small Outline SOP-8
SYMBOL A B C D E F H J K M L e1
INCHES MIN MAX 0.188 0.197 0.149 0.158 0.228 0.244 0.050 BSC 0.013 0.020 0.004 0.010 0.053 0.069 0.011 0.019 0.007 0.010 0.016 0.050 0.150 REF 450 0 80 0
MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 5.80 6.20 1.27 BSC 0.33 0.51 0.10 0.25 1.35 1.75 0.28 0.48 0.19 0.25 0.40 1.27 3.81 REF 450 0 0 80
NOTES -
* All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Page 10 of 10 Rev 1.1 Jul.18,2003 Fax:886-3-3521052


▲Up To Search▲   

 
Price & Availability of CP34063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X