Part Number Hot Search : 
F2010 SMBJ360 PVI5033R TC74A HMC25607 ISL28 10018 512K3
Product Description
Full Text Search
 

To Download CMXSTB200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMXSTB200 CMXSTB300 CMXSTB400 SURFACE MOUNT FORWARD REFERENCE DIODE (STABISTOR)
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMXSTB Series types are multi-chip silicon diodes mounted in a surface mount SOT-26 case and designed for applications requiring controlled forward voltage characteristics such as voltage regulation, sensing, and comparing. This series is a surface mount alternative to the 1N4156, 1N4157, and 1N5179 leaded devices, respectively. Special selections of DC parameters including VF at various test conditions are available on special order. MARKING CODES: CMXSTB200: CST2 CMXSTB300: CST3 CMXSTB400: CST4
SOT-26 CASE
MAXIMUM RATINGS: (TA=25C unless otherwise noted) SYMBOL Power Dissipation Operating and Storage Junction Temperature PD TJ,Tstg 350 -65 to +150 UNITS mW C
ELECTRICAL CHARACTERISTICS PER DEVICE: (TA=25C unless otherwise noted) - TESTED BETWEEN PIN 1 AND PIN 3 SYMBOL IR VF VF VF TEST CONDITIONS VR=20V IF=1.0mA IF=10mA IF=100mA CMXSTB200 MAX MIN 10 1.11 1.38 1.64 1.31 1.58 1.94 1.71 2.08 2.61 CMXSTB300 MIN MAX 10 1.91 2.28 2.91 2.20 2.60 3.40 CMXSTB400 MIN MAX 10 2.80 3.20 4.10 UNITS A V V V
R0 (29-April 2005)
Central
TM
Semiconductor Corp.
CMXSTB200 CMXSTB300 CMXSTB400 SURFACE MOUNT FORWARD REFERENCE DIODE (STABISTOR)
SOT-26 CASE - MECHANICAL OUTLINE
CMXSTB200
CMXSTB300
CMXSTB400
LEAD CODE: 1) Anode D1 2) Cathode D1, Anode D2 3) Cathode D2 4) NC (No Connection) 5) NC (No Connection) 6) NC (No Connection)
LEAD CODE: 1) Anode D1 2) Cathode D2, Anode D3 3) Cathode D3 4) NC (No Connection) 5) Anode D2, Cathode D1 6) NC (No Connection)
LEAD CODE: 1) Anode D1 2) Cathode D3, Anode D4 3) Cathode D4 4) NC (No Connection) 5) Anode D3, Cathode D2 6) Cathode D1, Anode D2
Suggested Mounting Pad Geometry (Dimensions in mm)
CMXSTB200 CMXSTB300 CMXSTB400
R0 (29-April 2005)


▲Up To Search▲   

 
Price & Availability of CMXSTB200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X