Part Number Hot Search : 
725BAZTJ B65651 00BZX SG55474 CDG00 DG9424DQ SB630DC FR307
Product Description
Full Text Search
 

To Download CMUT5551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMUT5551 NPN SILICON TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMUT5551 type is an NPN silicon transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for high voltage amplifier applications. MARKING CODE: 55C
SOT-523 CASE
MAXIMUM RATINGS: (TA=25C) SYMBOL Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance TJ,Tstg JA -65 to +150 500 C C/W VCBO VCEO VEBO IC PD 180 160 6.0 600 250 UNITS V V V mA mW
SYMBOL ICBO ICBO BVCBO BVCEO BVEBO
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) TEST CONDITIONS MIN VCB=120V VCB=120V, TA=100C IC=100A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IC=50mA, IB=1.0mA IB=5.0mA 80 80 30 100 50 180 160 6.0
MAX 50 50
UNITS nA A V V V
VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE fT Cob hfe NF
0.15 0.20 1.00 1.00 250 300 6.0 200 8.0
V V V V
VCE=5.0V, IC=1.0mA VCE=5.0V, IC=10mA VCE=5.0V, IC=50mA VCE=10V, IC=10mA, f=100MHz VCB=10V, IE=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=200A, RS=10 f=10Hz to 15.7kHz
MHz pF dB
R0 (28-October 2004)
Central
TM
Semiconductor Corp.
CMUT5551 NPN SILICON TRANSISTOR
SOT-523 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODE: 55C
R0 (28-October 2004)


▲Up To Search▲   

 
Price & Availability of CMUT5551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X