Part Number Hot Search : 
TA3020 STA541SA PVM2VXX C1206 BCM207 OSD070T 12120 KP30A
Product Description
Full Text Search
 

To Download CMST6427E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMST6427E ENHANCED SPECIFICATION SURFACE MOUNT, SUPERminiTM SILICON NPN DARLINGTON TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMST6427E is an Enhanced Specification, SUPERminiTM, NPN Silicon Darlington Transistor. High DC Current gains, coupled with a Low Saturation Voltage, make this an excellent choice for industrial/consumer applications where operational efficiency and small size are top priority. MARKING CODE : C46
SOT-323 CASE APPLICATIONS:
FEATURES:
* MOTOR DRIVERS * RELAY DRIVERS * PRE-AMPLIFIER INPUT APPLICATIONS * VOLTAGE REGULATOR CONTROLS
* HIGH CURRENT (500mA MAX) * HIGH DC CURRENT GAIN (15K MIN) * LOW SATURATION VOLTAGE (VCE(SAT)= 0.8V MAX) * HIGH INPUT IMPEDANCE * SUPERminiTM SOT-323 SURFACE MOUNT PACKAGE
UNITS V V V V mA mW C C/W
MAXIMUM RATINGS: (TA=25C unless otherwise noted) SYMBOL Collector-Base Voltage VCBO Collector-Emitter Voltage VCES Collector-Emitter Voltage VCEO Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance VEBO IC PD TJ,Tstg JA
60 60 40 12 500 275 -65 to +150 455
ICEO
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN TYP ICBO VCB=30V VCE=25V VBE=10V IC=100A IC=100A IC=10mA IE=10A IC=50mA, IB=0.5mA IC=100mA, IB=0.1mA IC=500mA, IB=0.5mA
MAX 100 100 100
UNITS nA nA nA V V V V V V V
IEBO BVCBO BVCES BVCEO BVEBO VCE(SAT) VCE(SAT) VCE(SAT)
60 60 40 14 0.80 0.85 1.0
Enhanced Specification
R0 (22-March 2006)
Central
TM
CMST6427E ENHANCED SPECIFICATION SURFACE MOUNT, SUPERminiTM SILICON NPN DARLINGTON TRANSISTOR
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS (CONTINUED): (TA=25C unless otherwise noted) SYMBOL VBE(SAT) VBE(ON) hFE hFE hFE fT Cob Cib NF TEST CONDITIONS IC=500mA, IB=0.5mA VCE=5.0V, IC=50mA VCE=5.0V, IC=10mA VCE=5.0V, IC=100mA VCE=5.0V, IC=500mA VCE=5.0V, IC=10mA, f=100MHz VCB=10V, IE=0, f=1.0MHz VBE=0.5V, IC=0, f=1.0MHz VCE=5.0V, IC=1.0mA, RS=100k, f=1.0kHz TO 15.7kHz MIN TYP MAX 2.00 1.75 100K 200K 140K 7.0 15 10 UNITS V V
15K 25K 15K 200
MHz pF pF dB
Enhanced Specification
SOT-323 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODE: C46
R0 (22-March 2006)


▲Up To Search▲   

 
Price & Availability of CMST6427E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X