|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CMST3904 NPN CMST3906 PNP SUPERminiTM COMPLEMENTARY SILICON TRANSISTOR Central TM Semiconductor Corp. DESCRIPTION: The CENTRAL SEMICONDUCTOR CMST3904, CMST3906 types are complementary silicon transistors manufactured by the epitaxial planar process, epoxy molded in a SUPERminiTM surface mount package, designed for small signal general purpose amplifier and switching applications. MARKING CODES: CMST3904: 1AC CMST3906: 2AC SOT-323 CASE MAXIMUM RATINGS: (TA=25C) SYMBOL Collector-Base Voltage VCBO Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance TJ,Tstg JA -65 to +150 500 C C/W VCEO VEBO IC PD CMST3904 60 40 6.0 200 250 CMST3906 40 40 5.0 UNITS V V V mA mW ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) CMST3904 SYMBOL TEST CONDITIONS MIN MAX ICEV BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE hFE hFE fT VCE=30V, VEB=3.0V IC=10A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA VCE=1.0V, IC=0.1mA VCE=1.0V, IC=1.0mA VCE=1.0V, IC=10mA VCE=1.0V, IC=50mA VCE=1.0V, IC=100mA VCE=20V, IC=10mA, f=100MHz 40 70 100 60 30 300 300 0.65 50 60 40 6.0 0.20 0.30 0.85 0.95 CMST3906 MIN MAX 50 40 40 5.0 0.25 0.40 0.65 0.85 0.95 60 80 100 60 30 250 300 UNITS nA V V V V V V V MHz R2 (26-September 2002) Central TM CMST3904 NPN CMST3906 PNP SUPERminiTM COMPLEMENTARY SILICON TRANSISTOR CMST3906 MIN MAX 4.5 10 2.0 0.1 100 3.0 12 10 400 60 mhos Semiconductor Corp. ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) CMST3904 SYMBOL TEST CONDITIONS MIN MAX Cob Cib hie hre hfe hoe NF VCB=5.0V, IE=0, f=1.0MHz VBE=0.5V, IC=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=100mA, RS=1.0k f=10Hz to 15.7kHz td tr ts tf VCC=3.0V, VBE=0.5, IC=10mA, IB1=1.0mA VCC=3.0V, VBE=0.5, IC=10mA, IB1=1.0mA VCC=3.0V, IC=10mA, IB1=IB2=1.0mA VCC=3.0V, IC=10mA, IB1=IB2=1.0mA 5.0 35 35 200 50 1.0 0.5 100 1.0 4.0 8.0 10 8.0 400 40 UNITS pF pF k x10-4 4.0 35 35 225 75 dB ns ns ns ns SOT-323 CASE - MECHANICAL OUTLINE LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODES: CMST3904: 1AC CMST3906: 2AC R2 (26-September 2002) Cob Cib hie hre hfe hoe NF td tr ts tf VCB=5.0V, IE=0, f=1.0MHz VBE=0.5V, IC=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=100mA, RS=1.0k f=10Hz to 15.7kHz VCC=3.0V, VBE=0.5, IC=10mA, IB1=1.0mA VCC=3.0V, VBE=0.5, IC=10mA, IB1=1.0mA VCC=3.0V, IC=10mA, IB1=IB2=1.0mA VCC=3.0V, IC=10mA, IB1=IB2=1.0mA 1.0 0.5 100 1.0 4.0 8.0 10 8.0 400 40 5.0 35 35 200 50 2.0 0.1 100 3.0 4.5 10 12 10 400 60 4.0 35 35 225 75 pF pF k x10-4 mhos dB ns ns ns ns |
Price & Availability of CMST3906 |