Part Number Hot Search : 
HS0038 TS3V339 TS3V339 RL73N1E MSO2M BF423A3S 1N5229A 220M4
Product Description
Full Text Search
 

To Download CMPTA77 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPTA77 SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMPTA77 type is a Silicon PNP Darlington Transistor manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for applications requiring extremely high gain. MARKING CODE: C77
SOT-23 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VCES VEBO IC PD TJ,Tstg JA
60 10 500 350 -65 to +150 357
UNITS V V mA mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL ICES ICBO IEBO BVCES BVCBO VCE(SAT) VBE(ON) hFE hFE fT TEST CONDITIONS VCE=50V VCB=50V VEB=10V IC=100A IC=100A IC=100mA, IB=0.1mA VCE=5.0V, IC=100mA VCE=5.0V, IC=10mA VCE=5.0V, IC=100mA VCE=5.0V, IC=10mA, f=100MHz 10,000 10,000 125 MHz 60 60 1.5 2.0 MIN MAX 500 100 100 UNITS nA nA nA V V V V
R0 (19-March 2003)
Central
TM
CMPTA77 SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
Semiconductor Corp.
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODE: C77
R0 (19-March 2003)


▲Up To Search▲   

 
Price & Availability of CMPTA77

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X