Part Number Hot Search : 
IRF6715 M54583 KE39A EFF18 1SS250 V38CP20 RT7237B B25655J
Product Description
Full Text Search
 

To Download CMPTA42E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPTA42E NPN CMPTA92E PNP ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
Central
TM
Semiconductor Corp.
DESCRIPTION: The Central Semiconductor CMPTA42E & CMPTA92E types are Enhanced versions of the CMPTA42 & CMPTA92 complementary surface mount high voltage transistors. MARKING CODES: CMPTA42E: C1DE CMPTA92E: C2DE FEATURED ENHANCED SPECIFICATIONS: BVCBO from 300V min to 350V min. BVCEO from 300V min to 350V min. hFE from 25 min to 50 min.
SOT-23 CASE
MAXIMUM RATINGS: (TA=25C)
Collector-Base Voltage Collector-Emitter Voltage
Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VCBO VCEO VEBO IC PD TJ, Tstg JA
350 350 6.0 500 350 -65 to +150 357
UNITS V V V mA mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL ICBO IEBO TEST CONDITIONS VCB=200V VBE=3.0V IC=100A IC=1.0mA IE=100A IC=50mA, IB=5.0mA IC=20mA, IB=2.0mA VCE=10V, IC=1.0mA VCE=10V, IC=10mA VCE=10V, IC=30mA VCE=20V, IC=10mA, f=100MHz VCB=20V, IE=0, f=1.0MHz 350 350 6.0 590 475 8.7 125 50 50 50 50 110 110 110 75 500 450 9.6 150 105 105 105 75 6.0 MHz pF 350 0.9 MIN TYP CMPTA42E CMPTA92E MAX 250 100 UNITS nA nA V V V mV V
BVCBO BVCEO VCE(SAT) hFE hFE hFE
fT Cob VBE(SAT) BVEBO
Enhanced specification.
R2 (10-October 2003)
Central
TM
Semiconductor Corp.
CMPTA42E NPN CMPTA92E PNP ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODE: CMPTA42E: C1DE CMPTA92E: C2DE
R2 (10-October 2003)


▲Up To Search▲   

 
Price & Availability of CMPTA42E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X