Part Number Hot Search : 
ER208 INTEGRA VCX162 SMCJ1 1N2138AR SUD50P0 01140 74HC04A
Product Description
Full Text Search
 

To Download CMLM7405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLM7405
MULTI DISCRETE MODULE TM
SURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
TM
Central
TM
Semiconductor Corp.
DESCRIPTION: The Central Semiconductor CMLM7405 is a single PNP Transistor and Schottky Diode packaged in a space saving SOT-563 case is designed for small signal general purpose applications where size and operational efficiency are prime requirements. * Complementary Device: CMLM3405 * Combination High Current Low VCE (SAT) Transistor and Low VF Schottky Diode.
SOT-563 CASE
MARKING CODES: C57
SYMBOL PD TJ, Tstg JA SYMBOL VCBO VCEO VEBO IC ICM SYMBOL VRRM IF IFRM IFSM UNITS mW C C/W UNITS V V V A A UNITS V mA A A
MAXIMUM RATINGS (SOT-563 Package): (TA=25C) Power Dissipation Operating and Storage Junction Temperature Thermal Resistance MAXIMUM RATINGS Q1: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Current (Peak) MAXIMUM RATINGS D1: (TA=25C) Peak Repetitive Reverse Voltage Continuous Forward Current Peak Repetitive Forward Current, tp 1ms Forward Surge Current, tp = 8ms
350 -65 to +150 357 40 25 6.0 1.0 1.5 40 500 3.5 10
ELECTRICAL CHARACTERISTICS Q1: (TA=25C unless otherwise noted) SYMBOL ICBO IEBO BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VCE(SAT) VCE(SAT) VCE(SAT) VCE(SAT) VBE(SAT) VBE(ON) TEST CONDITIONS VCB=40V VEB=6.0V IC=100A IC=10mA IE=100A IC=50mA, IB=5.0mA IC=100mA, IB=10mA IC=200mA, IB=20mA IC=500mA, IB=50mA IC=800mA, IB=80mA IC=1.0A, IB=100mA IC=800mA, IB=80mA VCE=1.0V, IC=10mA MIN TYP MAX 100 100 UNITS nA nA V V V mV mV mV mV mV mV V V
40 25 6.0 25 40 80 150 220 275 50 75 150 250 400 450 1.1 0.9
R0 (23-March 2005)
CMLM7405
Central
TM
MULTI DISCRETE MODULE TM
SURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE MIN 100 100 100 50 100 MAX 300 UNITS
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS Q1 (continued) SYMBOL TEST CONDITIONS hFE VCE=1.0V, IC=10mA hFE VCE=1.0V, IC=100mA hFE VCE=1.0V, IC=500mA hFE VCE=1.0V, IC=1.0A fT VCE=10V, IC=50mA, f=100MHz Cob VCB=10V, IE=0, f=1.0MHz ELECTRICAL CHARACTERISTICS D1 (TA=25C) IR VR= 10V IR VR= 30V BVR IR= 500A VF IF= 100A VF IF= 1.0mA VF IF= 10mA VF IF= 100mA VF IF= 500mA CT VR= 1.0V, f=1.0 MHz
15
MHz pF
20 100 40 0.13 0.21 0.27 0.35 0.47 50
A A V V V V V V pF
SOT-563 - MECHANICAL OUTLINE
D E A
6 5 4
E
B
G
F
1
2
3
C
H R0
MARKING CODE: C57
LEAD CODE: 1) EMITTER Q1 2) BASE Q1 3) CATHODE D1 4) ANODE D1 5) ANODE D1 6) COLLECTOR Q1
R0 (23-March 2005)


▲Up To Search▲   

 
Price & Availability of CMLM7405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X