Part Number Hot Search : 
1N1343B WARP20 LCE15A LTC38 C2591 RT9629A R1004 78L15A
Product Description
Full Text Search
 

To Download CMLD6001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLD6001 SURFACE MOUNT PICOminiTM DUAL, ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMLD6001 type contains Two (2) Isolated Silicon Switching Diodes, manufactured by the epitaxial planar process, epoxy molded in a PICOminiTM surface mount package. These devices are designed for switching applications requiring extremely low leakage. MARKING CODE: C6D
SOT-563 CASE
MAXIMUM RATINGS: (TA=25C) Continuous Reverse Voltage Peak Repetitive Reverse Voltage Continuous Forward Current Forward Surge Current, tp=1 sec. Forward Surge Current, tp=1 sec. Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VR VRRM IF IFSM IFSM PD TJ,Tstg JA 75 100 250 4000 1000 250 -65 to +150 500 UNITS V V mA mA mA mW C C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL IR BVR VF VF VF CT trr TEST CONDITIONS VR=75V IR=100A IF=1.0mA IF=10mA IF=100mA VR=0, f=1 MHz IR=IF=10mA, RL=100 Rec. to 1.0mA MIN 100 0.85 0.95 1.1 2.0 3.0 MAX 500 UNITS pA V V V V pF s
R0 (3-November 2003)
Central
TM
CMLD6001 SURFACE MOUNT PICOminiTM DUAL, ISOLATED LOW LEAKAGE SILICON SWITCHING DIODES
Semiconductor Corp.
SOT-563 CASE - MECHANICAL OUTLINE
D A
6
E
5
E
4
B
G
F
1
2
3
C
H
R0
Pin Configuration
LEAD CODE: 1) ANODE D1 2) NC 3) ANODE D2 4) CATHODE D2 5) NC 6) CATHODE D1 MARKING CODE: C6D R0 (3-November 2003)


▲Up To Search▲   

 
Price & Availability of CMLD6001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X