Part Number Hot Search : 
M188R6 7SD40 1N5684 BC858 82C50A S9006K R5F61653 1N5223B
Product Description
Full Text Search
 

To Download CMDSH05-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMDSH05-4 SURFACE MOUNT SUPERminiTM LOW VF SILICON SCHOTTKY DIODE
Central
DESCRIPTION:
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CMDSH05-4 is a 40 volt Schottky Diode packaged in a space saving surface mount SOD-323 case. This SUPERminiTM device has been designed for applications requiring a low forward voltage drop. MARKING CODE: C55
SOD-323 CASE
MAXIMUM RATINGS: (TA=25C) SYMBOL Peak Repetitive Reverse Voltage Continuous Forward Current Peak Repetitive Forward Current, tp 1ms Forward Surge Current, tp = 8ms Power Dissipation Operating and Storage Junction Temperature Thermal Resistance VRRM IF IFRM IFSM PD TJ, Tstg JA (TA=25C unless otherwise noted) MIN MAX 20 100 40 0.13 0.21 0.27 0.35 0.47 50 UNITS A A V V V V V V pF 40 500 3.5 10 250 -65 to +150 500 UNITS V mA A A mW C C/W
ELECTRICAL CHARACTERISTICS: SYMBOL IR IR BVR VF VF VF VF VF CT TEST CONDITIONS VR= 10V VR= 30V IR= 500A IF= 100A IF= 1.0mA IF= 10mA IF= 100mA IF= 500mA VR= 1.0V, f=1.0 MHz
R0 (07-September 2004)
Central
TM
CMDSH05-4 SURFACE MOUNT SUPERminiTM LOW VF SILICON SCHOTTKY DIODE
Semiconductor Corp.
SOD-323 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) CATHODE 2) ANODE MARKING CODE: C55
R0 (07-September 2004)


▲Up To Search▲   

 
Price & Availability of CMDSH05-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X