Part Number Hot Search : 
2N5246 257BT MAX630 CA3088 RN1310 2SK32 MCP1653 Z1019A
Product Description
Full Text Search
 

To Download CMBZ5229B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SILIICON PLANAR ZENER DIODE
3
Pin Configuration
1 = ANODE 2 = NC 3 = CATHODE
CMBZ 5225B to CMBZ5229B SOT-23
1
2
General Purpose Zener Diode
ABSOLUTE MAXIMUM RATINGS(Tamb=25deg C) DESCRIPTION Power Dissipation Junction Temperature Storage Temperature (1) On infinite heatsink with 4mm Lead Length ELECTRICAL CHARACTERISTICS (Tamb=25 deg C) Device Zener Voltage* VZ(+-5%) nom (V) 3.0 3.3 3.6 3.9 4.3 rZT max (ohm) 29 28 24 23 22 IZT VF <0.9V @ 10mA rZK max (ohm) 1600 1600 1700 1900 2000 IZK IR max (uA) 50 25 15 10 5.0 VR MARKING SYMBOL Ptot TJ Tstg VALUE 225 150 -55-150 UNIT mW dec C dec C
(mA) 20 20 20 20 20
(mA) 0.25 0.25 0.25 0.25 0.25
(V) 1.0 1.0 1.0 1.0 1.0 18E 8A 8B 8C 8D
CMBZ5225B CMBZ5226B CMBZ5227B CMBZ5228B CMBZ5229B
* Zener Voltage is measured after 40ms from the start of operating
Continental Device India Limited
Data Sheet
Page 1 of 3
SOT-23 Formed SMD Package
0.05 2.50 0.02 0.60 0.025 1.30 0.02 0.60
SOT-23 Package Reel Information
Reel specifications for W" Packing (13" reel)
14.4 MAX o100.0 0.5 / o 54.5 0.5 o329.2 0.5 / 178 0.5 7.9 - 10.9 9.2 0.5
+0.08
0.025 2.90
0.05 1.90
0.40 -0.02
1
cL
3
+0.5 -0.2 o13.0
180 or 330 TRAILER
2
o20.2 MIN
3
3
DETAIL X
0.02 0.60
PARTING LINE RO.08 0.01 0.12 4" 3" 0.04 0.06 R0.08
0.025 0.95
All dim ensions in mm 330 / 180 m m - Antistatic Co ated Plastic Re el N O TE S: N o. of D evices 1. 2. 3. 4. 5. 8m m Tape Size of Re el 330 m m (13") 10,000 Pcs 8m m Tape Size of Re el 180 m m (7") 3,000 Pcs
6
0.21
7 0.05 2.50
5
The b andolier of 33 0 m m ree l contains at le ast 1 0,00 0 de vices. The b andolier of 18 0 m m ree l contains at le ast 3 ,000 devices. N o m ore than 0 .5% m issing device s / reel. 5 0 em pty comp artm ents for 33 0 m m ree l. 15 em pty com partm ents for 180 m m reel. Three con secutive em pty places m ight be fo und provided this g ap is follo wed by 6 conse cutive de vices. The carrie r tape (leader) starts w ith at least 75 em pty positions (equivalen t to 330 m m). In order to fix the carrier tape a self ad hesive tap e of 20 to 50 mm is applied . At the e nd o f the ban dolier at least 40 em pty p ositions (equivalent to 1 60 m m ) a re there.
Tape Specification for SOT-23 Surface Mount Device
0.1 4.0 0.05 0.1 2.0 4.0 0.1 1.75 +0.3 0.05 - 0.1 3.5 8.0 5.75 MAX 0.05 0.05 1.55
0.10 2.77 0.1 1.22 1.6 MAX
1.0 0.10 3.15
Direction of U nreeling
All dim ensions in m m
Packing Detail
PACKAGE Details SOT-23 T&R 3K/reel 10K/reel STANDARD PACK Net Weight/Qty 136 gm/3K pcs 415 gm/10K pcs Size 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5"
Data Sheet
INNER CARTON BOX Qty 12.0K 51.0K 10.0K Size
OUTER CARTON BOX Qty 192.0K 408.0K 300.0K Gr Wt 12 kgs 28 kgs 16 kgs 17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5"
Continental Device India Limited
Page 2 of 3
FIXING TAPE
0.08
LEADER
0.02 0.60 1.30 7 0.08
0.02 0.60
2.0 0.5
Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com
Continental Device India Limited
Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CMBZ5229B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X