Part Number Hot Search : 
T7001830 BD6581GU EA1060D VS125B 2SD1517 SCBH2 TLP117 4LS37
Product Description
Full Text Search
 

To Download CMBT4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SOT-23 Formed SMD Package
CMBT4403
SILICON PLANAR EPITAXIAL TRANSISTOR
P-N-P transistor
Marking CMBT4403 = 2T
PACKAGE OUTLINE DETAILS ALL DIMENSIONS IN m m
Pin configuration 1 = BASE 2 = EMITTER 3 = COLLECTOR
3
1
2
ABSOLUTE MAXIMUM RATINGS Collector-emitter voltage Collector current (DC) DC current gain IC = 150 mA; VCE = 2 V Total power dissipation up to Tamb = 25 C RATINGS (at TA = 25C unless otherwise specified) Limiting values Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current (DC) Total power dissipation up to Tamb = 25 C Storage temperature range Junction temperature
-V CEO -IC hFE Ptot
max. max. min. max. max
40 V 600 mA 100 300 250 mW
-V CEO -V CBO -V EBO -IC Ptot Tstg Tj
max. 40 V max. 40 V max. 5V max. 600 mA max 250 mW -55 to +150 C max. 150 C
Continental Device India Limited
Data Sheet
Page 1 of 3
CMBT4403
THERMAL RESISTANCE From junction to ambient CHARACTERISTICS Tamb = 25 C unless otherwise specified Collector-emitter breakdown voltage -IC = 1.0 mA; IB = 0 Collector-base breakdown voltage -IC = 100 A; IE = 0 Emitter-base breakdown voltage -IE = 100 A; IC = 0 Base cut-off current -VCE = 35 V; -VEB = 0.4 V Collector cut-off current -VCE = 35 V; -VEB = 0.4 V D.C. current gain -IC = 0.1 mA; -VCE = 1 V -IC = 1.0 mA; -VCE = 1 V -IC = 10 mA; -VCE = 1 V -IC = 150 mA; -VCE = 2 V -IC = 500 mA; -VCE = 2 V Saturation voltage -IC = 150 mA; -IB = 15 mA -IC = 500 mA; -IB = 50 mA Transition frequency f = 100 MHz; -IC = 20 mA; -VCE = 10 V Collector-base capacitance IE = 0; -VCB = 10 V; f = 100 kHz Emitter-base capacitance IC = 0; -VBE = 0.5 V; f = 100 kHz Input impedance at f = 1 kHz; -IC = 1 mA; -VCE = 10 V Voltage feed-back ratio at f = 1 kHz; -IC = 1 mA; -VCE = 10 V Small-signal curent gain at f = 1 kHz -IC = 1 mA; -VCE = 10 V
Rth j-a
=
500 K/W
-V(BR)CEO > -V(BR)CBO > -V(BR)EBO > -I BEX -I CEX < <
40 V 40 V 5V 0.1 mA 0.1 mA
hFE hFE hFE hFE hFE
> > > >
30 60 100 100 to 300 20
-V CEsat -VBEsat -V CEsat -VBEsat fT C cb C eb hie
< < < > < <
0.4 V 0.75 to 0.95 V 0.75 V 1.3 V 200 MHz 8.5 pF 35 pF 1.5 kW 15 kW
min. max.
hre
min.0.1 x 10-4 max. 8 x 10-4 min. max. 60 500
hfe
Continental Device India Limited
Data Sheet
Page 2 of 3
CMBT4403
Output admittance at f = 1 kHz; -IC = 1 mA; -VCE = 10 V Switching times (resistive load) Turn-on time -IC = 150 mA; -IB1 = 15 mA; -VCC = 30 V; -VEB = 2 V delay time rise time Turn-off time -IC = 150 mA; -VCC = 30 V; -IB1 = +IB2 = 15 mA storage time fall time hoe
min. max.
1 mS 100 mS
td tr
max. max.
15 ns 20 ns
ts tf
max. max.
225 ns 30 ns
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CMBT4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X