Part Number Hot Search : 
E2103S 1N6303 100LT AVC06S04 ALD2302 ADIS1 M74HC L3020
Product Description
Full Text Search
 

To Download CMBT4124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SOT-23 Formed SMD Package
CMBT4124
GENERAL PURPOSE TRANSISTOR
N-P-N transistor
Marking CMBT4124 = 5C
PACKAGE OUTLINE DETAILS ALL DIMENSIONS IN m m
Pin configuration 1 = BASE 2 = EMITTER 3 = COLLECTOR
3
1
2
ABSOLUTE MAXIMUM RATINGS Collector-base voltage (open emitter) Collector-emitter voltage (open base) Emitter-base voltage (open collector) Collector current (d.c.) Total power dissipation at Tamb = 25C D.C. current gain -IC = 2 mA; -VCE = 1 V
-V CBO -V CEO -V EBO -IC Ptot hFE
max. max. max. max. max min. max.
30 25 5 200 225 120 360
V V V mA mW
RATINGS (at TA = 25C unless otherwise specified) Limiting values Collector-base voltage (open emitter) -V CBO Collector-emitter voltage (open base) -V CEO Emitter-base voltage (open collector) -V EBO Collector current (d.c.) -IC Ptot Total power dissipation at Tamb = 25C Storage temperature Tstg Junction temperature Tj
max. 30 max. 25 max. 5 max. 200 max 225 -55 to +150 max. 150
V V V mA mW C C
Continental Device India Limited
Data Sheet
Page 1 of 3
CMBT4124
THERMAL CHARACTERISTICS Tj = P (Rth j-t + Rth s-a) + Tamb Thermal resistance from junction to ambient
Rth j-a
556
C/mW
CHARACTERISTICS (at TA = 25C unless otherwise specified) Collector-emitter breakdown voltage -V(BR)CEO min. -IC = 1 mA; IB = 0 Collector-base breakdown voltage -V(BR)CBO min. -IC = 10 mA; IE = 0 Emitter-base breakdown voltage -V(BR)EBO min. -IE = 10 mA; IC = 0 Collector cut-off current -I CBO max. -VCB = 20 V; IE = 0 V Emitter cut-off current IEBO max. VBE = 3 V; IC =0 Output capacitance at f = 100 kHz Cc max. IE = 0; -VCB = 5 V Input capacitance at f = 100 kHz Ce max. IC = 0; -VBE = 0.5 V Saturation voltages -IC = 50 mA; -IB = 5 mA -IC = 50 mA; -IB = 5 mA D.C. current gain -IC = 2 mA; -VCE = 1 V -IC = 50 mA; -VCE = 1 V Noise figure at RS = 1 kW -IC = 100 mA; -VCE = 5 V f = 10 Hz to 15.7 kHz Small signal current gain VCE = 1V; IC = 2 mA; f = 1 KHz
25 30 5 50 50 4 8
V V V nA nA pF pF
-VCEsat -VBEsat hFE hFE
max. max. min. max. min.
0.3 0.95 120 360 60
V V
NF
max.
6
dB
hfe
min. max.
120 480
Transition frequency VCE = 20V; IC = 10 mA; f = 100 MHz
fT
min.
300
MHz
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited Data Sheet Page 3 of 3
CDIL is a registered Trademark of


▲Up To Search▲   

 
Price & Availability of CMBT4124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X