Part Number Hot Search : 
11000 LC7730 SLA50 2SC4378 C100B CONTROL KBU800 A2022
Product Description
Full Text Search
 

To Download CJE13007A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
NPN PLASTIC POWER TRANSISTOR
CJE13007 TO-220 Plastic Package
Used in Energy Saving Lights and Power Switching Circuits ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Continuous Power Dissipation upto Ta=25C Power Dissipation upto Tc=25C Operating and Storage Junction Temperature Range SYMBOL VCBO VCEO VEBO IC PD PD Tj, Tstg VALUE 700 400 9 8 2 80 - 55 to +150 UNIT V V V A W W C
ELECTRICAL CHARACTERISTICS (Tc=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION ICBO VCB=700V, IE=0 Collector Cut Off Current IEBO VEB=9V, IC=0 Emitter Cut Off Current *hFE IC=2A, VCE=5V DC Current Gain Ratio Between hFE1 of Low Current and hFE1 IC=5mA, VCE=5V hFE1/hFE2 hFE2 IC=2A, VCE=5V hFE2 of High Current *VCE (sat) IC=5A, IB=1A Collector Emitter Saturation Voltage *VBE (sat) IC=5A, IB=1A Base Emitter Saturation Voltage fT VCE=10V, IC=500mA, f=1MHz Transition Frequency Switching Time DESCRIPTION Fall Time Storage Time *hFE Classification
MIN
TYP
8 0.75
MAX 1.0 1.0 40
UNIT mA mA
1.5 1.5 4
V V MHz
SYMBOL tf ts
TEST CONDITION IC=2A, IB1= -1B2=0.4A VCC=120V A : 08 - 25 CJE 13007A XX B : 20 - 40 CJE 13007B XX
MIN
TYP
MAX 0.8 3.6
UNIT s s
*Pulse test tp <300s, CJE13007Rev040206E
CJE13007Rev_1 110306E
duty cycle <2%
Continental Device India Limited
Data Sheet
Page 1 of 3
CJE13007 TO-220 Plastic Package TO-220 Plastic Package
B H F C E DIM MIN MAX A 14.42 16.51 9.63 10.67 B C 3.56 4.83 -- 0.90 D 1.15 1.40 E F 3.75 3.88 2.29 2.79 G 3.43 H 2.54 -- J 0.56 12.70 14.73 K L 2.80 4.07 2.03 2.92 M -- 31.24 N O 7 DEG All diminsions in mm.
A N L 1 2 3 D G K 0 J M 0
4
1
2
3
Pin Configuration 1. Base 2. Collector 3. Emitter 4. Collector
TO-220 Tube Packing
Label 536.00 1.5 End Pin 13.74
DEVICE NAME Sr. QTY. 32.85 6.87 Tube Thickness
.00 538
A ll Dimensions in mm
50 Pcs./Tube
AMMO PACK SIZE
Label
92.0
75. 0
20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack
OUTER CARTON BOX Size 17" x 15" x 13.5" 19" x 19" x 19" Qty 16.0K 10.0K Gr Wt 36 kgs 29 kgs
Packing Detail
PACKAGE Details TO-220 200 pcs/ polybag 50 pcs/ tube STANDARD PACK Net Weight/ Qty 396 gm/ 200 pcs 120 gm/ pcs 50 Size 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" INNER CARTON BOX Qty 1.0K 1.0K
CJE13007Rev_1 110306E
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
CJE13007 TO-220 Plastic Package
Component Disposal Instructions 1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com
CJE13007Rev_1 110306E
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CJE13007A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X