Part Number Hot Search : 
BZX84B10 01100 PI5L100W M54523FP CC102 CC102 AN1014 4553B
Product Description
Full Text Search
 

To Download CFD13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
NPN SILICON POWER TRANSISTOR
PIN 1: BASE PIN 2: COLLECTOR PIN 3: EMITTER
CFD13003 TO-126FP Plastic Package
Applications Suitable for Lighting, Switching Regulator and Motor Control
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter (sus) Voltage Emitter Base Voltage Collector Current Continuous Peak (1) Base Current Continuous Peak (1) Emitter Current Continuous Peak (1) Power Dissipation at Ta=25 C Derate Above 25C Power Dissipation at Tc=25 C Derate Above 25C Operating and Storage Junction Temperature Range THERMAL RESISTANCE Junction to Case Junction to Ambient Maximum Lead Temperature for Soldering Purpose: 1/8" from Case for 5 Seconds (1) Pulse Test: Pulse Width=5ms, Duty Cycle=10% ELECTRICAL CHARACTERISTICS (Ta=25C Unless Specified Otherwise) DESCRIPTION SYMBOL TEST CONDITION VCBO IC=1mA, IE=0 Collector Base Voltage Collector Emitter (sus) Voltage Collector Cut-Off Current Emitter Cut-Off Current *Pulse Test: PW=300s, Duty Cycle=2%
CFD13003Rev 300905D
SYMBOL VCBO VCEO VEBO IC ICM IB IBM IE IEM PD PD Tj, Tstg
VALUE 600 400 9.0 2.5 4.0 0.75 1.5 2.25 4.5 1.4 11.2 45 360 - 65 to+150
UNIT V V V A A A A A A W mW/ C W mW/ C C
Rth (j-c) Rth (j-a) TL
2.77 89 275
C/W C/W C
MIN 600 400 -
TYP -
MAX 1.0 5.0 1.0
UNIT V V mA mA mA
*VCEO(sus) ICBO IEBO
IC=10mA, IB=0 VCB=600V, IE=0 VCB=600V, IE=0, Tc=100C VEB=9V, IC=0
Continental Device India Limited
Data Sheet
Page 1 of 3
CFD13003 TO-126FP Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25C Unless Specified Otherwise) DESCRIPTION DC Current Gain Collector Emitter Saturation Voltage SYMBOL *hFE *VCE (sat) TEST CONDITION **IC=0.5A, VCE=5V IC=1A, VCE=5V IC=0.5A, IB=0.1A IC=1A, IB=0.25A IC=1.5A, IB=0.5A IC=1A, IB=0.25A,Tc=100C Base Emitter Saturation Voltage *VBE (sat) IC=0.5A, IB=0.1A IC=1A, IB=0.25A IC=1A, IB=0.25A,Tc=100C DYNAMIC CHARACTERISTICS DESCRIPTION Current Gain Bandwidth Product Output Capacitance SWITCHING TIME Turn On Time Storage Time Fall Time ** hFE Classification:Note:- Product is pre selected in DC current gain (Groups A to F). CDIL reserves the right to ship any of the groups according to production availability. MARKING SYMBOL fT Cob ton tstg ts TEST CONDITION IC=100mA, VCE=10V, f=1MHz VCB=10V, f=0.1MHz MIN 4.0 TYP 21 MAX 1.1 4.0 0.7 UNIT MHz pF s s s MIN 11 5 TYP MAX 30 25 0.5 1.0 2.5 1.0 1.0 1.2 1.1 V V V V V V V UNIT
VCC=125V, IC=1A, IB1=0.2A, IB2=0.2A
A 11-16
B 15-19
C 18-22
E 21-25
F 24-30
CFD 13003A XY
CFD 13003B XY
CFD 13003C XY
CFD 13003E XY
CFD 13003F XY
*Pulse Test:- PW=300s, Duty Cycle=2%
CFD13003Rev 300905D
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
CFD13003 TO-126FP Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 e-mail email@cdil.com www.cdilsemi.com
CFD13003Rev 300905D
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CFD13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X