Part Number Hot Search : 
B1181 DWR2G PE4921 2SK55 COACH10M RS431AA IPW60R AFL3701
Product Description
Full Text Search
 

To Download CEF07N8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CEF07N8
PRELIMINARY
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FEATURES
800V , 4A , RDS(ON)=2 @VGS=10V. Super high dense cell design for extremely low RDS(ON). High power and current handling capability. TO-220F full-pak for through hole
D
6
G
G D S
S
TO-220F
ABSOLUTE MAXIMUM RATINGS (Tc=25 C unless otherwise noted)
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous -Pulsed Drain-Source Diode Forward Current Maximum Power Dissipation @Tc=25 C Derate above 25 C Operating and Storage Temperautre Range Symbol VDS VGS ID IDM IS PD TJ, TSTG Limit 800 30 4 12 4 50 0.4 -55 to 150 Unit V V A A A W W/ C C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient R JC R JA
6-137
2.5 65
C/W C/W
CEF07N8
ELECTRICAL CHARACTERISTICS (TC=25 C unless otherwise noted)
Parameter
Single Pulse Drain-Source Avalanche Energy Maximum Drain-Source Avalanche Current
Symbol
a
Condition
VDD 50V, L=30.6mH RG=25
Min Typ Max Unit
DRAIN-SOURCE AVALANCHE RATING
6
EAS IAS
500 7
mJ A
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) RDS(ON) ID(ON) gFS
b
VGS = 0V, ID = 250A VDS = 800V, VGS = 0V VGS = 30V, VDS = 0V VDS = VGS, ID = 250A VGS =10V, ID = 4A VGS = 10V, VDS = 10V VDS = 50V, ID =4A VDD = 400V, ID = 6A, VGS = 10V RGEN=25
800 50 100 2 1.8 4 3 32 68 194 70 70 45 95 230 98 85 4 2.0
V A nA
ON CHARACTERISTICS a
Gate Threshold Voltage Drain-Source On-State Resistance On-State Drain Current Forward Transconductance A S ns ns ns ns nC nC nC
SWITCHING CHARACTERISTICS
Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VDS =640V, ID = 6A, VGS =10V
6-138
8 36
CEF07N8
ELECTRICAL CHARACTERISTICS (TC=25 C unless otherwise noted)
Parameter DYNAMIC CHARACTERISTICS b
Input Capacitance Output Capacitance Reverse Transfer Capacitance Diode Forward Voltage CISS COSS CRSS
a
Symbol
Condition
Min Typ Max Unit
1500 125 50
PF PF PF
VDS =25V, VGS = 0V f =1.0MHZ
6 4
DRAIN-SOURCE DIODE CHARACTERISTICS
VSD
VGS = 0V, Is =4A
1.5
V
Notes a.Pulse Test:Pulse Width 300 s, Duty Cycle 2%. b.Guaranteed by design, not subject to production testing.
6 VGS=10,9,8,7V 5
10
ID, Drain Current(A)
4 VGS=6V 3 2
ID, Drain Current (A)
150 C
1
VGS=5V
1 0 0 2 4 6 8 10 12
-55 C
0.1 2
25 C
1.VDS=40V 2.Pulse Test
4
6
8
10
VGS, Gate-to-Source Voltage (V)
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
6-139
CEF07N8
RDS(ON), Normalized RDS(ON), On-Resistance(Ohms)
1800 Ciss 1500
2.2 1.9 1.6 1.3 1.0 0.7 0.4 -100 -50 0 50 100 150 200
ID=4 VGS=10V
C, Capacitance (pF)
1200 900 600 300 0 0 5 10 15 20 25 Coss Crss
6 4
VDS, Drain-to Source Voltage (V)
TJ, Junction Temperature( C)
Figure 3. Capacitance
BVDSS, Normalized Drain-Source Breakdown Voltage Vth, Normalized Gate-Source Threshold Voltage
1.30 1.20 1.10 1.0 0.90 0.80 0.70 0.60 -50 -25 0 25 50 75 100 125 150 VDS=VGS ID=250 A
Figure 4. On-Resistance Variation with Temperature
1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 ID=250 A
0
25
50
75 100 125 150
Tj, Junction Temperature ( C)
Tj, Junction Temperature ( C)
Figure 5. Gate Threshold Variation with Temperature
4
Figure 6. Breakdown Voltage Variation with Temperature
20 10 VGS=0V
gFS, Transconductance (S)
VDS=50V 3
2
Is, Source-drain current (A)
0 1 2 3 4
1
1 0
0.1 0.4 0.6 0.8 1.0 1.2
IDS, Drain-Source Current (A)
VSD, Body Diode Forward Voltage (V)
Figure 7. Transconductance Variation with Drain Current 6-140
Figure 8. Body Diode Forward Voltage Variation with Source Current
CEF07N8
VGS, Gate to Source Voltage (V)
15 12 9 6 3 0 0 25 50 75 100
Qg, Total Gate Charge (nC)
VDS=640V ID=6A
ID, Drain Current (A)
10 1
10
)L im it
10
0 s
1m
m s
s
10
RD
S(
ON
0m s
D
10 0
C
10
-1
TC=25 C Tj=150 C Single Pulse 10 1 10 2 10
3
6
10 0
VDS, Drain-Source Voltage (V)
Figure 9. Gate Charge
Figure 10. Maximum Safe Operating Area
VDD t on V IN D VGS RGEN G
90%
toff tr
90%
RL VOUT
td(on) VOUT
td(off)
90% 10%
tf
10%
INVERTED
S
VIN
50% 10%
50%
PULSE WIDTH
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms
r(t),Normalized Effective Transient Thermal Impedance
10 0
D=0.5 0.2
10 -1
0.1 0.05
PDM t1 t2 1. R JC (t)=r (t) * R JC 2. R JC=See Datasheet 3. TJM-TC = P* R JC (t) 4. Duty Cycle, D=t1/t2
0.02 0.01 Single Pulse
10 -2 -5 10
10 -4
10 -3
10 -2
10 -1
10 0
10
1
Square Wave Pulse Duration (sec)
Figure 13. Normalized Thermal Transient Impedance Curve
6-141


▲Up To Search▲   

 
Price & Availability of CEF07N8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X