Part Number Hot Search : 
TDA9183T 90816 MSKW2022 90816 8LM18 NJU6391 N82002MT PE44451
Product Description
Full Text Search
 

To Download CEEH126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC CONVERTER SMD
CEI120
14.5MAX. 11.0
DIMENSIONS(mm)
LAND PATTERNS(mm)
CONSTRUCTION
8.0
6.0MAX.
12.2 4-2.0
1.0 9.6 13.0MAX. 0.6 13.1
2.0
K Specifications
Max. Operating frequency
500kHz
Max. Operating Power
1.2W @ 100kHz 3.8W @ 300kHz 6.3W @ 500kHz 500kHz 1.2W @ 100kHz 3.8W @ 300kHz 6.3W @ 500kHz
APPLICATION
1. Flyback type fluorescent display tube
CEEH126
13.7MAX. 12.0
DIMENSIONS(mm)
LAND PATTERNS(mm)
2.0
CONSTRUCTION
9.5
12.0MAX.
0.5
1.27
6.5MAX.
9.8
10.0
1.27
6.35
1.27
2.0
K Specifications
Max. Operating frequency
500kHz
Max. Operating Power
1.0W @ 100kHz 2.3W @ 300kHz 3.4W @ 500kHz 500kHz 1.0W @ 100kHz 2.3W @ 300kHz 3.4W @ 500kHz
APPLICATION
1. Video camera 2. LCD TV
20
0.8
5.60


▲Up To Search▲   

 
Price & Availability of CEEH126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X