|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 1-1.(mm) 0.2 1.8 7.30.2 5.40.2 7.30.2 MAX.4.5 1-2. -3.(mm) 2.2 100 1.6 7.20.2 CDRH74 () 2 2-1.() RoHS compliance Cd:Max.0.01wt% others:Max.0.1wt% 1 4.8 8.0 2-2() 1 10H 20% 12H 20% 15H 20% 18H 20% 22H 20% 27H 20% 33H 20% 39H 20% 47H 20% 56H 20% 68H 20% 82H 20% 100H 20% 120H 20% 150H 20% 180H 20% 220H 20% 270H 20% 330H 20% 390H 20% 470H 20% 560H 20% 680H 20% 820H 20% 1.0mH 20% D.C.R. ()[] (at 20) 2 49m(38m) 58m(44m) 81m(62m) 91m(70m) 0.11(77m) 0.15(0.12) 0.17(0.13) 0.23(0.18) 0.26(0.20) 0.35(0.27) 0.38(0.30) 0.43(0.33) 0.61(0.47) 0.66(0.51) 0.88(0.68) 0.98(0.76) 1.17(0.90) 1.64(1.32) 1.86(1.49) 2.85(2.28) 3.01(2.41) 3.62(2.89) 4.63(3.71) 5.20(4.16) 6.00(4.80) (A) 3 1.84 1.71 1.47 1.31 1.23 1.12 0.96 0.91 0.88 0.75 0.69 0.61 0.60 0.52 0.46 0.42 0.36 0.34 0.32 0.29 0.26 0.23 0.22 0.20 0.18 NO. 4734-0371 4734-0372 4734-0373 4734-0374 4734-0375 4734-0376 4734-0378 4734-0376 4734-0380 4734-0381 4734-0382 4734-0383 4734-0384 4734-0385 4734-0386 4734-0387 4734-0389 4734-0390 4734-0391 4734-0392 4734-0393 4734-0394 4734-0395 4734-0396 4734-0397 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 CDRH74NP-1OOMC CDRH74NP-12OMC CDRH74NP-15OMC CDRH74NP-18OMC CDRH74NP-22OMC CDRH74NP-27OMC CDRH74NP-33OMC CDRH74NP-39OMC CDRH74NP-47OMC CDRH74NP-56OMC CDRH74NP-68OMC CDRH74NP-82OMC CDRH74NP-1O1MC CDRH74NP-121MC CDRH74NP-151MC CDRH74NP-181MC CDRH74NP-221MC CDRH74NP-271MC CDRH74NP-331MC CDRH74NP-391MC CDRH74NP-471MC CDRH74NP-561MC CDRH74NP-681MC CDRH74NP-821MC CDRH74NP-1O2MC 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 2-3.() 1 10H 20% 12H 20% 15H 20% 18H 20% 22H 20% 27H 20% 33H 20% 39H 20% 47H 20% 56H 20% 68H 20% 82H 20% 100H 20% 120H 20% 150H 20% 180H 20% 220H 20% 270H 20% 330H 20% 390H 20% 470H 20% 560H 20% 680H 20% 820H 20% 1.0mH 20% D.C.R. ()[] (at 20) 2 49m(38m) 58m(44m) 81m(62m) 91m(70m) 0.11(77m) 0.15(0.12) 0.17(0.13) 0.23(0.18) 0.26(0.20) 0.35(0.27) 0.38(0.30) 0.43(0.33) 0.61(0.47) 0.66(0.51) 0.88(0.68) 0.98(0.76) 1.17(0.90) 1.64(1.32) 1.86(1.49) 2.85(2.28) 3.01(2.41) 3.62(2.89) 4.63(3.71) 5.20(4.16) 6.00(4.80) (A) 3 1.84 1.71 1.47 1.31 1.23 1.12 0.96 0.91 0.88 0.75 0.69 0.61 0.60 0.52 0.46 0.42 0.36 0.34 0.32 0.29 0.26 0.23 0.22 0.20 0.18 NO. 4734-0398 4734-0401 4734-0402 4734-0403 4734-0404 4734-0405 4734-0406 4734-0407 4734-0408 4734-0409 4734-0410 4734-0412 4734-0413 4734-0414 4734-0415 4734-0416 4734-0417 4734-0418 4734-0419 4734-0420 4734-0421 4734-0423 4734-0424 4734-0425 4734-0426 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 CDRH74NP-1OOMB CDRH74NP-12OMB CDRH74NP-15OMB CDRH74NP-18OMB CDRH74NP-22OMB CDRH74NP-27OMB CDRH74NP-33OMB CDRH74NP-39OMB CDRH74NP-47OMB CDRH74NP-56OMB CDRH74NP-68OMB CDRH74NP-82OMB CDRH74NP-1O1MB CDRH74NP-121MB CDRH74NP-151MB CDRH74NP-181MB CDRH74NP-221MB CDRH74NP-271MB CDRH74NP-331MB CDRH74NP-391MB CDRH74NP-471MB CDRH74NP-561MB CDRH74NP-681MB CDRH74NP-821MB CDRH74NP-1O2MB 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 at 1 kHz 1: 2: ( ) 3: -25 t40(Ta=20) 1APPEARANCE 1-1.DIMENSION mm 0.2 1.8 7.30.2 5.40.2 7.30.2 MAX.4.5 ELECTRODE TERMINAL DIMENSIONS WITHOUT TOLERANCE ARE APPROX. 1-2.STAMP (E .) -3.DIMENSION RECOMMENDED (mm) 2.2 100 DATE CODE 1.6 7.20.2 DIRECTLY STAMP UNFIXED POSITION DIMENSION OF CDRH74 PART OF SILK SCREEN 2COIL SPECIFICATION 2-1.CONNECTION PLEASE COAT WITH SILK SCREEN BETWEEN THE TWO TERMINALS. RoHS compliance Cd:Max.0.01wt% others:Max.0.1wt% 1 4.8 8.0 2-2.ELECTRICAL CHARACTERISTICS(IN THE CASE OF REEL) INDUCTANCE WITHIN 1 10H 20% 12H 20% 15H 20% 18H 20% 22H 20% 27H 20% 33H 20% 39H 20% 47H 20% 56H 20% 68H 20% 82H 20% 100H 20% 120H 20% 150H 20% 180H 20% 220H 20% 270H 20% 330H 20% 390H 20% 470H 20% 560H 20% 680H 20% 820H 20% 1.0mH 20% D.C.R. ()[MAX.] (at 20) 2 49m(38m) 58m(44m) 81m(62m) 91m(70m) 0.11(77m) 0.15(0.12) 0.17(0.13) 0.23(0.18) 0.26(0.20) 0.35(0.27) 0.38(0.30) 0.43(0.33) 0.61(0.47) 0.66(0.51) 0.88(0.68) 0.98(0.76) 1.17(0.90) 1.64(1.32) 1.86(1.49) 2.85(2.28) 3.01(2.41) 3.62(2.89) 4.63(3.71) 5.20(4.16) 6.00(4.80) NO. PART NO. STAMP RATED CURRENT (A) 3 1.84 1.71 1.47 1.31 1.23 1.12 0.96 0.91 0.88 0.75 0.69 0.61 0.60 0.52 0.46 0.42 0.36 0.34 0.32 0.29 0.26 0.23 0.22 0.20 0.18 SUMIDA CODE 4734-0371 4734-0372 4734-0373 4734-0374 4734-0375 4734-0376 4734-0378 4734-0376 4734-0380 4734-0381 4734-0382 4734-0383 4734-0384 4734-0385 4734-0386 4734-0387 4734-0389 4734-0390 4734-0391 4734-0392 4734-0393 4734-0394 4734-0395 4734-0396 4734-0397 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 CDRH74NP-1OOMC CDRH74NP-12OMC CDRH74NP-15OMC CDRH74NP-18OMC CDRH74NP-22OMC CDRH74NP-27OMC CDRH74NP-33OMC CDRH74NP-39OMC CDRH74NP-47OMC CDRH74NP-56OMC CDRH74NP-68OMC CDRH74NP-82OMC CDRH74NP-1O1MC CDRH74NP-121MC CDRH74NP-151MC CDRH74NP-181MC CDRH74NP-221MC CDRH74NP-271MC CDRH74NP-331MC CDRH74NP-391MC CDRH74NP-471MC CDRH74NP-561MC CDRH74NP-681MC CDRH74NP-821MC CDRH74NP-1O2MC 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 2-3.ELECTRICAL CHARACTERISTICS (IN THE CASE OF BOX) INDUCTANCE WITHIN 1 10H 20% 12H 20% 15H 20% 18H 20% 22H 20% 27H 20% 33H 20% 39H 20% 47H 20% 56H 20% 68H 20% 82H 20% 100H 20% 120H 20% 150H 20% 180H 20% 220H 20% 270H 20% 330H 20% 390H 20% 470H 20% 560H 20% 680H 20% 820H 20% 1.0mH 20% at 1 kHz D.C.R. ()[MAX.] (at 20) 2 49m(38m) 58m(44m) 81m(62m) 91m(70m) 0.11(77m) 0.15(0.12) 0.17(0.13) 0.23(0.18) 0.26(0.20) 0.35(0.27) 0.38(0.30) 0.43(0.33) 0.61(0.47) 0.66(0.51) 0.88(0.68) 0.98(0.76) 1.17(0.90) 1.64(1.32) 1.86(1.49) 2.85(2.28) 3.01(2.41) 3.62(2.89) 4.63(3.71) 5.20(4.16) 6.00(4.80) NO. PART NO. STAMP RATED CURRENT (A) 3 1.84 1.71 1.47 1.31 1.23 1.12 0.96 0.91 0.88 0.75 0.69 0.61 0.60 0.52 0.46 0.42 0.36 0.34 0.32 0.29 0.26 0.23 0.22 0.20 0.18 SUMIDA CODE 4734-0398 4734-0401 4734-0402 4734-0403 4734-0404 4734-0405 4734-0406 4734-0407 4734-0408 4734-0409 4734-0410 4734-0412 4734-0413 4734-0414 4734-0415 4734-0416 4734-0417 4734-0418 4734-0419 4734-0420 4734-0421 4734-0423 4734-0424 4734-0425 4734-0426 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 CDRH74NP-1OOMB CDRH74NP-12OMB CDRH74NP-15OMB CDRH74NP-18OMB CDRH74NP-22OMB CDRH74NP-27OMB CDRH74NP-33OMB CDRH74NP-39OMB CDRH74NP-47OMB CDRH74NP-56OMB CDRH74NP-68OMB CDRH74NP-82OMB CDRH74NP-1O1MB CDRH74NP-121MB CDRH74NP-151MB CDRH74NP-181MB CDRH74NP-221MB CDRH74NP-271MB CDRH74NP-331MB CDRH74NP-391MB CDRH74NP-471MB CDRH74NP-561MB CDRH74NP-681MB CDRH74NP-821MB CDRH74NP-1O2MB 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 1: MEASURED FREQUENCY 2( )TYPICAL VALUE. 3: THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 25% LOWER THAN ITS NOMINAL VALUE AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN T=40 WHICHEVER IS LOWER.(Ta=20) |
Price & Availability of CDRH74NP-100MC |