Part Number Hot Search : 
A114Y 92315 MAX15022 025NL DL0365R DTC115T 1H470 AIC2003
Product Description
Full Text Search
 

To Download CDEP147 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS (SMD Type)
SHIELDED TYPE / OUTLINE /
CDEP147
By using the square wire, power inductors can be used for large currents with low profile and low resistance.
CDEP147
NEW
14.9MAX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CONSTRUCTION
8.0MAX. 2.8
10.5
2
14.9M AX.
6 .0 12.0
2 .4
3 1
2.8
9.0
2.3
10.2
BOTTOM VIEW
/
( 0.7H - 9.5H )
15.5
CDEP147 (Standard Type)
Parts No. 0R7 0R9 1R2 1R5 1R8 2R4 2R6 3R4 3R5 4R7 5R9 6R1 7R3 7R7 9R5 L (H) 0.7 0.9 1.2 1.5 1.8 2.4 2.6 3.4 3.5 4.7 5.9 6.1 7.3 7.7 9.5 8.53m 11.23m 12.4 11.2 10.0 8.5 6.92m 14.8 11.0 5.16m 15.2 13.5 4.06m 18.4 16.0 2.95m 22.4 17.5 2.43m 27.2 20.0 1.86m 36.0 21.0 D.C.R.() : Max.(Typ.) Saturation Rated Current (A) *E Temperature Rise Current (Typ.) (A) *IV
CDEP147 (High Power Type)
D.C.R.() : Max.(Typ.) 1.86m 2.43m 2.95m 4.06m 5.16m 6.92m 8.53m 11.23m Saturation Rated Current (A) *E 46.4 35.8 29.6 24.4 20.8 17.6 16.4 14.6 Temperature Rise Current (Typ.) (A) *IV 21.0 20.0 17.5 16.0 13.5 11.0 10.0 8.5
Measuring Freq. (L) / L CDEP147(S) CDEP147(H) 100kHz 100kHz
Ordering Code / CDEP147 : Parts No. : Tolerance of inductance M (20%) N (30%) : Packing C (Carrier tape) B (Box)
:
Nothing (Standard type) H (High power type)
Tolerance of Inductance / CDEP147(S) CDEP147(H) Other / *E Saturation Rated Current : The current either the inductance value becomes 25% (tolerance 20%) lower than its nominal value.(Ta=20 C) *E : 75%(20%(Ta=20) *IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes C) T=40 C. (Ta=20 *IV :T=40 (Ta=20) 0.9 H - 9.5 H 20% (M) 0.7 H - 7.3 H 20% (M)
About Lead-free products /
. Lead-free products are now available for sale . To order a lead-free product, please add"NP" after the product type: . . "NP"
e.g. Ordering code of lead product: Type name-x Ordering code of lead-free product: Type name NPx
North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com h tt p :/ /www.sumida.com
Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408 E-mail: sales@jp.sumida.com
Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com
Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com
Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com
Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com
Rev1.0 09/2004


▲Up To Search▲   

 
Price & Availability of CDEP147

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X