Part Number Hot Search : 
SIS780DN AOTF7N70 CM1696 2N411 2SD60 PQ600 TC144 ICL8021
Product Description
Full Text Search
 

To Download CD13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
IS/ISO 9002 Lic# QSC/L- 000019.2
IS / IECQC 700000 IS / IECQC 750100
NPN SILICON POWER TRANSISTOR
CD13003 TO-126
MARKING: CD 13003
Applications. Suitable for Lighting, Switching Regulator and Motor Control.
ABSOLUTE MAXIMUM RATINGS DESCRIPTION SYMBOL VALUE VCBO 600 Collector -Base Voltage VCEO 400 Collector -Emitter ( sus) Voltage VEBO 9.0 Emitter -Base Voltage IC 1.5 Collector Current Continuous ICM 3.0 Peak (1) IB 0.75 Base Current Continuous IBM 1.5 Peak (1) IE 2.25 Emitter Current Continuous IEM 4.5 Peak (1) PD 1.4 Power Dissipation @ Ta=25 deg C 11.2 Derate Above 25 deg C PD 45 Power Dissipation @ Tc=25 deg C 320 Derate Above 25 deg C Tj, Tstg -65 to +150 Operating And Storage Junction Temperature Range THERMAL RESISTANCE Rth (j-c) 3.12 Junction to Case Rth (j-a) 89 Junction to Ambient Maximum Lead Temperature for Soldering Purposes: 1/8" from Case TL 275 for 5 Seconds. (1) Pulse Test: Pulse Width= 5ms Duty Cycle =10% ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION MIN TYP VCBO IC=1mA, IE=0 600 Collector -Base Voltage VCEO(sus)* IC=10mA, IB=0 400 Collector -Emitter ( sus) Voltage ICBO VCB=600V, IE=0 Collector-Cuttoff Current VCB=600V, IE=0,TC=100 deg C IEBO VEB=9V, IC=0 Emitter-Cuttoff Current hFE* IC=0.5A,VCE=5V 8.0 DC Current Gain IC=2A,VCE=5V 5.0 -
UNIT V V V A A A A A A W mW /deg C W mW /deg C deg C
deg C/W deg C/W
deg C
MAX 1.0 5.0 1.0 40 25
UNIT V V mA mA mA
Continental Device India Limited
Data Sheet
Page 1 of 3
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION VCE(Sat) * IC=0.5A, IB=0.1A Collector Emitter Saturation Voltage IC=1A, IB=0.25A IC=1.5A, IB=0.5A IC=1A, IB=0.25A,TC=100deg C VBE(Sat) * IC=0.5A, IB=0.1A Base Emitter Saturation Voltage IC=1A, IB=0.25A IC=1A, IB=0.25A,TC=100deg C DYNAMIC CHARACTERISTICS ft IC=100mA, VCE=10V Current Gain- Bandwidth Product f=1MHz Cob VCB=10V, f=0.1MHz Output Capacitance SWITCHING CHARACTERISTICS Turn on Time Storage Time Fall Time *Pulse Test : PW=300us, Duty Cycle=2% ton tstg tf VCC=125V IC=1A IB1=0.2A, IB2=0.2A
MIN 4.0 -
CD13003 TYP MAX UNIT 0.50 V 1.0 V 2.5 V 1.0 V 1.0 V 1.2 V 1.1 V 21 MHz pF
-
-
1.1 4.0 0.7
us us us
TO-126 (SOT-32) Plastic Package
C N P B
1 2 3
A
D IM A B C D E F G L M N P S
M IN .
M AX .
S
D M F E G
Packing Detail
PACKAGE Details TO-126 STANDARD PACK Net Weight/Qty Size 3" x 7.5" x 7.5"
Data Sheet
INNER CARTON BOX Qty 2.0K Size
All dimensions in mm.
1 2 3
L
P IN C O N FIG U RATIO N 1. EM ITTER 2. C O LLEC TO R 3. B AS E
7.4 7.8 10.5 10.8 2.4 2.7 0.7 0.9 2.25 TY P. 0.49 0.75 4.5 TY P. 15.7 TY P. 1.27 TY P. 3.75 TY P. 3.0 3.2 2.5 TY P.
OUTER CARTON BOX Qty 32.0K Gr Wt 31 kgs
Page 2 of 3
500 pcs/polybag 340 gm/500 pcs
17" x 15" x 13.5"
Continental Device India Limited
Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com
Continental Device India Limited
Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CD13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X