Part Number Hot Search : 
00C12 12S12 ZN525E SP485 6043468 24D05 MC10101P RN1102
Product Description
Full Text Search
 

To Download CD105NP-120MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
1-1.(mm)

9.00.4
10.00.4
5.40.4
10.0
9.0
1-2.
1-3.(mm)
9 .5
100M
2.1
R1 . 0
2-1.()
RoHS
compliance Cd:Max.0.01wt% others:Max.0.1wt%
1
2.5 1 0.0

2-2.() [] 1 10H20% 12H20% 15H20% 18H20% 22H20% 27H20% 33H20% 39H20% 47H10% 56H10% 68H10% 82H10% 100H10% 120H10% 150H10% 180H10% 220H10% 270H10% 330H10% 390H10% 470H10% 560H10% 680H10% 820H10% D.C.R. () [] (at 20) 0.06 0.07 0.08 0.09 0.10 0.11 0.12 0.14 0.17 0.19 0.22 0.25 0.35 0.40 0.47 0.63 0.73 0.97 1.15 1.30 1.48 1.90 2.25 2.55 (A) 2 2.60 2.45 2.27 2.15 1.95 1.76 1.50 1.37 1.28 1.17 1.11 1.00 0.97 0.89 0.78 0.72 0.66 0.57 0.52 0.48 0.42 0.33 0.28 0.24
No.
S.R.F. (MHz) [] 25.1 23.1 19.1 18.1 15.9 14.0 13.1 12.2 10.6 10.2 9.26 8.45 7.64 6.65 5.86 5.71 5.25 4.62 4.07 3.91 3.61 3.25 2.96 2.74
-0118 -0119 -0120 -0122 -0123 -0124 -0125 -0126 -0127 -0128 -0129 -0130 -0131 -0133 -0134 -0135 -0136 -0137 -0138 -0139 -0140 -0141 -0142 -0144
01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
CD1O5NP-1OOMC CD1O5NP-12OMC CD1O5NP-15OMC CD1O5NP-18OMC CD1O5NP-22OMC CD1O5NP-27OMC CD1O5NP-33OMC CD1O5NP-39OMC CD1O5NP-47OKC CD1O5NP-56OKC CD1O5NP-68OKC CD1O5NP-82OKC CD1O5NP-1O1KC CD1O5NP-121KC CD1O5NP-151KC CD1O5NP-181KC CD1O5NP-221KC CD1O5NP-271KC CD1O5NP-331KC CD1O5NP-391KC CD1O5NP-471KC CD1O5NP-561KC CD1O5NP-681KC CD1O5NP-821KC
100M 120M 150M 180M 220M 270M 330M 390M 470K 560K 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K

2-3.() [] 1 10H20% 12H20% 15H20% 18H20% 22H20% 27H20% 33H20% 39H20% 47H10% 56H10% 68H10% 82H10% 100H10% 120H10% 150H10% 180H10% 220H10% 270H10% 330H10% 390H10% 470H10% 560H10% 680H10% 820H10% at 2.52 MHz at 1 kHz D.C.R. () [] (at 20) 0.06 0.07 0.08 0.09 0.10 0.11 0.12 0.14 0.17 0.19 0.22 0.25 0.35 0.40 0.47 0.63 0.73 0.97 1.15 1.30 1.48 1.90 2.25 2.55 (A) 2 2.60 2.45 2.27 2.15 1.95 1.76 1.50 1.37 1.28 1.17 1.11 1.00 0.97 0.89 0.78 0.72 0.66 0.57 0.52 0.48 0.42 0.33 0.28 0.24
No.
S.R.F. (MHz) [] 25.1 23.1 19.1 18.1 15.9 14.0 13.1 12.2 10.6 10.2 9.26 8.45 7.64 6.65 5.86 5.71 5.25 4.62 4.07 3.91 3.61 3.25 2.96 2.74
-0145 -0146 -0147 -0148 -0149 -0150 -0151 -0152 -0153 -0155 -0156 -0157 -0158 -0159 -0160 -0161 -0162 -0163 -0164 -0166 -0167 -0168 -0169 -0170
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
CD1O5NP-1OOMB CD1O5NP-12OMB CD1O5NP-15OMB CD1O5NP-18OMB CD1O5NP-22OMB CD1O5NP-27OMB CD1O5NP-33OMB CD1O5NP-39OMB CD1O5NP-47OKB CD1O5NP-56OKB CD1O5NP-68OKB CD1O5NP-82OKB CD1O5NP-1O1KB CD1O5NP-121KB CD1O5NP-151KB CD1O5NP-181KB CD1O5NP-221KB CD1O5NP-271KB CD1O5NP-331KB CD1O5NP-391KB CD1O5NP-471KB CD1O5NP-561KB CD1O5NP-681KB CD1O5NP-821KB
100M 120M 150M 180M 220M 270M 330M 390M 470K 560K 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K
1
10H 82H 100H 820H
2-10% t40(Ta=20)
APPEARANCE 1-1. mm

9.00.4
10.00.4
5.40.4
10.0
9.0
DIMENSION OF ELECTRODE IS APPROX. 1-2.STAMP (E. ) 1-3.DIMENSION RECOMMENDED (mm)
9.5 PART OF ELECTRODE
2. 5
1 00 M DATE CODE DIRECTLY STAMP UNFIXED POSITION
2.1
R1 . 0
COIL SPECIFICATION 2-1.CONNECTION (BOTTOM
PART OF SILK
PLEASE COAT WITH SILK SCREEN BETWEEN THE TWO ELECTRODES. )
RoHS
compliance Cd:Max.0.01wt% others:Max.0.1wt%
1
1 0. 0
2-2.ELECTRICAL CHARACTERISTICS (IN THE CASE OF REEL) INDUCTANCE [WITHIN] 1 10H20% 12H20% 15H20% 18H20% 22H20% 27H20% 33H20% 39H20% 47H10% 56H10% 68H10% 82H10% 100H10% 120H10% 150H10% 180H10% 220H10% 270H10% 330H10% 390H10% 470H10% 560H10% 680H10% 820H10% D.C.R. () [MAX.] (at 20) 0.06 0.07 0.08 0.09 0.10 0.11 0.12 0.14 0.17 0.19 0.22 0.25 0.35 0.40 0.47 0.63 0.73 0.97 1.15 1.30 1.48 1.90 2.25 2.55

NO.
PART NO.
STAMP
RATED CURRENT (A) 2 2.60 2.45 2.27 2.15 1.95 1.76 1.50 1.37 1.28 1.17 1.11 1.00 0.97 0.89 0.78 0.72 0.66 0.57 0.52 0.48 0.42 0.33 0.28 0.24
S.R.F. (MHz) [TYP.] 25.1 23.1 19.1 18.1 15.9 14.0 13.1 12.2 10.6 10.2 9.26 8.45 7.64 6.65 5.86 5.71 5.25 4.62 4.07 3.91 3.61 3.25 2.96 2.74
SUMIDA CODE -0118 -0119 -0120 -0122 -0123 -0124 -0125 -0126 -0127 -0128 -0129 -0130 -0131 -0133 -0134 -0135 -0136 -0137 -0138 -0139 -0140 -0141 -0142 -0144
01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
CD1O5NP-1OOMC CD1O5NP-12OMC CD1O5NP-15OMC CD1O5NP-18OMC CD1O5NP-22OMC CD1O5NP-27OMC CD1O5NP-33OMC CD1O5NP-39OMC CD1O5NP-47OKC CD1O5NP-56OKC CD1O5NP-68OKC CD1O5NP-82OKC CD1O5NP-1O1KC CD1O5NP-121KC CD1O5NP-151KC CD1O5NP-181KC CD1O5NP-221KC CD1O5NP-271KC CD1O5NP-331KC CD1O5NP-391KC CD1O5NP-471KC CD1O5NP-561KC CD1O5NP-681KC CD1O5NP-821KC
100M 120M 150M 180M 220M 270M 330M 390M 470K 560K 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K
2-3.ELECTRICAL CHARACTERISTICS (IN THE CASE OF BOX) INDUCTANCE [WITHIN] 1 10H20% 12H20% 15H20% 18H20% 22H20% 27H20% 33H20% 39H20% 47H10% 56H10% 68H10% 82H10% 100H10% 120H10% 150H10% 180H10% 220H10% 270H10% 330H10% 390H10% 470H10% 560H10% 680H10% 820H10% D.C.R. () [MAX.] (at 20) 0.06 0.07 0.08 0.09 0.10 0.11 0.12 0.14 0.17 0.19 0.22 0.25 0.35 0.40 0.47 0.63 0.73 0.97 1.15 1.30 1.48 1.90 2.25 2.55 at 2.52 MHz at 1 kHz

NO.
PART NO.
STAMP
RATED CURRENT (A) 2 2.60 2.45 2.27 2.15 1.95 1.76 1.50 1.37 1.28 1.17 1.11 1.00 0.97 0.89 0.78 0.72 0.66 0.57 0.52 0.48 0.42 0.33 0.28 0.24
S.R.F. (MHz) [TYP.] 25.1 23.1 19.1 18.1 15.9 14.0 13.1 12.2 10.6 10.2 9.26 8.45 7.64 6.65 5.86 5.71 5.25 4.62 4.07 3.91 3.61 3.25 2.96 2.74
SUMIDA CODE -0145 -0146 -0147 -0148 -0149 -0150 -0151 -0152 -0153 -0155 -0156 -0157 -0158 -0159 -0160 -0161 -0162 -0163 -0164 -0166 -0167 -0168 -0169 -0170
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
CD1O5NP-1OOMB CD1O5NP-12OMB CD1O5NP-15OMB CD1O5NP-18OMB CD1O5NP-22OMB CD1O5NP-27OMB CD1O5NP-33OMB CD1O5NP-39OMB CD1O5NP-47OKB CD1O5NP-56OKB CD1O5NP-68OKB CD1O5NP-82OKB CD1O5NP-1O1KB CD1O5NP-121KB CD1O5NP-151KB CD1O5NP-181KB CD1O5NP-221KB CD1O5NP-271KB CD1O5NP-331KB CD1O5NP-391KB CD1O5NP-471KB CD1O5NP-561KB CD1O5NP-681KB CD1O5NP-821KB
100M 120M 150M 180M 220M 270M 330M 390M 470K 560K 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K
1:MEASURED FREQUENCY
10H 82H 100H 820H
2:THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN T=40 WHICHEVER IS LOWER.(Ta=20)


▲Up To Search▲   

 
Price & Availability of CD105NP-120MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X