Part Number Hot Search : 
LS353 54055 MMSZ5V6 8112800 BT151 BC212KA 2SB123 11021
Product Description
Full Text Search
 

To Download BC847BLP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: BC847BLP
Lead-free Green
BC847BLP
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
NEW PRODUCT
* * * * *
Complementary PNP Type Available (BC857BLP) Ultra-Small Leadless Surface Mount Package Lead Free By Design/RoHS Compliant (Note 1) "Green" Device (Note 2) Qualified to AEC-Q101 Standards for High Reliability
A K BC M G
DFN1006-3
H
Dim A B C D G H K
D N L
Min 0.95 0.55 0.45 0.20 0.47 0 0.10 0.20 3/4 3/4
Max 1.075 0.675 0.55 0.30 0.53 0.05 0.20 0.30 3/4 3/4
Typ 1.00 0.60 0.50 0.25 0.50 0.03 0.15 0.25 0.35 0.40
Mechanical Data
* * * * * * * *
Case: DFN1006-3 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections Indicator: Collector Dot Terminals: Finish 3/4 NiPdAu annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Code 1F, Dot denotes Collector Side Ordering Information: See Page 3 Weight: 0.001 grams
1 C
L M N
E B
3 2
All Dimensions in mm
TOP VIEW
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Tj, TSTG Value 50 45 6.0 100 -55 to +150 Unit V V V mA C
Characteristic
Operating and Storage Temperature Range
Thermal Characteristics
Characteristic Power Dissipation Thermal Resistance, Junction to Ambient
Notes: 1. 2.
@ TA = 25C unless otherwise specified Symbol Pd RqJA Value 250 400 Unit mW C/W
No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DS30525 Rev. 7 - 2
1 of 4 www.diodes.com
BC847BLP
a Diodes Incorporated
NEW PRODUCT
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Voltage Collector-Emitter Cutoff Current Gain Bandwidth Product Collector-Base Capacitance
Note:
@ TA = 25C unless otherwise specified
Symbol (Note 3) (Note 3) (Note 3) (Note 3) (Note 3) (Note 3) (Note 3) (Note 3) V(BR)CBO V(BR)CEO V(BR)EBO hFE VCE(SAT) VBE(SAT) VBE(ON) ICBO ICBO fT CCBO
Min 50 45 6 200 -- -- 580 -- -- 100 --
Typ -- -- -- 350 80 200 700 900 640 725 -- -- 3.0
Max -- -- -- 450 250 600 -- 700 770 15 5.0 -- --
Unit V V V -- mV mV mV nA A MHz pF
Test Condition IC = 10mA, IB = 0 IC = 10mA, IB = 0 IE = 1mA, IC = 0 VCE = 5.0V, IC = 2.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA VCE = 5.0V, IC = 2.0mA VCE = 5.0V, IC = 10mA VCB = 30V VCB = 30V, TA = 150C VCE = 5.0V, IC = 10mA, f = 100MHz VCB = 10V, f = 1.0MHz
3. Short duration pulse test used to minimize self-heating effect.
300
V(CE)SAT, COLLECTOR TO EMITTER SATURATION VOLTAGE (mV)
350
Ic/Ib=20
PD, POWER DISSIPATION (mW)
250
300 250 200
TA = 125C
200
150
150 100 50
TA = 150C
TA = 85C
100
TA = -55C TA = 25C
50
0 0 25 50 75 100 125 150
0 1 10 IC, COLLECTOR CURRENT (mA) Fig. 2 Typical Collector-Emitter Saturation Voltage vs. Collector Current 100
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
DS30525 Rev. 7 - 2
2 of 4 www.diodes.com
BC847BLP
VBE(ON), BASE-EMITTER ON VOLTAGE (mV)
1
NEW PRODUCT
V(BE)SAT, BASE TO EMITTER SATURATION VOLTAGE (V)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 1
Ic/Ib=20 TA = -55C TA = 25C
TA = -55C
800
TA = 25C
TA = 85C TA = 150C TA = 125C
600
TA = 85C
400
TA = 150C TA = 125C
200
VCE = 5V
0 0 2 4 6 8 10
10 IC, COLLECTOR CURRENT (mA) Fig. 3, Typical Base-Emitter Saturation Voltage vs. Collector Current
100
IC, COLLECTOR CURRENT (mA) Fig. 4, Typical Base-Emitter Turn-On Voltage vs. Collector Current
1000
TA = 150C
TA = 125C
hFE, DC CURRENT GAIN
100
TA = -55C TA = 85C
TA = 25C
10
1
0.1 1 10 100 1000
IC, COLLECTOR CURRENT (mA) Fig. 5, Typical DC Current Gain vs. Collector Current
Ordering Information
Device BC847BLP-7
Note:
(Note 4) Packaging DFN1006-3 Shipping 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
1F
DS30525 Rev. 7 - 2
1F = Product Type Marking Code, Dot Denotes Collector Side
3 of 4 www.diodes.com
BC847BLP
Suggested Pad Layout
NEW PRODUCT
Dimensions in mm.
1.30 R = 0.05 (12x) 0.30 R = 0.05 (12x)
0.35 (2x)
0.90
0.20
0.60 0.70 0.80
0.25 (2x)
0.30 (2x) 0.40 (2x) 0.50 (2x)
0.30 0.40 0.50
solder lands solder resist occupied area solder paste
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30525 Rev. 7 - 2
4 of 4 www.diodes.com
BC847BLP


▲Up To Search▲   

 
Price & Availability of BC847BLP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X