Part Number Hot Search : 
18602757 1A102 MF1S50 102M35 M1MA15 16374A CM7208 HC451
Product Description
Full Text Search
 

To Download BAT54XY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54XY
Schottky barrier quadruple diode in very small SOT363 package
Rev. 01 -- 17 January 2005 Product data sheet
1. Product profile
1.1 General description
Schottky barrier quadruple diode with an integrated guard ring for stress protection. Two electrically isolated dual Schottky barrier diodes series, encapsulated in a SOT363 very small SMD plastic package.
1.2 Features
s Low forward voltage s Ultra small SMD plastic package s Low capacitance
1.3 Applications
s s s s Ultra high-speed switching Voltage clamping Line termination Inverse-polarity protection
1.4 Quick reference data
Table 1: Symbol VR IF VF
[1]
Quick reference data Parameter continuous reverse voltage continuous forward current forward voltage IF = 10 mA; see Figure 1
[1]
Conditions
Min -
Typ -
Max 30 200 400
Unit V mA mV
Pulse test: tp 30ms; 0.02.
Philips Semiconductors
BAT54XY
Schottky barrier quadruple diode in very small SOT363 package
2. Pinning information
Table 2: Pin 1 2 3 4 5 6 Pinning Description anode 1 cathode 2 anode 3 / cathode 4 anode 4 cathode 3 cathode 1 / anode 2
1 2 3
006aaa256
Simplified outline
6 5 4
Symbol
6 5 4
1
2
3
3. Ordering information
Table 3: Ordering information Package Name BAT54XY SC-88 Description plastic surface mounted package; 6 leads Version SOT363 Type number
4. Marking
Table 4: BAT54XY
[1] * = -: made in Hong Kong * = t: made in Malaysia * = W: made in China
Marking codes Marking code [1] *C5
Type number
5. Limiting values
Table 5: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Per diode VR IF IFRM IFSM Tj Tamb Tstg continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current junction temperature ambient temperature storage temperature tp 1 s; 0.5 tp < 10 ms -65 -65 30 200 300 600 125 +125 +150 V mA mA mA C C C Parameter Conditions Min Max Unit
9397 750 14141
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 17 January 2005
2 of 9
Philips Semiconductors
BAT54XY
Schottky barrier quadruple diode in very small SOT363 package
6. Thermal characteristics
Table 6: Symbol Rth(j-s)
[1]
Thermal characteristics Parameter thermal resistance from junction to soldering point Conditions in free air
[1]
Min -
Typ -
Max 260
Unit K/W
Soldering point at pins 2, 3, 5 and 6.
7. Characteristics
Table 7: Characteristics Tamb = 25 C unless otherwise specified. Symbol Per diode VF forward voltage see Figure 1; IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 30 mA IF = 100 mA IR Cd
[1]
[1]
Parameter
Conditions
Min
Typ
Max
Unit
-
-
240 320 400 500 800 2 10
mV mV mV mV mV A pF
reverse current diode capacitance
Pulse test: tp 300 s; 0.02.
VR = 25 V; see Figure 2 VR = 1 V; f = 1 MHz; see Figure 3
9397 750 14141
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 17 January 2005
3 of 9
Philips Semiconductors
BAT54XY
Schottky barrier quadruple diode in very small SOT363 package
103 IF (mA) 102
(1) (2) (3)
msa892
103 IR (A) 102
(2) (1)
msa893
10
10
1
(1)
(2) (3)
1
(3)
10-1
0
0.4
0.8
VF (V)
1.2
10-1 0
10
20
VR (V)
30
(1) Tamb = 125 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
(1) Tamb = 125 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
Fig 1. Forward current as a function of forward voltage; typical values.
Fig 2. Reverse current as a function of reverse voltage; typical values.
msa891
15 Cd (pF)
10
5
0
0
10
20
VR (V)
30
Tamb = 25 C; f = 1 MHz.
Fig 3. Diode capacitance as a function of reverse voltage; typical values.
9397 750 14141
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 17 January 2005
4 of 9
Philips Semiconductors
BAT54XY
Schottky barrier quadruple diode in very small SOT363 package
8. Package outline
Plastic surface mounted package; 6 leads SOT363
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT363
REFERENCES IEC JEDEC JEITA SC-88
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 04-11-08
Fig 4. Package outline SOT363 (SC-88).
9397 750 14141 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 17 January 2005
5 of 9
Philips Semiconductors
BAT54XY
Schottky barrier quadruple diode in very small SOT363 package
9. Packing information
Table 8: Packing methods The indicated -xxx are the last three digits of the 12NC ordering code. [1] Type number BAT54XY Package SOT363 Description 4 mm pitch, 8 mm tape and reel; T1 4 mm pitch, 8 mm tape and reel; T2
[1] [2] [3] For further information and the availability of packing methods, see Section 14. T1: normal taping T2: reverse taping
[2] [3]
Packing quantity 3000 -115 -125 10000 -135 -165
9397 750 14141
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 17 January 2005
6 of 9
Philips Semiconductors
BAT54XY
Schottky barrier quadruple diode in very small SOT363 package
10. Revision history
Table 9: Revision history Release date 20050117 Data sheet status Product data sheet Change notice Doc. number 9397 750 14141 Supersedes Document ID BAT54XY_1
9397 750 14141
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 17 January 2005
7 of 9
Philips Semiconductors
BAT54XY
Schottky barrier quadruple diode in very small SOT363 package
11. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
12. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
13. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
14. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14141
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 17 January 2005
8 of 9
Philips Semiconductors
BAT54XY
Schottky barrier quadruple diode in very small SOT363 package
15. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . General description. . . . . . . . . . . . . . . . . . . . . . Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . Quick reference data. . . . . . . . . . . . . . . . . . . . . Pinning information . . . . . . . . . . . . . . . . . . . . . . Ordering information . . . . . . . . . . . . . . . . . . . . . Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . Thermal characteristics. . . . . . . . . . . . . . . . . . . Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . Package outline . . . . . . . . . . . . . . . . . . . . . . . . . Packing information. . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information . . . . . . . . . . . . . . . . . . . . . 1 1 1 1 1 2 2 2 2 3 3 5 6 7 8 8 8 8
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 17 January 2005 Document number: 9397 750 14141
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of BAT54XY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X