Part Number Hot Search : 
74HC174D MIC2290 MIC2290 18TRU DG643DY XR47K165 Y7C106 1N5229A
Product Description
Full Text Search
 

To Download BAS40LP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: BAS40LP
BAS40LP
Lead-free Green
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
NEW PRODUCT
* * * * * * * * * * * * * * *
Low Forward Voltage Drop Fast Switching Ultra-Small Leadless Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Lead Free By Design/RoHS Compliant (Note 1) "Green" Device (Note 2) Qualified to AEC-Q101 Standards for High Reliability DFN1006-2
G
Dim
Min 0.95 0.55 0.45 0.20 0.47 0 3/4 0.05
Max 1.075 0.675 0.55 0.30 0.53 0.05 3/4 0.15
Typ 1.00 0.60 0.50 0.25 0.50 0.03 0.40 0.10
H
A B C
Mechanical Data
Case: DFN1006-2 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: Cathode Dot Terminals: Finish - NiPdAu annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Ordering Information: See Page 2 Marking Code: 43, Dot Denotes Cathode Side Weight: 0.001 grams
A
D G H
B
R
C
N R
All Dimensions in mm
D
N
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR IFM @ t < 1.0s IFSM Tj TSTG @ TA = 25C unless otherwise specified Symbol Pd RqJA Value 250 400 Unit mW C/W Value 40 200 600 -55 to +125 -65 to +150 Unit V mA mA C C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current Forward Surge Current Operating Temperature Range Storage Temperature Range
Thermal Characteristics
Characteristic Power Dissipation
Thermal Resistance, Junction to Ambient Air
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 3) Forward Voltage (Note 3) Reverse Leakage Current (Note 3) Total Capacitance Reverse Recovery Time
Notes: 1. 2. 3.
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT trr Min 40 -- -- -- -- Typ -- -- 20 2.3 -- Max -- 380 1000 200 5.0 5.0 Unit V mV nA pF ns Test Condition IR = 10mA tp < 300ms, IF = 1.0mA tp < 300ms, IF = 40mA tp < 300ms, VR = 30V VR = 0V, f =1.0MHz IF = IR = 10mA to IR = 1.0mA, RL = 100W
No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Short duration pulse test used to minimize self-heating effect.
DS30503 Rev. 9 - 2
1 of 3 www.diodes.com
BAS40LP
a Diodes Incorporated
PD, POWER DISSIPATION (mW)
250
IF, INSTANTANEOUS FORWARD CURRENT (A)
300
1
NEW PRODUCT
0.1
200
150
0.01
TA = -40C TA = 0C TA = 25C
100
0.001
50
TA = 75C TA = 125C
0 0 25 50 75 100 125 150
0.0001 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Voltage
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
IR, INSTANTANEOUS REVERSE CURRENT (nA)
10000
TA = 125C
1000
TA = 75C
100
TA = 25C
10
TA = 0C
1
TA = -40C
0.1 0 10 20 30 40 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics
Ordering Information
Device BAS40LP-7
Notes:
(Note 4) Packaging DFN1006-2 Shipping 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
43
DS30503 Rev. 9 - 2
43 = Product Type Marking Code, Dot Denotes Cathode Side
2 of 3 www.diodes.com
BAS40LP
NEW PRODUCT
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30503 Rev. 9 - 2
3 of 3 www.diodes.com
BAS40LP


▲Up To Search▲   

 
Price & Availability of BAS40LP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X