Part Number Hot Search : 
SS4036G B240010 Q68000 EPA3578 MIC809S VSC7924 15N50C1 FH601S
Product Description
Full Text Search
 

To Download B1202RU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series
Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
Electrical Specications
Specications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specications subject to change without notice.
Input
Key Features:
12W Output Power UL Approved (File E245422) 4:1 Input Voltage Range 1,500 VDC Isolation Compact 1 x 2 Inch Case Single & Dual Outputs Optional Remote ON/OFF Industry Standard Pin-Out
Parameter Input Start Voltage Input Filter Reverse Polarity Input Current Short Circuit Input Power
Conditions Min. Typ. Max. 24 VDC Input 8.0 8.5 9.0 48 VDC Input 14.0 16.0 18.0 (Pi) Filter (Complies with EN55022 Class "A") 1.0 3,500 Conditions Dual Output , Balanced Loads Vin = Min to Max Iout = 10% to 100% Over Line, Load & Temp. 120 25% Load Step Change Continuous Conditions 60 Seconds Flash Tested For 1 Sec 500 VDC 100 kHz, 1V Min. 1,500 1,650 1,000 350 Conditions Typ. Max. 150 1.5 0.01 250 2.5 0.02 Min. Typ. 0.5 0.5 0.1 0.2 50 Max. 1.0 1.0 0.5 0.5 75 100 15
Units VDC A mW Units % % % % mV P - P mV P - P mV rms % Sec % %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20 MHz) (Note 1) Ripple & Noise (20 MHz) Ripple & Noise (20 MHz) Output Power Protection Transient Recovery Time (Note 2) Transient Response Deviation Temperature Coef cient Output Short Circuit
General
Parameter Isolation Voltage Isolation Test Voltage Isolation Resistance Isolation Capacitance Switching Frequency Units VDC VDC M pF kHz Units C C C %
500 400
600 450
Environmental
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Humidity RFI Min. Typ. Max. -40 +25 +71 -40 +90 -40 +125 Free Air Convection (See Curves on Page 2) RH, Non-condensing 95 Six-Side Shielded Metal Case Ambient Case
232 Tosca Drive Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Physical
Case Size Case Material Weight 2.0 x 1.0 x 0.40 Inches (50.8 x 25.4 x 10.2 mm) Metal with Non-Conductive Base (UL94-V0) 1.13 Oz (32g) Conditions MIL HDBK 217F, 25C, Gnd Benign Min. Typ. Max. Units 700 kHours UL 1950, EN 60950, IEC 60950 UL, cUL; File No. E245422 Min. -0.7 -0.7 Typ. Max. 42.0 84.0 260.0 5,000 Units VDC C mW
Reliability Specications
Parameter MTBF Safety Standards Safety Approvals
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation Conditions 24 VDC Input 48 VDC Input 1.5 mm From Case For 10 Sec All Models
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Model Selection Guide
Model Number B1201RU B1202RU B1203RU B1204RU B1205RU B1206RU B1207RU B1211RU B1212RU B1213RU B1214RU B1215RU B1216RU B1217RU Notes: Input Voltage (VDC) Nominal 24 24 24 24 24 24 24 48 48 48 48 48 48 48 Range 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 18.0 - 75.0 18.0 - 75.0 18.0 - 75.0 18.0 - 75.0 18.0 - 75.0 18.0 - 75.0 18.0 - 75.0 Current (mA) FullNoLoad Load 423 10 508 10 595 10 595 10 508 10 595 10 595 10 212 5 254 5 298 5 298 5 254 5 298 5 298 5 Over Fuse Rating Voltage Efciency Slow-Blow Voltage Current Current Protection (%, Typ) (mA) (VDC) (mA, Max) (mA, Min) (VDC) 3.3 5.0 12.0 15.0 5.0 12.0 15.0 3.3 5.0 12.0 15.0 5.0 12.0 15.0 2,400 2,000 1,000 800 1000 500 400 2,400 2,000 1,000 800 1000 500 400 240.0 200.0 100.0 80.0 100.0 50.0 40.0 240.0 200.0 100.0 80.0 100.0 50.0 40.0 3.9 6.8 15.0 18.0 6.8 15.0 18.0 3.9 6.8 15.0 18.0 6.8 15.0 18.0 78 82 84 84 82 84 84 78 82 84 84 82 84 84 1,500 1,500 1,500 1,500 1,500 1,500 1,500 750 750 750 750 750 750 750 Output
1. When measuring output ripple, it is recommended that an external 0.47 F ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. For noise sensitive applications, the use of 3.9 F capacitors will reduce the output ripple. 2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 3. Operation at no-load will not damage these units. However, they may not meet all specications. 5. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and oat the output common. 6. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance may affect the stability of the converter. In applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is recommended that a low Equivalent Series Resistance (ESR <1.0 at 100 kHz) capacitor be mounted close to the converter. A 10.0 F is recommended for 24V input models; a 4.7 F for 48V units. 7. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the correct rating.
Derating Curve
Mechanical Dimensions
Remote ON/OFF (Optional, see below)
Parameter
Supply On Supply Off Standby Input Current Control Input Current (On) Control Input Current (Off) Control Common
Min
2.5 -0.7
Max
5.5 or Open 0.8 10 50.0 -100.0
Units
VDC VDC mA A mA
Capacitive Load
Single Output ( F Max) 470 Dual Output ( F Max) 150
Referenced to Neg. Input (pin 2)
Remote ON/OFF Notes:
1. Maximum sink current at the on/off pin (pin 6) during a logic low is 100 A. 2. Maximum allowable leakage current of a switch connected to the on/off terminal (Pin 6) at logic high (2.5V to 100V) is 50 A.
Pin Connections
Pin
1 2 3 4 5 6
Single
+Vin -Vin +Vout No Pin -Vout Remote On/Off
Dual
+Vin -Vin +Vout Common -Vout Remote On/Off
Mechanical Notes:
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25) * Leads are gold plated for improved solderability.
For Remote On/Off Option, add sufx "R" to model number (i.e. B1205RU-R)
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of B1202RU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X