Part Number Hot Search : 
NTE15 E002566 CEEVAA2 T74LV 20N65 LA9247T 313030P SK262
Product Description
Full Text Search
 

To Download APT40DQ60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
600V 40A APT40DQ60B APT40DQ60S APT40DQ60BG* APT40DQ60SG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
(B)
TO
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics
PRODUCT BENEFITS
* Low Losses * Low Noise Switching
1 2
-2 4
7
D3PAK
* Cooler Operation * Popular TO-247 Package or Surface Mount D3PAK Package * Higher Reliability Systems * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated * Increased System Power Density
1
2
(S)
1
2
1 - Cathode 2 - Anode Back of Case - Cathode
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT40DQ60B(G)_S(G) UNIT
600
Volts
Maximum Average Forward Current (TC = 111C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
40 63 320 20 -55 to 175 300
mJ C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 40A VF Forward Voltage IF = 80A IF = 40A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
2.0 2.5 1.7
2.4
Volts
VR = 600V VR = 600V, TJ = 125C
25 500 36
053-4212 Rev C
pF
8-2005
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 40A, diF/dt = -1000A/s VR = 400V, TC = 125C IF = 40A, diF/dt = -200A/s VR = 400V, TC = 125C IF = 40A, diF/dt = -200A/s VR = 400V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN -
APT40DQ60B(G)_S(G)
TYP 22 MAX UNIT ns nC
-
25 35 3 160 480 6 85 920 20 -
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
.67 0.22 5.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.70 , THERMAL IMPEDANCE (C/W) 0.60 0.50 0.40 0.5 0.30 0.20 0.10 0 0.3 0.1 0.05 10-5 10-4
Note:
D = 0.9
0.7
PDM
t1 t2
SINGLE PULSE
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
Z
JC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
RC MODEL Junction temp (C)
8-2005
0.289 Power (watts) 0.381 Case temperature (C)
0.00448
053-4212 Rev C
0.120
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVES
120 100 80 60 TJ = 125C 40 20 0 TJ = 175C TJ = 25C TJ = -55C 0.5 1 1.5 2 2.5 3 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 1400 Qrr, REVERSE RECOVERY CHARGE (nC) 1200 1000 800 600 400 200 0
T = 125C J V = 400V
R
180 trr, REVERSE RECOVERY TIME (ns) 160 140 120 100 80 60 40 20 80A
APT40DQ60B(G)_S(G)
T = 125C J V = 400V
R
IF, FORWARD CURRENT (A)
40A 20A
0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 25
T = 125C J V = 400V
R
0
80A
80A
20
15
40A
10
40A 20A
20A
5
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 80
Duty cycle = 0.5 T = 175C
J
0
1.4
Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s)
1.2 1.0 0.8 0.6 0.4 0.2 trr
Qrr IRRM
70 60 IF(AV) (A) 50 40 30
trr Qrr
20 10
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature
0.0
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
200
CJ, JUNCTION CAPACITANCE (pF)
180 160 140 120 100
8-2005 1 053-4212 Rev C
80 60 40 20
10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage
0
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APT40GT60BR
APT40DQ60B(G)_S(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
6
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr. diM/dt - Maximum Rate of Current Increase During the Trailing Portion of trr.
0.25 IRRM Slope = diM/dt
5 6
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
e1 SAC: Tin, Silver, Copper
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
D PAK Package Outline
e3 100% Sn
4.90 (.193) 5.10 (.201) 1.45 (.057) 1.60 (.063) 15.85 (.624) 16.05(.632) 13.30 (.524) 13.60(.535)
3
Cathode (Heat Sink)
1.00 (.039) 1.15(.045)
Cathode
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
18.70 (.736) 19.10 (.752) 0.40 (.016) 0.65 (.026)
12.40 (.488) 12.70 (.500)
8-2005
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
19.81 (.780) 20.32 (.800)
0.020 (.001) 0.250 (.010) 2.70 (.106) 2.90 (.114)
1.15 (.045) 1.45 (.057)
1.20 (.047) 1.90 (.075) 1.40 (.055) 2.10 (.083) 5.45 (.215) BSC (2 Plcs.)
2.40 (.094) 2.70 (.106) (Base of Lead)
053-4212 Rev C
Anode
2.21 (.087) 2.59 (.102)
Heat Sink (Cathode) and Leads are Plated
Cathode
10.90 (.430) BSC
Dimensions in Millimeters and (Inches)
Anode Cathode Dimensions in Millimeters (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT40DQ60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X