Part Number Hot Search : 
LTV814M TDA737 PTB200 10A03 2SB815 10A03 ML4335 ML4335
Product Description
Full Text Search
 

To Download APT40DQ120SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
1200V 40A APT40DQ120B APT40DQ120S APT40DQ120BG* APT40DQ120SG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
(B)
TO
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics
PRODUCT BENEFITS
* Low Losses * Low Noise Switching
1 2
-2 4
7
D3PAK
* Cooler Operation * Popular TO-247 Package or Surface Mount D3PAK Package * Higher Reliability Systems * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated * Increased System Power Density
1
2
(S)
1
2
1 - Cathode 2 - Anode Back of Case - Cathode
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT40DQ120B(G)_S(G) UNIT
1200
Volts
Maximum Average Forward Current (TC = 112C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
40 63 210 20 -55 to 175 300
mJ C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 40A VF Forward Voltage IF = 80A IF = 40A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V VR = 1200V VR = 1200V, TJ = 125C MIN TYP MAX UNIT
2.8 3.43 2.17
3.3
Volts
100 500 36
APT Website - http://www.advancedpower.com
053-4217 Rev B
pF
8-2005
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 40A, diF/dt = -1000A/s VR = 800V, TC = 125C IF = 40A, diF/dt = -200A/s VR = 800V, TC = 125C IF = 40A, diF/dt = -200A/s VR = 800V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN -
APT40DQ120B(G)_S(G)
TYP MAX UNIT ns nC
26 350 570 4 430 2200 9 210 3400 29 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
.61 0.22 5.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.70 , THERMAL IMPEDANCE (C/W) 0.60 0.50 0.7 0.40 0.30 0.20 0.10 0 10 0.5 0.3 0.1 0.05
-5
D = 0.9
Note:
PDM
t1 t2
SINGLE PULSE 10
-4
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
Z
JC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
RC MODEL Junction temp (C) 0.0442 0.00222
8-2005
Power (watts)
0.242
0.00586
053-4217 Rev B
0.324 Case temperature (C)
0.0596
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVES
120 100 80 60 40 20 0 TJ = 125C TJ = 25C TJ = -55C 1 2 3 4 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 5000 Qrr, REVERSE RECOVERY CHARGE (nC) 4500 4000 3500 3000 2500 2000 1500 1000 500 0 20A 40A
T = 125C J V = 800V
R
600 trr, REVERSE RECOVERY TIME (ns) 500 400 300 200 100 0
APT40DQ120B(G)_S(G)
T = 125C J V = 800V
R
IF, FORWARD CURRENT (A)
80A 40A 20A
TJ = 175C
0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 35 30 25 20 15 10 5 0
T = 125C J V = 800V
R
80A
80A
40A
20A
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 80 70 60 IF(AV) (A) 50 40 30
Duty cycle = 0.5 T = 175C
J
1.2
Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s)
Qrr trr trr IRRM
1.0 0.8 0.6 0.4 0.2 0.0
Qrr
20 10
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 200
CJ, JUNCTION CAPACITANCE (pF)
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
150
100
8-2005
50
10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage
0
1
053-4217 Rev B
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APT10035LLL
APT40DQ120B(G)_S(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
e1 SAC: Tin, Silver, Copper
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
D PAK Package Outline
e3 100% Sn
4.90 (.193) 5.10 (.201) 1.45 (.057) 1.60 (.063) 15.85 (.624) 16.05(.632) 13.30 (.524) 13.60(.535)
3
Cathode (Heat Sink)
1.00 (.039) 1.15(.045)
Cathode
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
18.70 (.736) 19.10 (.752) 0.40 (.016) 0.65 (.026)
12.40 (.488) 12.70 (.500)
8-2005
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
19.81 (.780) 20.32 (.800)
0.020 (.001) 0.250 (.010) 2.70 (.106) 2.90 (.114)
1.15 (.045) 1.45 (.057)
1.20 (.047) 1.90 (.075) 1.40 (.055) 2.10 (.083) 5.45 (.215) BSC (2 Plcs.)
2.40 (.094) 2.70 (.106) (Base of Lead)
053-4217 Rev B
Anode
2.21 (.087) 2.59 (.102)
Heat Sink (Cathode) and Leads are Plated
Cathode
10.90 (.430) BSC
Dimensions in Millimeters and (Inches)
Anode Cathode Dimensions in Millimeters (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT40DQ120SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X