|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) 1200V 30A APT30DQ120K APT30DQ120KG* *G Denotes RoHS Compliant, Pb Free Terminal Finish. ULTRAFAST SOFT RECOVERY RECTIFIER DIODE (K) PRODUCT APPLICATIONS * Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC PRODUCT FEATURES * Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-220 Package * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated PRODUCT BENEFITS * Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density 1 TO-220 2 1 2 1 - Cathode 2 - Anode Back of Case - Cathode MAXIMUM RATINGS Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage All Ratings: TC = 25C unless otherwise specified. APT30DQ120K(G) UNIT 1200 Volts Maximum Average Forward Current (TC = 110C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range Lead Temperature for 10 Sec. 30 55 210 20 -55 to 175 300 mJ C Amps STATIC ELECTRICAL CHARACTERISTICS Symbol Characteristic / Test Conditions IF = 30A VF Forward Voltage IF = 60A IF = 30A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V APT Website - http://www.advancedpower.com MIN TYP MAX UNIT 2.8 3.4 2.1 3.3 Volts VR = 1200V VR = 1200V, TJ = 125C 100 500 34 053-4246 Rev A pF 2-2006 A DYNAMIC CHARACTERISTICS Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 30A, diF/dt = -1000A/s VR = 667V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 667V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 667V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP APT30DQ120K(G) MAX UNIT ns nC 24 320 480 4 360 1800 8 190 2800 25 - - Amps ns nC Amps ns nC Amps THERMAL AND MECHANICAL CHARACTERISTICS Symbol RJC WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g .80 0.07 9.9 10 1.1 lb*in N*m Torque Maximum Mounting Torque APT Reserves the right to change, without notice, the specifications and information contained herein. TO-220 (K) Package Outline e3 100% Sn 10.66 (.420) 9.66 (.380) 1.39 (.055) 0.51 (.020) Cathode 5.33 (.210) 4.83 (.190) 6.85 (.270) 5.85 (.230) 12.192 (.480) 9.912 (.390) 3.42 (.135) 2.54 (.100) 4.08 (.161) Dia. 3.54 (.139) 0.080 (2.032) MAX. 14.73 (.580) 12.70 (.500) 3.683 (.145) MAX. 0.50 (.020) 0.41 (.016) 2-2006 Cathode Anode 2.92 (.115) 2.04 (.080) 4.82 (.190) 3.56 (.140) 1.01 (.040) 2-Plcs. .83 (.033) 5.33 (.210) 4.83 (.190) 053-4246 Rev A 1.77 (.070) 2-Plcs. 1.15 (.045) Dimensions in Millimeters and (Inches) APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved. |
Price & Availability of APT30DQ120KG |