Part Number Hot Search : 
MV5491 MMBT5 ADVANCE 2SD772A HUN2213 FDS69 M358D FLM10
Product Description
Full Text Search
 

To Download APT30DQ100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
1000V 30A APT30DQ100K APT30DQ100KG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
(K)
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-220 Package * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density
1
TO-220
2
1
2
1 - Cathode 2 - Anode Back of Case - Cathode
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT30DQ100K(G) UNIT
1000
Volts
Maximum Average Forward Current (TC = 120C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
30 40 150 20 -55 to 175 300
mJ C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Forward Voltage IF = 60A IF = 30A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
2.5 3.06 1.92
3.0
Volts
VR = 1000V, TJ = 125C
500 25
053-4240 Rev A
pF
12-2005
VR = 1000V
100
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 30A, diF/dt = -1000A/s VR = 667V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 667V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 66700V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP
APT30DQ100K(G)
MAX UNIT ns nC
22 240 260 3 300 1250 7 140 2200 25 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
.88 0.07 9.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-220 (K) Package Outline
e3 100% Sn
10.66 (.420) 9.66 (.380)
1.39 (.055) 0.51 (.020)
Cathode
5.33 (.210) 4.83 (.190) 6.85 (.270) 5.85 (.230)
12.192 (.480) 9.912 (.390)
3.42 (.135) 2.54 (.100)
4.08 (.161) Dia. 3.54 (.139)
0.080 (2.032) MAX. 14.73 (.580) 12.70 (.500)
3.683 (.145) MAX.
12-2005
0.50 (.020) 0.41 (.016) 2.92 (.115) 2.04 (.080) 4.82 (.190) 3.56 (.140)
Cathode Anode
1.01 (.040) 2-Plcs. .83 (.033) 5.33 (.210) 4.83 (.190)
053-4240 Rev A
1.77 (.070) 2-Plcs. 1.15 (.045)
Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT30DQ100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X