Part Number Hot Search : 
BH853 W12NK90 MMDT2227 TDE1787A AH293YA 01610 GUF30B FM203
Product Description
Full Text Search
 

To Download APT10M11B2VFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT10M11B2VFR APT10M11LVFR
100V 100A 0.011W
POWER MOS V (R)
B2VFR
FREDFET
T-MAXTM
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
TO-264
LVFR
* Identical Specifications: T-MAXTM or TO-264 Package * Lower Leakage * Fast Recovery Body Diode
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1 5 5
D G S
* Faster Switching * 100% Avalanche Tested
All Ratings: TC = 25C unless otherwise specified.
APT10M11 UNIT Volts Amps
100 100 400 30 40 520 4.16 -55 to 150 300 100 50
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1 5
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
2500
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2 5
MIN
TYP
MAX
UNIT Volts Amps
100 100 0.011 250 1000 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5629 Rev B 11-99
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 2.5mA)
APT Website - http://www.advancedpower.com
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd t d(on) tr t d(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT10M11 B2VFR - LVFR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 0.6W MIN TYP MAX UNIT pF
8600 3200 1180 300 95 110 16 33 46 8
10300 4480 1770 450 145 165 32 66 70 16
ns nC
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD
dv/ dt
Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage Peak Diode Recovery
1 2 dt
MIN
TYP
MAX
UNIT Amps Volts V/ns ns
100 400 1.3 5
Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
(Body Diode) (VGS = 0V, IS = -ID [Cont.])
6
dv/
t rr Q rr IRRM
Reverse Recovery Time (IS = -ID [Cont.], di/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], di/dt = 100A/s) Peak Recovery Current (IS = -ID [Cont.], di/dt = 100A/s)
220 420 0.8 3.0 10 18
C
Amps
THERMAL CHARACTERISTICS
Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.24 40
4 Starting T = +25C, L = 500H, R = 25W, Peak I = 100A j G L 5 The maximum current is limited by lead temperature.
1 Repetitive Rating: Pulse width limited by maximum T j 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471
6 I -I [Cont.], di/ = 100A/s, V = 50V, T 150C, R = 2.0W S D R j G dt
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.3
, THERMAL IMPEDANCE (C/W)
D=0.5 0.1 0.05 0.2 0.1 0.05 0.02 0.005 0.01 SINGLE PULSE
PDM
0.01
Note:
t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
050-5629 Rev B 11-99
Z
qJC
0.001 10-5
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
APT10M11 B2VFR - LVFR
200
ID, DRAIN CURRENT (AMPERES)
VGS=7V, 10V & 15V
ID, DRAIN CURRENT (AMPERES)
200 VGS=10 & 15V 6V 160 6V 120 5.5V 7V
160
120
5.5V
80
5V 4.5V 4V
80
5V 4.5V 4V
40
40
0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE
0
0 0.5 1.0 1.5 2.0 2.5 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS 1.10
V
GS
0
200
ID, DRAIN CURRENT (AMPERES)
TJ = -55C TJ = +25C TJ = +125C
NORMALIZED TO = 10V @ 0.5 I [Cont.]
D
160
1.05
VGS=10V
120
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
1.00 0.95 0.90 0.85 0.80 VGS=20V
80 TJ = +125C TJ = +25C 0 TJ = -55C
40
0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 120
ID, DRAIN CURRENT (AMPERES)
0
50 100 150 200 250 300 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
100 80
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED)
1.15
1.10
1.05
60 40 20 0
1.00
0.95
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED)
25
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2
0.90
-50
2.00 1.75 1.50 1.25
I = 0.5 I [Cont.]
D D
V
VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
GS
= 10V
1.1 1.0 0.9 0.8 0.7
050-5629 Rev B 11-99
1.00 0.75 0.50 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.6
-50
APT10M11 B2VFR - LVFR
400
ID, DRAIN CURRENT (AMPERES)
OPERATION HERE LIMITED BY RDS (ON)
100S
30,000
Coss Ciss
C, CAPACITANCE (pF)
100 50
1mS
10,000 5,000
Ciss Coss
10mS 10 5 TC =+25C TJ =+150C SINGLE PULSE
Crss
100mS DC
1,000 500
1 5 10 50 100 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
1
.01 .1 1 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
IDR, REVERSE DRAIN CURRENT (AMPERES)
20
400 TJ =+150C 100 50 TJ =+25C
I = 0.5 I [Cont.]
D D
16
VDS=20V VDS=50V
12 VDS=80V 8
10 5
4
100 200 300 400 500 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0 0.4 0.8 1.2 1.6 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
T-MAXTM (B2) Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
TO-264 (L) Package Outline
4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079)
19.51 (.768) 20.50 (.807) 3.10 (.122) 3.48 (.137) 5.79 (.228) 6.20 (.244)
Collector
Collector
20.80 (.819) 21.46 (.845)
25.48 (1.003) 26.49 (1.043)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055) 2.21 (.087) 2.59 (.102)
050-5629 Rev B 11-99
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842)
2.29 (.090) 2.69 (.106)
Gate Collector Emitter
Gate Collector Emitter
5.45 (.215) BSC 2-Plcs.
0.48 (.019) 0.76 (.030) 0.84 (.033) 1.30 (.051) 2.79 (.110) 2.59 (.102) 3.18 (.125) 3.00 (.118) 5.45 (.215) BSC 2-Plcs.
These dimensions are equal to the TO-247 without the mounting hole.
Dimensions in Millimeters and (Inches)
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT10M11B2VFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X