Part Number Hot Search : 
MURS110 VS4ARJ 39162 B89PV SB772 XXXEZ 74122 0AA01
Product Description
Full Text Search
 

To Download APT100S20LCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
3
TO
2 1 - Anode 1 2 - Common Cathode Back of Case - Cathode 3 - Anode 2
-26
4
APT100S20LCT 200V 100A
1 2 3
HIGH VOLTAGE SCHOTTKY DIODES
PRODUCT APPLICATIONS
* Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) 48 Volt Output Rectifiers High Speed Rectifiers
PRODUCT FEATURES
* * * *
Ultrafast Recovery Times Soft Recovery Characteristics Popular TO-264 Package Rugged Avalanche Energy Rated * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR V RRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL EAVL
Characteristic / Test Conditions Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (TC = 120C, Duty Cycle = 0.5) RMS Forward Current
1
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range
Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Energy (2A, 50 mH)
AL IC HN EC ION TT CE MA AN OR DV NF A I
200
1
All Ratings Are Per Leg: TC = 25C unless otherwise specified.
APT100S20LCT UNIT
Volts
100 170
Amps
1000
-55 to 150 300 100
C mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 100A VF Maximum Forward Voltage IF = 200A IF = 100A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
0.89 1.18
0.95
Volts
0.80 2 50 470 10
mA pF nH
Rev- 7-2001 053-6025
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702-1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 100A, diF /dt = -100A/s, VR = 100V Forward Recovery Time IF = 100A, diF /dt = 100A/s, VR = 100V Reverse Recovery Current IF = 100A, diF /dt = -100A/s, VR = 100V Recovery Charge TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C MIN TYP
APT100S20LCT
MAX UNIT
110 88 123 1600 1600 5
Amps ns
7 253 490 6.0 6.0
nC
IF = 100A, diF /dt = -100A/s, VR = 100V Forward Recovery Voltage
IF = 100A, diF /dt = 100A/s, VR = 100V Rate of Fall of Recovery Current
IF = 100A, diF /dt = -100A/s, VR = 100V
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RqJC RqJA WT Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance Package Weight
AL IC HN EC ION TT CE MA AN OR DV NF A I
TJ = 100C TJ = 25C TJ = 100C TJ = 25C
Volts
210 250
A/s
TJ = 100C
MIN
TYP
MAX
UNIT C/W
.24 40
oz gm
0.35 9.9 10
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
lb*in N*m
Torque
1.1
1 The maximum current is limited by lead temperature APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-264 Package Outline
4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 19.51 (.768) 20.50 (.807) 3.10 (.122) 3.48 (.137) 5.79 (.228) 6.20 (.244)
Common Cathode
25.48 (1.003) 26.49 (1.043)
2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842)
2.29 (.090) 2.69 (.106)
Rev- 7-2001
Anode 1 Common Cathode Anode 2
0.48 (.019) 0.84 (.033) 2.59 (.102) 3.00 (.118)
0.76 (.030) 1.30 (.051) 2.79 (.110) 3.18 (.125) 5.45 (.215) BSC 2-Plcs.
053-6025
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents:
4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT100S20LCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X