Part Number Hot Search : 
4506GEM VT8363A FCT24 PCP1204 2004A EDZ20B FJX4013R 2SA1823S
Product Description
Full Text Search
 

To Download APM9904KC-TU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM9904K
Dual N-Channel Enhancement Mode MOSFET
Features
*
30V/8A, RDS(ON) =20m(typ.) @ VGS = 10V RDS(ON) =25m(typ.) @ VGS = 4.5V
Pin Description
D1 D1 D2 D2
* * *
Super High Dense Cell Design Reliable and Rugged Lead Free Available (RoHS Compliant)
S1 G1 S2 G2
SOP - 8
(7) (8) D1 D1 (5) (6) D2 D2
Applications
*
Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems
(2) G1
(4) G2
S1 (1)
S2 (3)
N-Channel MOSFET
Ordering and Marking Information
APM9904 Lead Free Code Handling Code Tem p. Range Package Code Package Code K : SOP-8 Operating Junction Tem p. Range C : -55 to 150C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
APM9904 K :
APM9904 XXXXX
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 1 www.anpec.com.tw
APM9904K
Absolute Maximum Ratings
Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA*
Note: *Surface Mounted on 1in pad area, t 10sec.
2
(TA = 25C unless otherwise noted)
Rating 30 16 8 VGS=10V 30 4 150 -55 to 150 TA=25C TA=100C 2 0.8 62.5 W C/W V A A C Unit
Parameter Drain-Source Voltage Gate-Source Voltage Continue Drain Current 300s Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient
Electrical Characteristics
Symbol Parameter
(TA = 25C unless otherwise noted)
APM9904K Min. 30 1 30 0.8 1 20 25 0.8 1.6 100 26 32 1.3 Typ. Max.
Test Condition
Unit
Static Characteristics BVDSS Drain-Source Breakdown Voltage IDSS VGS(th) IGSS RDS(ON) VSD
a a
VGS=0V, IDS=250A VDS=24V, VGS=0V TJ=85C VDS=VGS, IDS=250A VGS=16V, VDS=0V VGS=10V, IDS=8A VGS=4.5V, IDS=5.6A ISD=4A, VGS=0V
V A V nA m V
Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance Diode Forward Voltage
b
Dynamic Characteristics Ciss Input Capacitance Coss Crss RG Output Capacitance Reverse Transfer Capacitance Gate Resistance
VGS=0V, VDS=15V, Frequency=1.0MHz VGS=0V, VDS=0V, f=1MHz
790 130 80 2 pF
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
2
www.anpec.com.tw
APM9904K
Electrical Characteristics(Cont.)
Symbol Parameter
b
(TA = 25C unless otherwise noted)
APM9904K Min. Typ. 3 Max. 6 28 44 33 ns
Test Condition
Unit
Dynamic Characteristics td(ON) Turn-on Delay Time Tr td(OFF) Tf Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time
b
VDD=15V, RL=15, IDS=1A, VGEN=10V, RG=6
15 24 18
Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd
Notes:
15.5 VDS=15V, VGS=10V, IDS=8A 1.8 2.2
20 nC
Gate-Source Charge Gate-Drain Charge
a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing.
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
3
www.anpec.com.tw
APM9904K
Typical Characteristics
Power Dissipation
2.5 10
Drain Current
2.0
8
ID - Drain Current (A)
Ptot - Power (W)
1.5
6
1.0
4
0.5
o
2
o
TA=25 C
0.0
0 0 20 40 60 80 100 120 140 160
TA=25 C,VG=10V 0 20 40 60 80 100 120 140 160
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area
Normalized Transient Thermal Resistence
100 2 1
Thermal Transient Impedance
ID - Drain Current (A)
Rd s
10
(o
n) L
im
Duty = 0.5 0.2 0.1
it
300s 1ms
0.1
0.05 0.02 0.01
1
10ms 100ms
0.1
1s DC
0.01
Single Pulse
0.01 0.01
TA=25 C
o
0.1
1
10
100
1E-3 1E-4
Mounted on 1in pad o RJA : 62.5 C/W
2
1E-3
0.01
0.1
1
10 30
VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
4
www.anpec.com.tw
APM9904K
Typical Characteristics (Cont.)
Output Characteristics
30 VGS= 4,5,6,7,8,9,10V 3V
Drain-Source On Resistance
36
RDS(ON) - On - Resistance (m)
25
32
ID - Drain Current (A)
20
28
VGS=4.5V
15 2.5V
24 VGS=10V
20
10
16
5 2V 0 0 1 2 3 4 5
12 0 5 10 15 20 25 30
VDS - Drain-Source Voltage (V)
ID - Drain Current (A)
Transfer Characteristics
30
Gate Threshold Voltage
1.4 IDS=250A
Normalized Threshold Voltage
25
1.2
ID - Drain Current (A)
20
1.0
15 Tj=125 C 10 Tj=25 C
o o
0.8
Tj=-55 C
o
5
0.6
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.4 -50 -25
0
25
50
75
100 125 150
VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
5
www.anpec.com.tw
APM9904K
Typical Characteristics (Cont.)
Drain-Source On Resistance
1.8 VGS =10V 1.6 IDS =8A 10 30
o
Source-Drain Diode Forward
Normalized On Resistance
Tj=150 C
1.2 1.0 0.8 0.6 RON@Tj=25 C: 20m 0.4 -50 -25 0 25 50 75 100 125 150
o
IS - Source Current (A)
1.4
1
Tj=25 C
o
0.1 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Tj - Junction Temperature (C)
VSD - Source - Drain Voltage (V)
Capacitance
1400 Frequency=1MHz 1200 10 VDS=15V IDS=8A
Gate Charge
VGS - Gate - source Voltage (V)
30
8
C - Capacitance (pF)
1000 800 600 400 200 Crss 0 0 5 10 15 20 25 Ciss
6
4
2
Coss
0
0
2
4
6
8
10
12
14
16
VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
6
www.anpec.com.tw
APM9904K
Packaging Information
SOP-8 pin ( Reference JEDEC Registration MS-012)
E
H
e1 D
e2
A1
A
1 L
0.004max.
Dim A A1 D E H L e1 e2 1
Mi ll im et er s Min. 1. 35 0. 10 4. 80 3. 80 5. 80 0. 40 0. 33 1. 27B S C 8 Max . 1. 75 0. 25 5. 00 4. 00 6. 20 1. 27 0. 51 Min. 0. 053 0. 004 0. 189 0. 150 0. 228 0. 016 0. 013
0.015X45
Inche s Max . 0. 069 0. 010 0. 197 0. 157 0. 244 0. 050 0. 020 0. 50B S C 8
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
7
www.anpec.com.tw
APM9904K
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
TP
(IR/Convection or VPR Reflow)
tp C ritical Zone T L to T P
R am p-up
T e m p e ra tu re
TL T sm ax
tL
T sm in R am p-down ts Preheat
25
t 25 C to Peak
T im e
Classificatin Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (TL) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 8 www.anpec.com.tw
APM9904K
Classificatin Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Tem peratures 3 3 Package Thickness Volum e m m Volum e m m <350 350 <2.5 m m 240 +0/-5C 225 +0/-5C 2.5 m m 225 +0/-5C 225 +0/-5C Table 2. Pb-free Process - Package Classification Reflow Tem peratures 3 3 3 Package Thickness Volum e mm Volum e mm Volum e mm <350 350-2000 >2000 <1.6 m m 260 +0C* 260 +0C* 260 +0C* 1.6 m m - 2.5 m m 260 +0C* 250 +0C* 245 +0C* 2.5 m m 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device m anufacturer/supplier shall assure process com patibility up to and including the stated classification tem perature (this m eans Peak reflow tem perature +0C. For exam ple 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
9
www.anpec.com.tw
APM9904K
Carrier Tape & Reel Dimensions(Cont.)
T2
J C A B
T1
Application
A 3301
B 62 1.5
C 12.75 + 0.1 5
J 2 + 0.5
T1 12.4 +0.2
T2 2 0.2
W 12 + 0.3 - 0.1 Bo 5.2 0.1
P 8 0.1
E 1.75 0.1
SOP-8
F D D1 Po P1 Ao 5.5 0.1 1.550.1 1.55+ 0.25 4.0 0.1 2.0 0.1 6.4 0.1
Ko t 2.1 0.1 0.30.013
(mm)
Cover Tape Dimensions
Application SOP- 8 Carrier Width 12 Cover Tape Width 9.3 Devices Per Reel 2500
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
10
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM9904KC-TU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X