Part Number Hot Search : 
BSS81 AN2135SC CXG1040T SK210 302UR100 501MF SLA50 IRU431L
Product Description
Full Text Search
 

To Download APM4412KC-TU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM4412K
N-Channel Enhancement Mode MOSFET
Features
*
30V/12A, RDS(ON) = 9m (typ.) @ VGS = 10V RDS(ON) =12m (typ.) @ VGS = 4.5V
Pin Description
* * * *
Super High Dense Cell Design Reliable and Rugged SOP-8 Package Lead Free Available (RoHS Compliant)
( 5,6,7,8 ) D D DD
Top View of SOP - 8
Applications
*
Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems
(4) G
SS S (1, 2, 3)
N-Channel MOSFET
Ordering and Marking Information
APM4412 Lead Free Code Handling Code Temp. Range Package Code Package Code K : SOP-8 Operating Junction Temp. Range C : -55 to 150 C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
APM4412 K :
APM4412 XXXXX
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005 1 www.anpec.com.tw
APM4412K
Absolute Maximum Ratings
Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA*
Note: *Surface Mounted on 1in pad area, t 10sec.
2
(TA = 25C unless otherwise noted)
Rating 30 20 VGS=10V 12 45 2 150 -55 to 150 TA=25C TA=100C 2 0.8 62.5 W C/W A C V A Unit
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current 300s Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient
Electrical Characteristics
Symbol Parameter
(TA = 25C unless otherwise noted)
APM4412K Min. 30 1 30 1.3 1.7 9 12 0.75 24.5 VDS=15V, VGS=10V, IDS=12A 4 8 2.5 100 12 16 1.3 32 nC Typ. Max.
Test Condition
Unit
Static Characteristics BVDSS Drain-Source Breakdown Voltage IDSS VGS(th) IGSS RDS(ON) VSDa
a
VGS=0V, IDS=250A VDS=24V, VGS=0V TJ=85C VDS=VGS, IDS=250A VGS=20V, VDS=0V VGS=10V, IDS=12A VGS=4.5V, IDS=8A ISD=2.3A, VGS=0V
V A V nA m V
Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance Diode Forward Voltage
b
Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd Gate-Drain Charge
Gate-Source Charge
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005
2
www.anpec.com.tw
APM4412K
Electrical Characteristics (Cont.)
Symbol Parameter
(T A = 25C unless otherwise noted)
APM4412K Min. Typ. 2.3 1470 233 157 13 24 17 66 23 ns nC ns 9 36 12 14 5 pF Max.
Test Condition
Unit
Dynamic Characteristicsb RG Gate Resistance Ciss Coss Crss td(ON) Tr td(OFF) Tf trr Qrr
Notes:
VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=25V, Frequency=1.0MHz VDD=15V, RL=15, IDS=1A, VGEN=10V, RG=6
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time Reverse Recovery Time Reverse Recovery Charge
ISD=12A, dISD/dt =100A/s
a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing.
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005
3
www.anpec.com.tw
APM4412K
Typical Characteristics
Power Dissipation
2.5
14 12
Drain Current
2.0
1.5
ID - Drain Current (A)
10 8 6 4 2
Ptot - Power (W)
1.0
0.5
o
o
0.0
TA=25 C 0 20 40 60 80 100 120 140 160
0
TA=25 C,VG=10V 0 20 40 60 80 100 120 140 160
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area Normalized Transient Thermal Resistance
100
2 1
Thermal Transient Impedance
Duty = 0.5 0.2 0.1
ID - Drain Current (A)
10
Rd s(o n) Lim it
300us 1ms
0.1
0.05 0.02 0.01
1
10ms 100ms
0.01
Single Pulse
0.1
1s DC
o
T =25 C 0.01 A 0.01 0.1
1
10
100
1E-3 1E-4
Mounted on 1in pad o RJA : 62.5 C/W
2
1E-3
0.01
0.1
1
10 30
VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005
4
www.anpec.com.tw
APM4412K
Typical Characteristics (Cont.)
Output Characteristics
45 40 35 VGS= 4,5,6,7,8,9,10V 20 18
Drain-Source On Resistance
RDS(ON) - On - Resistance (m)
16 14 12 10 8 6 4 2 VGS=10V VGS=4.5V
ID - Drain Current (A)
30 25 20 15 10 5 0 0.0 3.5V
3V
0.5
1.0
1.5
2.0
2.5
3.0
0
9
18
27
36
45
VDS - Drain-Source Voltage (V)
ID - Drain Current (A)
Transfer Characteristics
45 40
Gate Threshold Voltage
2.0 1.8 IDS =250A
Normalized Threshold Voltage
35
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
ID - Drain Current (A)
30 25 20 15 10 5 0 Tj=125 C Tj=25 C
o o
Tj=-55 C
o
0
1
2
3
4
5
6
0.0 -50 -25
0
25
50
75 100 125 150
VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005
5
www.anpec.com.tw
APM4412K
Typical Characteristics (Cont.)
Drain-Source On Resistance
2.00 VGS = 10V 1.75 IDS = 12A Tj=150 C 10
o o
Source-Drain Diode Forward
50
Normalized On Resistance
1.50 1.25 1.00 0.75 0.50 0.25 0.00 -50 -25 RON@Tj=25 C: 9m 0 25 50 75 100 125 150
o
IS - Source Current (A)
Tj=25 C
1
0.5 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Tj - Junction Temperature (C)
VSD - Source - Drain Voltage (V)
Capacitance
2400 2100 Frequency=1MHz
10 9 VDS= 15V ID = 12A
Gate Charge
VGS - Gate - source Voltage (V)
8 7 6 5 4 3 2 1 0 0 5 10 15 20 25
1800
C - Capacitance (pF)
1500 1200 900 600 300 Crss 0 0 5 10 15 20 Coss
Ciss
25
30
VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005
6
www.anpec.com.tw
APM4412K
Packaging Information
SOP-8 pin ( Reference JEDEC Registration MS-012)
E
H
e1 D
e2
A1
A
1 L
0.004max.
Dim A A1 D E H L e1 e2 1
Millimeters Min. 1.35 0.10 4.80 3.80 5.80 0.40 0.33 1.27BSC 8 Max. 1.75 0.25 5.00 4.00 6.20 1.27 0.51 Min. 0.053 0.004 0.189 0.150 0.228 0.016 0.013
0.015X45
Inches Max. 0.069 0.010 0.197 0.157 0.244 0.050 0.020 0.50BSC 8
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005
7
www.anpec.com.tw
APM4412K
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
(IR/Convection or VPR Reflow)
TP Ramp-up
tp Critical Zone T L to T P
Temperature
TL Tsmax
tL
Tsmin Ramp-down ts Preheat
25
t 25 C to Peak
Time
Classification Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (T L) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
8 www.anpec.com.tw
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005
APM4412K
Classification Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Temperature s 3 3 Package Thickness Volume mm Volume mm <350 350 <2.5 mm 240 +0/-5C 225 +0/-5C 2.5 mm 225 +0/-5C 225 +0/-5C
Table 2. Pb-free Process - Package Classification Reflow Temperatures 3 3 3 Package Thickness Volume mm Volume mm Volume mm <350 350-2000 >2000 <1.6 mm 260 +0C* 260 +0C* 260 +0C* 1.6 mm - 2.5 mm 260 +0C* 250 +0C* 245 +0C* 2.5 mm 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means Peak reflow temperature +0C. For example 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005
9
www.anpec.com.tw
APM4412K
Carrier Tape & Reel Dimensions(Cont.)
T2
J C A B
T1
Application
A 3301 F 5.5 0.1
B 62 1.5
C 12.75 + 0.1 5
J 2 + 0.5
T1 12.4 +0.2 P1 2.0 0.1
T2 2 0.2 Ao 6.4 0.1
W 12 + 0.3 - 0.1 Bo 5.2 0.1
P 8 0.1
E 1.75 0.1
SOP-8
D D1 Po 1.550.1 1.55+ 0.25 4.0 0.1
Ko t 2.1 0.1 0.30.013
(mm)
Cover Tape Dimensions
Application SOP- 8 Carrier Width 12 Cover Tape Width 9.3 Devices Per Reel 2500
Customer Service
Anpec Electronics Corp. Head Office : No.6, Dusing 1st Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright (c) ANPEC Electronics Corp. Rev. B.1 - Sep., 2005
10
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM4412KC-TU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X