Part Number Hot Search : 
2SC5593 SCL5238 M22101F1 NK80Z DG538ADN E75CA Z5259B GE222K
Product Description
Full Text Search
 

To Download APM2522NUC-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM2522NU
N-Channel Enhancement Mode MOSFET
Features
*
25V/30A, RDS(ON)=15m (typ.) @ VGS=10V RDS(ON)=22m (typ.) @ VGS=4.5V
Pin Description
3 1 2
* * * *
Super High Dense Cell Design Avalanche Rated Reliable and Rugged Lead Free Available (RoHS Compliant)
Pin 3 D
Applications
*
Power Management in Desktop Computer or DC/DC Converters
Pin 1 G S Pin 2
Ordering and Marking Information
APM2522N
Lead Free Code Handling Code Temp. Range Package Code Package Code U : TO-252 Operating Junction Temp. Range C : -55 to 150 C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
APM2522N U :
APM2522N XXXXX
Note: ANPEC lead-free products contain molding compounds and 100% matte tin plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006 1 www.anpec.com.tw
APM2522NU
Absolute Maximum Ratings
Symbol Parameter Rating 25 20 150 -55 to 150 TC=25C TC=25C TC=100C TC=25C TC=100C TC=25C TC=100C 20 100 70 30
*
Unit
Common Ratings (TA = 25C Unless Otherwise Noted) VDSS VGSS TJ TSTG IS IDP Drain-Source Voltage Gate-Source Voltage Maximum Junction Temperature Storage Temperature Range Diode Continuous Forward Current 300s Pulse Drain Current Tested V C C A A
Mounted on Large Heat Sink ID PD RJC Continuous Drain Current Maximum Power Dissipation Thermal Resistance-Junction to Case
2
20 50 20 2.5
A W C/W
Mounted on PCB of 1in Pad Area ID PD RJA Continuous Drain Current Maximum Power Dissipation Thermal Resistance-Junction to Ambient TA=25C TA=100C TA=25C TA=100C TA=25C TA=100C TA=25C TA=100C 9 6 2.5 1 50 7 4 1.5 0.5 75 C/W C/W W C/W A
Mounted on PCB of Minimum Footprint ID PD RJA Continuous Drain Current Maximum Power Dissipation Thermal Resistance-Junction to Ambient A
NotesG * Current limited by bond wire.
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006
2
www.anpec.com.tw
APM2522NU
Electrical Characteristics
Symbol Parameter
(TA = 25C)
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics BVDSS Drain-Source Breakdown Voltage IDSS VGS(th) IGSS RDS(ON)
a
VGS=0V, IDS=250A VDS=20V, VGS=0V TJ=85C VDS=VGS, IDS=250A VGS=20V, VDS=0V VGS=10V, IDS=20A VGS=4.5V, IDS=10A ISD=10A, VGS=0V ISD=10A, dISD/dt =100A/s
25 1 30 1 1.5 15 22 0.7 50 3 2.5 100 20 28 1.1
V A V nA m
Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance
Diode Characteristics a VSD Diode Forward Voltage trr Qrr Reverse Recovery Time Reverse Recovery Charge
b
V ns nC pF
Dynamic Characteristics RG Gate Resistance Ciss Coss Crss td(ON) tr td(OFF) tf
VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=15V, Frequency=1.0MHz
2 825 125 85 13 24 35 57 10 19 31 5
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time
b
VDD=15V, RL=15, IDS=1A, VGEN=10V, RG=6
ns
Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd Gate-Drain Charge
17 VDS=15V, VGS=10V, IDS=20A 2 5
24 nC
Gate-Source Charge
Notes: a : Pulse test ; pulse width 300s, duty cycle 2%. b : Guaranteed by design, not subject to production testing.
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006
3
www.anpec.com.tw
APM2522NU
Typical Characteristics
Power Dissipation
60
Drain Current
35 30 25 20 15 10 5
50
40
30
20
10 TC=25 C 0 20 40 60 80 100 120 140 160 180
o
ID - Drain Current (A)
Ptot - Power (W)
0
0
TC=25 C,VG=10V 0 20 40 60 80 100 120 140 160
o
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area
300 100
Thermal Transient Impedance
2 1
Normalized Effective Transient
Duty = 0.5 0.2 0.1 0.05
ID - Drain Current (A)
n) s(o Rd
it Lim
1ms 10ms 100ms 1s DC
10
0.1
0.01
0.02
1
Single Pulse
0.1 0.1
TC=25 C
o
1
10
70
0.01 1E-4
Mounted on 1in pad o RJA :50 C/W
2
1E-3
0.01
0.1
1
10
100
VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006
4
www.anpec.com.tw
APM2522NU
Typical Characteristics (Cont.)
Output Characteristics
60 VGS= 5,6,7,8,9,10V 50 4V
35
Drain-Source On Resistance
ID - Drain Current (A)
3.5V 40
RDS(ON) - On - Resistance (m)
30
25
VGS= 4.5V
30 3V 20
20 VGS=10V 15
10
2.5V
10
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
5 0
5
10
15
20
25
30
VDS - Drain-Source Voltage (V)
ID - Drain Current (A)
Drain-Source On Resistance
30 28 ID=20A
Gate Threshold Voltage
1.6 IDS =250A 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -50 -25
RDS(ON) - On - Resistance (m)
26 24 22 20 18 16 14 12 10 1 2 3 4 5 6 7 8 9 10
Normalized Threshold Vlotage
0
25
50
75 100 125 150
VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006
5
www.anpec.com.tw
APM2522NU
Typical Characteristics (Cont.)
Drain-Source On Resistance
2.0 VGS = 10V 1.8 IDS = 20A
Source-Drain Diode Forward
100
Normalized On Resistance
1.6
Tj=150 C
o
IS - Source Current (A)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -50 -25 RON@Tj=25 C: 15m 0 25 50 75 100 125 150
o
10
Tj=25 C
o
1
0.3 0.0
0.4
0.8
1.2
1.6
2.0
Tj - Junction Temperature (C)
VSD - Source-Drain Voltage (V)
Capacitance
1200
10
Gate Charge
VDS=15V ID = 20A
Frequency=1MHz
9
VGS - Gate-source Voltage (V)
1000
8 7 6 5 4 3 2 1 0
C - Capacitance (pF)
800
Ciss
600
400
200 Crss 0 0 5 10
Coss
15
20
25
30
0
3
6
9
12
15
18
VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006
6
www.anpec.com.tw
APM2522NU
Avalanche Test Circuit and Waveforms
VDS L DUT
tp
VDSX(SUS) VDS
IAS
RG VDD
VDD
tp
IL 0.01
EAS
tAV
Avalanche Test Circuit and Waveforms
VDS RD DUT VGS RG VDD
10%
VDS
90%
tp
VGS td(on) tr td(off) tf
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006
7
www.anpec.com.tw
APM2522NU
Packaging Information
TO-252 (Reference JEDEC Registration TO-252)
E b2 L2
A C1
D H L1 L b e1 C A1
Dim A A1 b b2 C C1 D E e1 H L L1 L2
Millimeters Min. 2.18 0.89 0.508 5.207 0.46 0.46 5.334 6.35 3.96 9.398 0.51 0.64 0.89 1.02 2.032 Max. 2.39 1.27 0.89 5.461 0.58 0.58 6.22 6.73 5.18 10.41 Min. 0.086 0.035 0.020 0.205 0.018 0.018 0.210 0.250 0.156 0.370 0.020 0.025 0.035
Inches Max. 0.094 0.050 0.035 0.215 0.023 0.023 0.245 0.265 0.204 0.410 0.040 0.080
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006
8
www.anpec.com.tw
APM2522NU
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb) Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
(IR/Convection or VPR Reflow)
Reflow Condition
temperature
Peak temperature
183C Pre-heat temperature
Time
Classification Reflow Profiles
Convection or IR/ Convection
Average ramp-up rate (183C to Peak) Preheat temperature (125 O 25C) Temperature maintained above 183C Time within 5C of actual peak temperature Peak temperature range Ramp-down rate Time 25C to peak temperature 3C/ second max. 120 seconds max. 60~150 seconds 10~20 seconds 6C /second max. 6 minutes max. 60 seconds 10C /second max. 220 + 5/-0C or 235 +5C/-0C 215~ 219 C or 235 +5C/-0C
VPR
10C /second max.
Classification Reflow Profiles
pkg. thickness 2.5mm and all bags Convection 220 +5/-0X C VPR 215-219X C IR/Convection 220 +5/-0X C
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006 9
pkg. thickness < 2.5mm and 3 pkg. volume 350mm
pkg. thickness < 2.5mm and pkg. volume 3 < 350mm Convection 235 +5/-0X C VPR 235 +5/-0X C IR/Convection 220 +5/-0X C
www.anpec.com.tw
APM2522NU
Reliability test program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
T2
J C A B
T1
Application
A 3303
B 1002 D 1.50.1
C 130.5 D1 1.50.25
J 20.5 Po 4.00.1
T1 16.4+0.3 -0.2 P1 2.00.1
T2 2.50.5 Ao 6.80.1
W 16+0.3 16-0.1 Bo 10.40.1
P 80.1 Ko 2.50.1
E 1.750.1 t 0.30.05
TO-252
F 7.50.1
(mm)
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006 10 www.anpec.com.tw
APM2522NU
Customer Service
Anpec Electronics Corp. Head Office : No.6, Dusing 1st Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Jun., 2006
11
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM2522NUC-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X