Part Number Hot Search : 
E4570 1599HGY F06T4 BYG20 TIL197A 16FF4 BU4538B LT551
Product Description
Full Text Search
 

To Download APM2318AC-TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM2318A
N-Channel Enhancement Mode MOSFET
Features
*
30V/3A , RDS(ON)=35m(typ.) @ VGS=10V RDS(ON)=40m(typ.) @ VGS=4.5V RDS(ON)=60m(typ.) @ VGS=2.5V
Pin Description
D
G S
* * *
Super High Dense Cell Design Reliable and Rugged Lead Free Available (RoHS Compliant) Top View of SOT-23
D
Applications
*
Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems.
S G
N-Channel MOSFET
Ordering and Marking Information
APM2318 Lead Free Code Handling Code Tem p. Range Package Code Package Code A : SOT-23 Operating Junction Tem p. Range C : -55 to 150C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
APM2318 A :
M18X
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 1 www.anpec.com.tw
APM2318A
Absolute Maximum Ratings
Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA*
Note: *Surface Mounted on 1in pad area, t 10sec.
2
(TA = 25C unless otherwise noted)
Rating 30 12 VGS=10V 3 12 1 150 -55 to 150 TA=25C TA=100C 0.83 0.3 150 W C/W A C V A Unit
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current 300s Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient
Electrical Characteristics
Symbol Parameter
(TA = 25C unless otherwise noted)
APM2318A Min. Typ. Max.
Test Condition
Unit
Static Characteristics BVDSS Drain-Source Breakdown Voltage VGS=0V, IDS=250A IDSS VGS(th) IGSS RDS(ON) VSD
a a
30 1 30 0.5 0.7 35 40 60 0.7 1 100 50 55 80 1.3
V A V nA m V
Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current
VDS=24V, VGS=0V TJ=85C VDS=VGS, IDS=250A VGS=12V, VDS=0V VGS=10V, IDS=3A
Drain-Source On-state Resistance VGS=4.5V, IDS=2A VGS=2.5V, IDS=1.5A Diode Forward Voltage
b
ISD=0.5A, VGS=0V
Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd Gate-Drain Charge
12 VDS=15V, VGS=10V, IDS=3A 0.8 0.8
16 nC
Gate-Source Charge
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
2
www.anpec.com.tw
APM2318A
Electrical Characteristics (Cont.)
Symbol Parameter
b
(TA = 25C unless otherwise noted)
APM2318A Min. Typ. Max.
Test Condition
Unit
Dynamic Characteristics RG Gate Resistance Ciss Coss Crss td(ON) Tr td(OFF) Tf
Notes:
VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=25V, Frequency=1.0MHz
1.5 320 25 15 11 22 32 68 38 17 37 20
pF
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time
VDD=15V, RL=15, IDS=1A, VGEN=10V, RG=6
ns
a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing.
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
3
www.anpec.com.tw
APM2318A
Typical Characteristics
Power Dissipation
1.0 0.9 3.0 0.8 0.7 2.5 2.0 1.5 1.0 0.5 0.1 0.0 TA=25 C 0 20 40 60 80 100 120 140 160
o
Drain Current
3.5
0.6 0.5 0.4 0.3 0.2
ID - Drain Current (A)
Ptot - Power (W)
0.0
TA=25 C,VG=10V 0 20 40 60 80 100 120 140 160
o
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area
Normalized Transient Thermal Resistance
50 2 1
Thermal Transient Impedance
10
ID - Drain Current (A)
on )L
im
Duty = 0.5
it
300s 1ms
s(
1
10ms
Rd
0.2 0.1
0.1
0.05 0.02 0.01 Single Pulse Mounted on 1in pad o RJA : 150 C/W
2
100ms
0.1
1s DC
0.01 0.01
TA=25 C 0.1 1 10 100
o
0.01 1E-4 1E-3 0.01
0.1
10
100
VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
4
www.anpec.com.tw
APM2318A
Typical Characteristics (Cont.)
Output Characteristics
12 VGS= 3,4,5,6,7,8,9,10V 2V
100 90
Drain-Source On Resistance
RDS(ON) - On - Resistance (m)
10
80 70 60 50 40 30 20 10 VGS=4.5V VGS=10V VGS=2.5V
ID - Drain Current (A)
8
6
4
1.5V
2
0
0
0
1
2
3
4
5
0
2
4
6
8
10
12
VDS - Drain-Source Voltage (V)
ID - Drain Current (A)
Transfer Characteristics
12 1.8
Gate Threshold Voltage
IDS =250A 1.6
Normalized Threshold Voltage
3.0
10
1.4 1.2 1.0 0.8 0.6 0.4 0.2
ID - Drain Current (A)
8
6 Tj=125 C
o o
4
2
Tj=25 C
Tj=-55 C
o
0 0.0
0.5
1.0
1.5
2.0
2.5
0.0 -50 -25
0
25
50
75
100 125 150
VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
5
www.anpec.com.tw
APM2318A
Typical Characteristics (Cont.)
Drain-Source On Resistance
1.8 VGS = 10V 1.6 IDS = 3A Tj=150 C
o
Source-Drain Diode Forward
10
Normalized On Resistance
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -50 -25 RON@Tj=25 C: 35m 0 25 50 75 100 125 150
o
IS - Source Current (A)
Tj=25 C 1
o
0.1 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Tj - Junction Temperature (C)
VSD - Source - Drain Voltage (V)
Capacitance
500 Frequency=1MHz 10 VDS=15V IDS = 3A
Gate Charge
VGS - Gate - source Voltage (V)
400
8
C - Capacitance (pF)
Ciss 300
6
200
4
100 Crss 0 0 5 Coss 10 15 20 25 30
2
0
0
2
4
6
8
10
12
VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
6
www.anpec.com.tw
APM2318A
Packaging Information
SOT-23
D B
3 E 1 2 H
e
A
A1
L
C
Dim A A1 B C D E e H L
Millimeters Min. 1.00 0.00 0.35 0.10 2.70 1.40 1.90/2.1 BSC. 2.40 0.37 3.00 Max. 1.30 0.10 0.51 0.25 3.10 1.80
Inches Min. Max. 0.039 0.051 0.000 0.004 0.014 0.020 0.004 0.010 0.106 0.122 0.055 0.071 0.075/0.083 BSC. 0.094 0.118 0.015
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
7
www.anpec.com.tw
APM2318A
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
(IR/Convection or VPR Reflow)
TP R am p-up
tp C ritical Zone T L to T P
T e m p e ra tu re
TL T sm ax
tL
T sm in R am p-down ts Preheat
25
t 25 C to Peak
T im e
Classification Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (TL) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005 8 www.anpec.com.tw
APM2318A
Classification Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Tem peratures 3 3 Package Thickness Volum e m m Volum e m m <350 350 <2.5 m m 240 +0/-5C 225 +0/-5C 2.5 m m 225 +0/-5C 225 +0/-5C Table 2. Pb-free Process - Package Classification Reflow Tem peratures 3 3 3 Package Thickness Volum e mm Volum e mm Volum e mm <350 350-2000 >2000 <1.6 m m 260 +0C* 260 +0C* 260 +0C* 1.6 m m - 2.5 m m 260 +0C* 250 +0C* 245 +0C* 2.5 m m 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device m anufacturer/supplier shall assure process com patibility up to and including the stated classification tem perature (this m eans Peak reflow tem perature +0C. For exam ple 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1
Ko
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
9
www.anpec.com.tw
APM2318A
Carrier Tape & Reel Dimensions
T2
J C A B
T1
Application
A 1781
B 60 1.0 D 1.5 +0.1
C 12.0 D1 0 p .1MIN
J
T1
T2 1.4 Ao 3.1
2.5 0.15 9.0 0.5 Po 4.0 P1 2.0 0.05
W 8.0+ 0.3 - 0.3 Bo 3.0
P 4.0 Ko 1.3
E 1.75 t 0.20.03 (mm)
SOT-23
F 3.5 0.05
Cover Tape Dimensions
Application SOT- 23 Carrier Width 8 Cover Tape Width 5.3 Devices Per Reel 3000
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright ANPEC Electronics Corp. Rev. B.1 - Mar., 2005
10
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM2318AC-TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X