Part Number Hot Search : 
SSD0817Z S2GJF 74ALVC16 LTC152 LMV321 R18120 BUL1203E 20100C
Product Description
Full Text Search
 

To Download APM1403S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APM1403S
P-Channel Enhancement Mode MOSFET
Features
*
-20V/-0.8A , RDS(ON)=160m(typ.) @ VGS=-4.5V RDS(ON)=190m(typ.) @ VGS=-2.5V
Pin Description
* * * *
Super High Dense Cell Design Reliable and Rugged SC-70 Package Lead Free Available (RoHS Compliant) Top View of SC-70
S
Applications
*
Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems
G
D
P-Channel MOSFET
Ordering and Marking Information
APM1403 Lead Free Code Handling Code Tem p. Range Package Code Package Code S : SC-70 Operating Junction Tem p. Range C : -55 to 150C Handling Code TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device
APM1403 S :
03
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 1 www.anpec.com.tw
APM1403S
Absolute Maximum Ratings
Symbol VDSS VGSS ID * IDM * IS* TJ T STG PD* R JA*
Note: *Surface Mounted on 1in2 pad area, t
(TA = 25C unless otherwise noted)
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient T A=25C T A=100C VGS=-4.5V
Rating -20 10 -0.8 -3.3 -0.5 150 -55 to 150 0.35 0.14 360
Unit
V A A C W C/W
10sec.
(TA = 25C unless otherwise noted)
APM1403S Min. -20 -1 -0.5 -0.7 160 190 -0.7 330 60 45 2 VDD=-10V, IDS=-1A, VGEN=-4.5V, RG=6, RL=10 2 8 4 5 5 12 6 ns pF -1 100 210 250 -1.3 Typ. Max.
Electrical Characteristics
Symbol Parameter
Test Condition
Unit
Static Characteristics BVDSS Drain-Source Breakdown Voltage IDSS VGS(th) IGSS RDS(ON) VSD
a a
VGS=0V, IDS=-250A VDS=-16V, VGS=0V VDS=VGS, IDS=-250A VGS=10V, VDS=0V VGS=-4.5V, IDS=-0.8A VGS=-2.5V, IDS=-0.4A ISD=-0.5A, VGS=0V
V A V nA m V
Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance Diode Forward Voltage
b
Dynamic Characteristics Ciss Input Capacitance Coss Crss td(ON) Tr td(OFF) Tf Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time
VGS=0V, VDS=-15V, Frequency=1.0MHz
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
2
www.anpec.com.tw
APM1403S
Electrical Characteristics (Cont.)
Symbol Parameter
(TA = 25C unless otherwise noted)
Test Condition
APM1403S Min. Typ. Max.
Unit
Gate Charge Characteristicsb Qg Qgs Qgd Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS=-10V, VGS=-4.5V, IDS=-0.8A 4 0.6 1 5 nC
Notes: a : Pulse test ; pulse width 300s, duty cycle 2%. b : Guaranteed by design, not subject to production testing.
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
3
www.anpec.com.tw
APM1403S
Typical Characteristics
Power Dissipation
0.40 1.0
Drain Current
0.32
0.8
0.24
-ID - Drain Current (A)
o
Ptot - Power (W)
0.6
0.16
0.4
0.08
0.2
o
0.00
TA=25 C 0 20 40 60 80 100 120 140 160
0.0
TA=25 C, VG=4.5V 0 20 40 60 80 100 120 140 160
Tj - Junction Temperature (C)
Tj - Junction Temperature (C)
Safe Operation Area
Normalized Transient Thermal Resistance
10 2 1
Thermal Transient Impedance
-ID - Drain Current (A)
1
R
ds
(o
n)
m Li
it
300s 1ms
Duty = 0.5
0.2 0.1
10ms
0.1
0.05
0.1
100ms
0.02 0.01 Single Pulse Mounted on 1in pad o RJA : 360 C/W
2
1s
T =25 C 0.01 A 0.1
o
DC
1
10
50
0.01 1E-4
1E-3
0.01
0.1
1
10 30
-VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
4
www.anpec.com.tw
APM1403S
Typical Characteristics (Cont.)
Output Characteristics
4.0 VGS= -3, -4, -5, -6, -7, -8, -9, -10V 3.5 -2V 3.0
Drain-Source On Resistance
0.30 0.27
RDS(ON) - On - Resistance ()
-ID - Drain Current (A)
0.24 VGS= -2.5V 0.21 0.18 0.15 0.12 VGS= -4.5V
2.5 2.0 1.5 -1.5V 1.0 0.5 -1V 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0.09 0.0 0.5 1.0 1.5 2.0 2.5
3.0 3.5 4.0
-VDS - Drain - Source Voltage (V)
-ID - Drain Current (A)
Transfer Characteristics
4.0 3.5 3.0
1.75
Gate Threshold Voltage
IDS = -250A 1.50
Normalized Threshold Voltage
-ID - Drain Current (A)
1.25 1.00 0.75 0.50 0.25 0.00 -50 -25
2.5 2.0 1.5 1.0 Tj=25 C 0.5 0.0 0.0
o
Tj=125 C
o
Tj=-55 C
o
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100 125 150
-VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (C)
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
5
www.anpec.com.tw
APM1403S
Typical Characteristics (Cont.)
Drain-Source On Resistance
1.8 VGS = -4.5V 1.6 IDS = -0.8A 4 Tj=150 C
o
Source-Drain Diode Forward
Normalized On Resistance
-IS - Source Current (A)
1.4 1.2 1.0 0.8 0.6 RON@Tj = 25C : 160m 0.4 -50 -25 0 25 50 75 100 125 150
1 Tj=25 C
o
0.1 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Tj - Junction Temperature (C)
-VSD - Source - Drain Voltage (V)
Capacitance
600 Frequency=1MHz 500 5 VDS= -10V IDS= -0.8A
Gate Charge
400 Ciss 300
-VGS - Gate-source Voltage (V)
4
C - Capacitance (pF)
3
2
200
100 Crss 0
1
Coss
0 0 4 8 12 16 20
0
1
2
3
4
5
-VDS - Drain - Source Voltage (V)
QG - Gate Charge (nC)
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
6
www.anpec.com.tw
APM1403S
Packaging Information
SC-70
D e1 e
c
L
E1
E
L1 b 0.20 C A1
A2
A
Symbol A A1 A2 b c D E E1 e e1 L L1
Dimens ions In M illim et ers M in. M ax. 0.900 1.100 0.000 0.900 0.200 0.080 2.000 1.150 2.150 0.650T YP 1.200 0.525RE F 0.260 0 0.460 8
7
Dimens ions In Inches M in. M ax. 0.035 0.043 0.000 0.035 0.008 0.003 0.079 0.045 0.085 0.026T YP 0.047 0.021PE F 0.010 0 0.018 8
www.anpec.com.tw
0.100 1.000 0.400 0.150 2.200 1.350 2.450 1.400
0.004 0.039 0.016 0.006 0.087 0.053 0.096 0.055
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
APM1403S
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
TP
(IR/Convection or VPR Reflow)
tp C ritical Zone T L to T P
R am p-up
T e m p e ra tu re
TL T sm ax
tL
T sm in R am p-down ts Preheat
25
t 25 C to Peak
T im e
Classificatin Reflow Profiles
Profile Feature Sn-Pb Eutectic Assembly Large Body Small Body Pb-Free Assembly Large Body Small Body 3C/second max. 150C 200C 60-180 seconds 3C/second max 217C 60-150 seconds 245 +0/-5C 250 +0/-5C 10-30 seconds 20-40 seconds
Average ramp-up rate 3C/second max. (TL to TP) Preheat - Temperature Min (Tsmin) 100C - Temperature Mix (Tsmax) 150C - Time (min to max)(ts) 60-120 seconds Tsmax to TL - Ramp-up Rate Tsmax to TL - Temperature(TL) 183C - Time (tL) 60-150 seconds Peak Temperature(Tp) 225 +0/-5C 240 +0/-5C Time within 5C of actual Peak 10-30 seconds 10-30 seconds Temperature(tp) Ramp-down Rate 6C/second max. 6 minutes max. Time 25C to Peak Temperature
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 8
6C/second max. 8 minutes max.
www.anpec.com.tw
Note: All temperatures refer to topside of the package. Measured on the body surface.
APM1403S
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles
Carrier Tape & Reel Dimensions
t E Po P P1 D
F W
Bo
Ao
D1 T2
Ko
J C A B
T1
Application
A 1781
B
C
J
T1
T2 2.8 0.2 Ao
14.4 0.4 13.0 + 0.2 1.15 0.1 12. 0.2 D D1 Po P1
W 8.0+ 0.3 - 0.1 Bo
P 4 0.1 Ko
E 1.75 0.1 t
SC-70
F
3.5 0.05 1.55 0.05 1.00 +0.25 4.0 0.1 2.0 0.05 2.4 0.1 2.4 0.1 1.19 0.1 0.250.013
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
9
www.anpec.com.tw
APM1403S
Cover Tape Dimensions
Application SC- 70 Carrier Width 8 Cover Tape Width 5.3 Devices Per Reel 3000
Customer Service
Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005
10
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APM1403S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X