Part Number Hot Search : 
TK07H90A 2SC1913A FQU7N30 PMBFJ111 M16G45 MAX2064 MCP6481 EUY29DX
Product Description
Full Text Search
 

To Download AP4226AGM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4226AGM
Pb Free Plating Product
Advanced Power Electronics Corp.
Low On-Resistance Simple Drive Requirement Dual N MOSFET Package RoHS Compliant
SO-8
S1 G1 D1 D2 D1 D2
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
G2 S2
30V 18m 8.7A
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
D1 D2
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating 30 20 8.7 7 40 2 0.016 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit /W
Data and specifications subject to change without notice
200508061-1/4
AP4226AGM
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 30 1 -
Typ. 0.01 8 14.5 2.3 7.7 7.2 8.6 24.8 8.6 950 220 160 1
Max. Units 18 24 3 1 25 100 23 1420 1.5 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Static Drain-Source On-Resistance
VGS=10V, ID=8A VGS=4.5V, ID=6A VDS=VGS, ID=250uA VDS=10V, ID=8A
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=30V, VGS=0V VDS=24V, VGS=0V VGS=20V ID=8A VDS=24V VGS=4.5V VDS=15V ID=1A RG=3.3,VGS=10V RD=15 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
2 2
Test Conditions IS=1.7A, VGS=0V IS=8A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 25 21
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board, t <10sec ; 135 /W when mounted on Min. copper pad.
2/4
AP4226AGM
40 40
T A = 25 C
30
o
ID , Drain Current (A)
10V 7.0 V 5.0 V 4.5 V ID , Drain Current (A) V G = 3.0 V
T A = 150 o C
30
10V 7.0 V 5.0 V 4.5 V V G = 3.0 V
20
20
10
10
0 0 1 2 3 4 5
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
60
1.6
ID=6A T A =25
50
ID=8A V G =10V
Normalized RDS(ON)
2 4 6 8 10
1.3
RDS(ON) (m)
40
30
1.0
20
10
0.7 25 50 75 100 125 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
30.0
8
6
T j =150 o C
T j =25 o C RDS(ON) (m)
IS(A)
4
20.0
V GS =4.5V
V GS =10V
2
0
10.0
0 0.2 0.4 0.6 0.8 1 1.2
0 10 20 30 40
V SD , Source-to-Drain Voltage (V)
I D , Drain Current (A)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. On-Resistance vs. Drain Current
3/4
AP4226AGM
f=1.0MHz
16 10000
VGS , Gate to Source Voltage (V)
12
ID=8A V DS =15V V DS =20V V DS =24V
C (pF)
8
1000
C iss
4
C oss C rss
0 0 10 20 30 40 100 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty factor=0.5
0.2
10
100us 1ms ID (A)
1
0.1
0.1
0.05
10ms 100ms
0.02
PDM t T
Single Pulse
0.01
0.01 Duty factor = t/T Peak Tj = PDM x Rthja + T a Rthja = 135/W
0.1
T A =25 o C Single Pulse
1s DC
0.01 0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
40
V DS =5V T j =25 o C T j =150 o C
VG QG 4.5V QGS QGD
30
ID , Drain Current (A)
20
10
Charge
0
Q
0
2
4
6
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4/4


▲Up To Search▲   

 
Price & Availability of AP4226AGM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X