Part Number Hot Search : 
88I9422 C5C1C LM148D 258EPS 0150C 12320 SRA2211N PL354
Product Description
Full Text Search
 

To Download AP2014S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2014/A
Synchronous PWM Controller Features
- Synchronous Controller in 8-Pin Package - Operating with single 5V or 12V supply voltage - Internal 200KHz Oscillator (400KHz for AP2014A) - Soft-Start Function - Fixed Frequency Voltage Mode - 500mA Peak Output Drive Capability - Protects the output when control FET is shorted - SOP-8L/PDIP-8L Pb-Free package
General Description
The AP2014 controller IC is designed to provide a low cost synchronous Buck regulator for on-board DC to DC converter applications. With the migration of today's ASIC products requiring low supply voltages such as 1.8V and lower, together with currents in excess of 3A, traditional linear regulators are simply too lossy to be used when input supply is 5V or even in some cases with 3.3V input supply. The AP2014 together with dual N-channel MOSFETs such as AF9410, provide a low cost solution for such applications. This device features an internal 200KHz oscillator (400KHz for "A" version), under-voltage lockout for both Vcc and Vc supplies, an external programmable soft-start function as well as output under-voltage detection that latches off the device when an output short is detected.
Applications
- Graphic Card - Hard Disk Drive - DDR memory source sink Vtt application - Low cost on-board DC to DC such as 5V to 3.3V, 2.5V or 1.8V
Pin Assignments
Pin Descriptions
Pin Name Pin No. 1 Description This pin is connected directly to the output of the switching regulator via resistor divider to provide feedback to the Error amplifier. This pin provides biasing for the internal blocks of the IC as well as power for the low side driver. A minimum of 1uF, high frequency capacitor must be connected from this pin to ground to provide peak drive current capability. Output driver for the synchronous power MOSFET. This pin serves as the ground pin and must be connected directly to the ground plane. A high frequency capacitor (0.1 to 1uF) must be connected from V5 and V12 pins to this pin for noise free operation. Output driver for the high side power MOSFET. This pin is connected to a voltage that must be at least 4V higher than the bus voltage of the switcher (assuming 5V threshold MOSFET) and powers the high side output driver. A minimum of 1uF, high frequency capacitor must be connected from this pin to ground to provide peak drive current capability. Compensation pin of the error amplifier. An external resistor and capacitor network is typically connected from this pin to ground to provide loop compensation. This pin provides soft-start for the switching regulator. An internal current source charges an external capacitor that is connected from this pin to ground which ramps up the output of the switching regulator, preventing it from overshooting as well as limiting the input current. The converter can be shutdown by pulling this pin below 0.5V.
(Top View) 8 SS FB 1 Vcc 2 7 Comp AP2014/A LDrv 3 6 Vc GND 4 5 HDrv SOP-8L/PDIP-8L
FB
Vcc
2
LDrv
3
GND
4
HDrv
5
Vc
6
Comp
7
SS
8
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 1.2 Nov 29, 2005 1/12
AP2014/A
Synchronous PWM Controller Ordering Information
AP2014/A X Package S: SOP-8L N: PDIP-8L X Packing Blank : Tube A : Taping
Block Diagram
Vc 6 3V 20uA 0.5V SS 8 POR 64uA Max 1.25V 25K Fb Comp 1 7 Vcc + 0.2V 4.0V Vc 3.5V + 0.2V 4 GND Bias Generator 3V 1.25V POR 25K Ct Error Amp + FbLo Comp + POR
Oscillator + Error Comp S R Q
5 HDrv
2 3
Vcc LDrv
Reset Dom
Absolute Maximum Ratings
Symbol VCC VC TST TJ
JC JA
Parameter Vcc Supply Voltage Vc Supply Voltage (not rated for inductive load) Storage Temperature Range Operating Junction Temperature Range Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
Range. 20 32 -65 to 150 0 to 125 90 250
Unit V V
o o o o
C C
C/W C/W
Anachip Corp www.anachip.com.tw 2/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Electrical Characteristics
Unless otherwise specified, these specifications apply over VCC=5V, VC=12V and TA=0 to 70C. Typical values refer to TA =25C. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient temperature.
Symbol Reference Voltage VFB LREG UVLO UVLO VCC UVLO VC
Parameter
Conditions AP2014 AP2014A 5 < Vcc < 12 Supply Ramping Up Supply Ramping Up FB Ramping Down (AP2014) FB Ramping Down (AP2014A)
Min. 1.225 0.784 4.0 3.1 0.4 0.3 -
Typ. 1.25 0.8 0.2 4.2 0.25 3.3 0.2 0.6 0.4 0.1 7 7 3.3 1 20 -0.1 -64 600 200 400 1.25 50 50 150 90 0
Max. 1.275 0.816 0.35 4.4 3.5 0.8 0.5 10 10 6 4.5 30 750 230 460 1.275 100 100 250 95 -
Unit V % V V V V V V V mA mA mA mA A A A mho KHz KHz V ns ns ns % %
FB Voltage FB Voltage Line Regulation UVLO Threshold - VCC UVLO Hysteresis - VCC UVLO Threshold - VC UVLO Hysteresis - VC UVLO Threshold - FB UVLO Hysteresis - FB
UVLO FB
Supply Current Operation ICC VCC Operation Supply Current Operation IC VC Operation Supply Current Freq=200KHz, CL=1500pF Freq=200KHz, CL=1500pF SS=0V SS=0V SS=0V SS=3V, FB=1V SS=0V, FB=1V 10 450 170 340 1.225 50 85 0
ICCQ VCC Static Supply Current ICQ VC Static Supply Current Soft-Start Section SSIB Charge Current Error Amp IFB1 FB Voltage Input Bias Current IFB2 FB Voltage Input Bias Current gm Transconductance Oscillator Freq Frequency
AP2014 AP2014A
VRAMP Ramp-Amplitude Voltage Output Drivers Tr Rise Time Tf Fall Time TDB Dead Band Time TON Max Duty Cycle TOFF Min Duty Cycle
CL =1500pF CL =1500pF FB=1V, Freq=200KHz FB=1.5V
Anachip Corp www.anachip.com.tw 3/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Typical Application Circuit
(1)
VIN=5V Vc=12V C8 470u C3 1u R3 8.2
1 2 3 4
C11 0.1u
C4 0.1u
U1 8 FB SS Vcc Comp 7 Vc 6 LDrv GND HDrv 5 C6 AP2014 10nF
R1 820
C5 0.47u
Q1 AF9410N L1 5.6u/9.0 Q2 AF9410N
R2 3.3K Vout +1.5V/7.0A
C12 470u
C13 470u
C17 0.1u
R6 22k
C20 100p
(2)
VIN=12V D2 1N4148 D1 C1 0.1uF C8 470u 1N4148 C11 0.1u
R3 8.2
C4 0.1u U1 FB SS Vcc Comp Vc LDrv GND HDrv AP2014
R1 820
C3 100u
1 2 3 4
8 7 6 5 C6 10nF
Q1 AF9410N L1 5.6u/9A
R2 3.3K Vout +1.5V/7.0A
C5 0.47u
Q2 AF9410N R6 6.8k C20 100p Option
C12 470u
C13 470u
C17 0.1u
Single Supply 12V Input
Anachip Corp www.anachip.com.tw 4/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Typical Application Circuit (Continued)
(3)
VIN=12V D2 1N4148 D1 1N4148 C1 0.1uF C8 470u C11 0.1u
R3 8.2
C4 0.1u U1 FB SS Vcc Comp Vc LDrv GND HDrv AP2014
R1 10K
C3 100u
1 2 3 4
8 7 6 5 C6 10nF
Q1 AF4910N-1 L1 10uH/6A
R2 3K Vout +5V/5.0A
C5 0.47u
Q2 AF4910N-2 R6 39k C20 100p
C13 470u
C17 0.1u
Single Supply 12V Input (4)
VIN=24V RZD 1.2K D1 1N4148 C1 0.1uF C8 470u D2 1N4148 R3 8.2 C11 0.1u
C4 0.1u U1 FB SS Vcc Comp Vc LDrv GND HDrv AP2014
R1 10K
R3 8.2 ZD 6.2V C3 100u C5 0.47u
1 2 3 4
8 7 6 5 C6 10nF
Q1-1 AF4928N-1 L1 10uH/6A
R2 3.3K Vout +5V/4.0A
Q1-2 AF4928N-2 R6 47k C20 100p
C13 470u
C17 0.1u
IZD( 15mA)=(VIN-VD2-VZD)/RZD Single Supply 24V Input
Anachip Corp www.anachip.com.tw 5/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Typical Application Circuit (Continued)
(5) Dual Supply, 5V Bus and 12V Bias Input
5V 12V C1 0.1uF C1 1uF + C3 100uF L1 1uH + C4 47uF
Vcc
Vc HDrv Q1 AF9410 Q2 AF9410 L2 10uH + C6 220uF
AP1187 +
1.8V/1A C5 47uF 2.5V/2A
AP2014
C8 10nF R1 3.3K Comp LDrv
Fb SS C7 0.1uF GND R2 1K R3 1K
C9 0.1uF Vcc Vc HDrv
C10 1uF
+ C11
Q3 AF9410
L3 10uH 3.3V/1.8A + C12 220uF
AP2014
C14 10nF R4 3.3K Comp LDrv Q4 AF9410
Fb SS GND C13 0.1uF R5 1K R6 1.65K
Dual Supply, 5V Bus and 12V Bias Input
Anachip Corp www.anachip.com.tw 6/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Typical Performance Characteristics
Efficiency v.s. Iout
100% 90% 80% 70% 60% 50% 40% 30% 20% 10% 0%
0.0 0.5 1.0 3.0 5.0 8.0 10.0 12.0 15.0
Load Regulation
2.0% 1.8%
Load Regulation (%)
1.6% 1.4% 1.2% 1.0% 0.8% 0.6% 0.4% 0.2% 0.0%
0.0 0.5 1.0 3.0 5.0 8.0 10.0 12.0 15.0
Efficiency (%)
Iout(A)
Iout(A)
1.260
Line Regulation
2.530
Line Regulation
Output Voltage (V)
Feedback Voltage (V)
2.525 2.520 2.515 2.510 2.505 2.500
1.255
1.250
1.245
1.240 4.5 5.0 7.0 9.0 11.0 12.0 15.0
4.5
5.0 7.0
9.0 11.0 12.0 15.0
Vin(V)
Vin(V)
Frequency v.s. Vin
210.0 Frequency (KHz) 205.0 200.0 195.0 190.0 185.0 180.0 175.0 4.5 5.0 7.0 9.0 11.0 12.0 15.0
Frequency (KHz)
240.0 230.0 220.0 210.0 200.0 190.0 180.0 170.0 160.0 150.0
Frequency v.s. Temperature
-40
-20
0
25
50
75
100 125
Vin(V)
Temperature (oC)
Anachip Corp www.anachip.com.tw 7/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Typical Performance Characteristics (Continued)
Icc and Iccq v.s. Vin
16.00
Ic and Icq v.s. Vin
14.00
15.00
Icc and Iccq (mA)
Ic and Icq (mA)
13.00 11.00 9.00 7.00 5.00 3.00 4.5 5 7 9 11 12 15 Icc(mA) Iccq(mA)
12.00 10.00 8.00 6.00 4.00 2.00 4.5 5 7 9 11 12 15 Ic(mA) Icq(mA)
Vin(V)
Vin(V)
10.0 9.5 9.0
Icc and Ic v.s. Temperature
1.30
Vfb v.s. Temperature
Icc(mA)
8.5 8.0 7.5 7.0 6.5 6.0 -40 -20 0 25 50 75 100 125
Feedback Voltage (V)
Ic(mA)
1.28 1.26 1.24 1.22 1.20
Icc and Ic (mA)
Temperature ( C)
o
-40
-20
0
Temperature (oC)
25
50
75
100 125
AP2014A Ic and Icc vs Vc
21.0 19.0 17.0 15.0 13.0 11.0 9.0 7.0 5.0 3.0 6 8 10 12 14 16 18 20 22 24
AP2014 Ic and Icc vs Vc
20.0 18.0 16.0 14.0 12.0 10.0 8.0 6.0 4.0 2.0 6 8 10 12 14 16 18 20 22 24 Vc(V) Ic(mA) Icc(mA)
Ic(mA) Icc(mA)
Vc(V)
Anachip Corp www.anachip.com.tw 8/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Typical Performance Characteristics (Continued)
Vout Ripple Vcc=5V; Vc=12V; Vout=2.5V Iout=0.5A, Vripple=30.8mV Vout Ripple Vcc=5V; Vc=12V; Vout=2.5V Iout=5A, Vripple=33.2mV
Dead time v.s. Iout Vcc=5V, Vc=12V, Vout=2.5V, Iout=0.5A, Temp=28oC Dead time = 150ns Dead time = 150ns
Phase
Highside GATE
Lowside GATE
Dead time v.s. Iout Vcc=5V, Vc=12V, Vout=2.5V, Iout=5A , Temp=28oC Dead time = 160ns Dead time = 150ns Phase
Highside GATE
Lowside GATE
Anachip Corp www.anachip.com.tw 9/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Function Descriptions
Introduction The AP2014 is a fixed frequency, voltage mode synchronous controller and consists of a precision reference voltage, an error amplifier, an internal oscillator, a PWM comparator, 0.5A peak gate driver, soft-start and shutdown circuits (see Block Diagram). The output voltage of the synchronous converter is set and controlled by the output of the error amplifier; this is the amplified error signal from the sensed output voltage and the reference voltage. This voltage is compared to a fixed frequency linear sawtooth ramp and generates fixed frequency pulses of variable duty-cycle, which drives the two N-channel external MOSFETs.The timing of the IC is provided through an internal oscillator circuit which uses on-chip capacitor to set the oscillation frequency to 200 KHz (400 KHz for "A" version). Soft-Start The AP2014 has a programmable soft-start to control the output voltage rise and limit the current surge at the start-up. To ensure correct start-up, the soft-start sequence initiates when the VC and VCC rise above their threshold (3.3V and 4.2V respectively) and generates the Power On Reset (POR) signal. Soft-start function operates by sourcing an internal current to charge an external capacitor to about 3V. Initially, the soft-start function clamps the E/A's output of the PWM converter. As the charging voltage of the external capacitor ramps up, the PWM signals increase from zero to the point the feedback loop takes control. Short-Circuit Protection The outputs are protected against the short circuit. The AP2014 protects the circuit for shorted output by sensing the output voltage (through the external resistor divider). The AP2014 shuts down the PWM signals, when the output voltage drops below 0.6V (0.4V for AP2014A). The AP2014 also protects the output from over-voltaging when the control FET is shorted. This is done by turning on the sync FET with the maximum duty cycle. Under-Voltage Lockout The under-voltage lockout circuit assures that the MOSFET driver outputs remain in the off state whenever the supply voltage drops below set parameters. Lockout occurs if VC and VCC fall below 3.3V and 4.2V respectively. Normal operation resumes once VC and VCC rise above the set values. IC Quiescent Power Dissipation Power dissipation for IC controller is a function of applied voltage, gate driver loads and switching frequency. The IC's maximum power dissipation occurs when the IC operating with single 12V supply voltage (Vcc=12V and Vc 24V) at 400KHz switching frequency and maximum gate loads. Page 8 show voltage vs. current, when the gate drivers loaded with 1500pF capacitors. The IC's power dissipation results to an excessive temperature rise. This should be considered when using AP2014A for such application.
Marking Information
(Top View)
8 5
Logo Part No. AP2014 : 200KHz (OSC) AP2014A : 400KHz (OSC) AP2014 X YY WW X
1 4
ID code: internal Xth week: 01~52 Year: "01" =2001 "02" =2002
~
SOP-8L/PDIP-8L
Anachip Corp www.anachip.com.tw 10/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Package Information
Package Type: SOP-8L
E
H
L VIEW "A"
D 7 (4X) A2 A
0.015x45
7 (4X)
e
B y
A1
C
VIEW "A"
Symbol A A1 A2 B C D E e H L y
Dimensions In Millimeters Min. Nom. Max. 1.40 1.60 1.75 0.10 0.25 1.30 1.45 1.50 0.33 0.41 0.51 0.19 0.20 0.25 4.80 5.05 5.30 3.70 3.90 4.10 1.27 5.79 5.99 6.20 0.38 0.71 1.27 0.10 8O 0O
Dimensions In Inches Min. Nom. Max. 0.055 0.063 0.069 0.040 0.100 0.051 0.057 0.059 0.013 0.016 0.020 0.0075 0.008 0.010 0.189 0.199 0.209 0.146 0.154 0.161 0.050 0.228 0.236 0.244 0.015 0.028 0.050 0.004 0O 8O
Anachip Corp www.anachip.com.tw 11/12
Rev. 1.2 Nov 29, 2005
AP2014/A
Synchronous PWM Controller Package Information (Continued)
Package Type: PDIP-8L
D
E-PIN O0.118 inch
E1
E 15 (4X)
PIN #1 INDENT O0.025 DEEP 0.006-0.008 inch
7 (4X) eB A2 A
C
L
B S e B1 B2
Symbol A A1 A2 B B1 B2 C D E E1 e L eB S
Dimensions in millimeters Min. Nom. Max. 5.33 0.38 3.1 3.30 3.5 0.36 0.46 0.56 1.4 1.52 1.65 0.81 0.99 1.14 0.20 0.25 0.36 9.02 9.27 9.53 7.62 7.94 8.26 6.15 6.35 6.55 2.54 2.92 3.3 3.81 8.38 8.89 9.70 0.71 0.84 0.97
A1
Dimensions in inches Min. Nom. Max. 0.210 0.015 0.122 0.130 0.138 0.014 0.018 0.022 0.055 0.060 0.065 0.032 0.039 0.045 0.008 0.010 0.014 0.355 0.365 0.375 0.300 0.313 0.325 0.242 0.250 0.258 0.100 0.115 0.130 0.150 0.330 0.350 0.382 0.028 0.033 0.038
Anachip Corp www.anachip.com.tw 12/12
Rev. 1.2 Nov 29, 2005


▲Up To Search▲   

 
Price & Availability of AP2014S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X