Part Number Hot Search : 
S30RCK LTC2165 1613TF 330M2 G1614 CAT25C02 3528B MAX66
Product Description
Full Text Search
 

To Download AMT128503T46L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMT128503
1.25 Gb/s Integrated 850 nm MSM-TIA
FEATURES * 1.25 Gb/s Differential Output TIA * 3.3V Operation * Automatic Gain Control * 850nm Photodetector with 100 mm x 100 mm Active Area * Integrated MSM detector & TIA * TO-46 Ultra Flat Window or Lens Package * TO-56 Ultra Flat Window Package APPLICATIONS * * Gigabit Ethernet (1.250Gb/s) Fibre Channel (1.0625 Gb/s)
Data Sheet - Rev. 0
TO-46F Ultra Flat Window Package
TO-46L Lens Package
TO-56F Ultra Flat Window Package
PRODUCT DESCRIPTION The ANADIGICS AMT128503 is a 3.3V monolithically integrated Metal-Semiconductor-Metal (MSM) photodetector and transimpedance amplifier (TIA) used to convert an 850nm input optical signal into a differential output voltage, and is manufactured in ANADIGICS 6 GaAs wafer fabrication facility. The integrated MSM and TIA receiver maximizes the receiver performance by minimizing the photodetector input parasitics to the TIA and
internally biasing the photodetector to achieve high sensitivity, bandwidth and overload performance. As an integrated product the reliability is inherently better than a discrete solution, and both the MSM-TIA integrated circuit and TO46 flat window, TO46 lens and TO56 flat window packaged receiver pass stringent reliability requirements. These products are readily designed into receivers and transceivers for Gigabit Ethernet and Fibre Channel applications.
Figure 1: AMT128503 Equivalent Circuit
VDD
4K
VOUT VOUT
AGC
US Patents: 5047728, 5646573
PIN
Charge Pump
6.5 GHz Osc
Ground
AMT128503
Table 1: Absolute Maximum Ratings
V DD PIN TS
6.0 V + 5 dB m Storage Temp. - 65 C to 125 C
Table 2: Electrical Characteristics
PAR AMETER Wavelength (l) D etector Acti ve Area Small Si gnal D i fferenti al Responsi vi ty (1) (@ 50 MHz) Bandwi dth(1) Low Frequency C utoff Output Resi stance Opti cal Overload
(2)
MIN 770 1000 1000
TYP 850 100 x 100
MAX 860
U N IT nm m V/W
1500 300 1000 60 40 - 22 700 260 4 15 90 55 10
MHz kHz
25 0 -20
(3), (4) (3), (4)
W dB m
dB m mV ps % ps ps mA V C
Opti cal Sensi ti vi ty (2) D i fferenti al Output Voltage TRISE & TFALL (20 - 80%) RMS Ji tter (3), (5), (6) Total Ji tter (pk-pk) (3), (5), (7) Supply C urrent Operati ng Voltage Range Operati ng Ambi ent Temperature Range
(1) (2) (3) (4) (5) (6) (7)
D uty C ycle D i storti on (3), (5)
+ 3.0 0
+3.3
+3.6 70
Measured at 14 dBm optical input power with output connected into RL = 100W (differential) Measured at 10-10 BER with a 27-1 PRBS at 1.25 GB/s Input optical power = -3 dBm, RL = 100 W (differential). Measured with a 625 MHz, 50% duty cycle square wave. Measured with a 1.25 Gb/s, 27-1 PRBS. 1s about the center eye crossing. 6s about the center eye crossing.
Table 3: Package Pin Description
PIN 1 2 3 4 T46F/T46L D escription VOUT - TIA Output Voltage (non-i nverted) Logi cal '1' wi th opti cal i nput VD D - Posi ti ve Supply Voltage VOUT - TIA Output Voltage (i nverted) Logi cal '0' wi th opti cal i nput Ground (case i s grounded) T56F D escription VD D - Posi ti ve Supply Voltage VOUT - TIA Output Voltage (i nverted) Logi cal "1" wi th opti cal i nput Ground (case i s grounded) VOUT - TIA Output Voltage (non-i nverted) Logi cal "1" wi th opti cal i nput
2
Data Sheet - Revision 0 03/01
AMT128503
Figure 2: Eye Diagram with an Optical Input Power of -17dBm Figure 3: Eye Diagram with an Optical Input Power of -1.0dBm
15mV/Div
200ps/Div
175mV/Div
200ps/Div
Figure 4: Supply Current vs Temperature
50.0 Supply Current (mA) 45.0 40.0 35.0 30.0 25.0 0 20 40 60 80 100 Ambient Temperature (C)
3V 3.3V 3.6V
Figure 5: Bandwidth vs. Temperature
1600 1500 Bandwidth (MHz) 1400 1300 1200 1100 1000 900 0 20 40 60 80 100 Ambient Temperature (C)
3V 3.3V 3.6V
Figure 6: Differential Responsivity vs Temperature
Differential Responsivity (V/W) 2000 1800 1600 1400 1200 1000 0 20 40 60 80 100 Ambient Temperature (C)
3V 3.3V 3.6V
Figure 7: Sensitivity vs Temperature
-22.00 -22.50 Sensitivity (dBm) -23.00 -23.50 -24.00 -24.50 -25.00 0 20 40 60 80 100 Ambient Temperature (C)
3V 3.3V 3.6V
Data Sheet - Revision 0 03/01
3
AMT128503
Figure 8: Test Setup for Frequency Response
Lightwave Analyzer HP 8702D
Laser
Optical Attenuator
DUT Test Fixture
Extinction Ratio= 3dB
Power Supply
Figure 9: Test Setup for Sensitivity
BERT
Pulse Pattern Generator
Error Detector
Hybrid Coupler
Limiting Amplifier
25 dB Gain
Laser
Optical Attenuator
DUT Test Fixture
Extinction Ratio = 9dB Power Supply
Figure 10: Test Setup for Eye Measurements
Digital Communication Analyzer HP83480A
Pulse Pattern Generator
Laser
Optical Attenuator
DUT Test Fixture
Extinction Ratio = 9dB
Power Supply
4
Data Sheet - Revision 0 03/01
AMT128503
Figure 11: DUT Test Fixture Schematic
VDD
0.1uF
VOUT 0.1uF
DUT 0.1 uF
VOUT
Figure 12: Application Schematic
V
DD
0.1uF 2
4K OUT
1 CF 3
0.1uF RO 0.1uF
OUT AGC
LIMITING AMPLIFIER
Charge Pump
6.5 GHz OSC
4
CF is an optional single pole noise filter
CF =
1 2 fcR
fc is the desired cutoff frequency R = 50 W RO is required with high input resistance limiting amplifiers RO = 100 W
Data Sheet - Revision 0 03/01
5
AMT128503
Figure 13: Evaluation Board Schematic
VDD 0.1uF 2
4K OUT
1
0.1uF
VOUT VOUT
OUT AGC
3 0.1uF
Charge Pump
6.5 GHz OSC
4
Figure 14: Evaluation Board Layout
6
Data Sheet - Revision 0 03/01
AMT128503
Figure 15: T46F Package Outline Diagram
Data Sheet - Revision 0 03/01
7
AMT128503
Figure 16: T46L Package Outline Diagram
8
Data Sheet - Revision 0 03/01
AMT128503
Figure 17: T56F Package Outline Diagram
Data Sheet - Revision 0 03/01
9
AMT128503
Ordering Information
Part N umber AMT128503T46F AMT128503T46L AMT128503T56F Package Option TO-46F TO-46L TO-56F Package D escription Ultra Flat Wi ndow Lens Ultra Flat Wi ndow
10
Data Sheet - Revision 0 03/01
AMT128503
Notes
Data Sheet - Revision 0 03/01
11
AMT128503
ANADIGICS, Inc. 141 Mount Bethel Road Warren, New Jersey 07059, U.S.A Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 http://www.anadigics.com Mktg@anadigics.com
IMPORTANT NOTICE ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any time without notice. The Advanced Product data sheets and product specifications contained in this data sheet are subject to change prior to a products formal introduction. The information in this data sheet has been carefully checked and is assumed to be reliable. However, ANADIGICS assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders. WARNING ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
12


▲Up To Search▲   

 
Price & Availability of AMT128503T46L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X