Part Number Hot Search : 
PB1010 7615A BR2325 G150XG03 805SF MB90V 28F128J3 G150N
Product Description
Full Text Search
 

To Download AHR1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Raychem Circuit Protection
308 Constitution Drive Menlo Park, CA 94025-1164 800-227-4856 FAX 800-227-4866
R
PolySwitch(R) PTC Devices
Resettable Fuse
PRODUCT: AHR1000 DOCUMENT: SCD 24388 PCN: 826253 REV LETTER: G REV DATE: MAY 8, 2000 PAGE NO.: 1 OF 2
Specification Status: RELEASED
Electrical Rating
Voltage: 16V DC MAX INSULATING MATERIAL: Cured, Flame Retarded Epoxy Polymer LEAD MATERIAL: 20 AWG Tin/Lead Plated Copper (0.8 mm [0.032] nom. diameter) PART MARKING:
Raychem Logo and Voltage
16 H10
Part Identification Lot Identification (can be on back)
TABLE I. INSTALLATION ENVELOPE DIMENSIONS:
A B MIN MAX MIN MAX -17.5 -26.5 -(0.69) -(1.04) *Rounded off approximation C MIN 9.4 (0.37) MAX 10.9 (0.43) MIN 7.6 (0.30) D MAX --MIN --E MAX 3.0 (0.12) F TYP 1.2 (0.05) G MIN --MAX 7.47 (0.294)
mm: in*:
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS TIME TO TRIP RESISTANCE Ra MAX TRIPPED-STATE POWER DISSIPATION WATTS AT 25C TYP 5.3
AMPS SECONDS AT AT 25C 25C, 50 A HOLD TRIP MAX 10.0 20.5 10.5
OHMS AT 25C MIN MAX .0051 .0105
OHMS AT 25C 0.015
Reference Documents: Precedence: Effectivity: CAUTION:
PS400, PS300 (reference for R 1 MAX ) This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Raychem Circuit Protection
308 Constitution Drive Menlo Park, CA 94025-1164 800-227-4856 FAX 800-227-4866
R
PolySwitch(R) PTC Devices
Resettable Fuse
PRODUCT: AHR1000 DOCUMENT: SCD 24388 PCN: 826253 REV LETTER: G REV DATE: MAY 8, 2000 PAGE NO.: 2 OF 2
TABLE III. AUTOMOTIVE SPECIFIC STRESS TESTS AND TEST CONDITIONS:
ELECTRICAL STRESS TESTS ESD Voltage Withstand (see note 1) Short Circuit Fault Current Durability
TEST CONDITIONS (see note 2) 25kV 25 cycles, 16V, 200A
Fault Current Durability End-of-life Mode Verification Jump Start Endurance (see note 1) Load Dump Endurance (see note 1)
350 cycles, 16V/100A 1750 cycles, 16V/100A 3 cycles, 26V, 1 minute duration 10 cycles, 86.5V
Note 1: The PolySwitch devices are tested in series with a load resistance and the voltages specified in the test conditions are shared between the PolySwitch device and the load resistance as specified i n PS400. Note 2: Please refer to Appendix A of PS400 for the detailed test procedures


▲Up To Search▲   

 
Price & Availability of AHR1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X