Part Number Hot Search : 
24AA0 5SDF07F4 CM3627 RT8868A UPD573 C34063A SF2171H CM33D
Product Description
Full Text Search
 

To Download ACD10001S3C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADA10001
Linear Amplifier MMIC
Data Sheet - Rev 2.3 FEATURES
* * * * * * * High Linearity: +18 dBm IIP3 Low Noise Figure: 2.0 dB Single Supply: +8 VDC Wide Bandwidth: 50 MHz to 1 GHz RoHS-Compliant Package Option Driver Amplifier CATV - Distribution / Drop Amplifiers
APPLICATIONS
S3 Package Modified 16 Pin SOIC PRODUCT DESCRIPTION
The ADA10001 is a monolithic IC intended for use in applications requiring high linearity, such as Cellular Telephone Base Station Driver Amplifiers, CATV Fiber Receiver and Distribution Amplifiers and CATV Drop Amplifiers. Offered in a modified 16 lead surface mount SOIC package, it is well suited for use in amplifiers where small size, reduced component count, and high reliability are important.
RF Input
15 dB
RF Output / Bias
Figure 1: Block Diagram
02/2005
ADA10001
1 2 3 4 5 6 7 8
GND GND GND GND GND RFIN GND GND
Figure 2: Pin Out
GND GND RFOUT GND GND GND GND GND
16 15 14 13 12 11 10 9
Table 1: Pin Description
PIN 1 2 3 4 5 6 7 8 NAME GND GND GND GND GND RFIN GND GND DESCRIPTION Ground Ground Ground Ground Ground RF Input Ground Ground PIN 9 10 11 12 13 14 15 16 NAME GND GND GND GND GND RFOUT GND GND DESCRIPTION Ground Ground Ground Ground Ground RF Output / Supply Ground Ground
2
Data Sheet - Rev 2.3 02/2005
ADA10001
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Maximum and Minimum Ratings
PARAMETER Supply (pin 14) RF Power at Input (pin 6) Storage Temperature Soldering Temperature Soldering Time MIN 0 -65 MAX +12 +10 +150 260 5 UNIT VD C dB m
o
C C
o
se c
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability. Note: 1. Pin 6 should be AC-coupled. No external DC bias should be applied.
Table 3: Operating Ranges
PARAMETER RF Input / Output Frequency Supply Voltage: VDD (pin 14) Case Temperature MIN 50 +4 -40 TYP +8 MAX 1000 +9 +85
(1)
UNIT MHz VD C
o
C
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications. Note: (1) Median time to failure will degrade above this temperature.
Data Sheet - Rev 2.3 02/2005
3
ADA10001
Table 4: Electrical Specifications (TA = +25 C, VDD = + 8 VDC, Test System = 75 )
PARAMETER CSO (1) CTB Gain Noise Figure 2nd Order Input Intercept Point (IIP2) (2) 3rd Order Input Intercept Point (IIP3) (2) Thermal Resistance Current Consumption (3)
(1)
MIN 60 65 14 +35 +15 50
TYP 15 2.0 +38 +18 -
MAX 3.5 35 150
UNIT dB c dB c dB dB dB m dB m
o
C/W mA
Notes: (1) 160 channels, +23 dBmV per channel (measured at output), 6 MHz channel spacing (2) Two tones, -10 dBm per tone at input (3) The device can be operated at VDD = +6 VDC for lower power dissipation. Refer to the figures on page 5 for performance variation with supply voltage.
1000 pF 5W 3.9 mH
RF
OUT
1.5 pF VDD
1000 pF RF
IN
5.6 nH 2.7 pF
0.1mf
Figure 3: Test Circuit
4
Data Sheet - Rev 2.3 02/2005
ADA10001
PERFORMANCE DATA
18 17 Gain (dB) 16 15 14 13 12 50 250 450 650 Frequency (MHz) 850
Figure 4: Gain Noise Figure vs. Frequency TA = 25 oC, VDD = +8V
4 3 2.5 2 1.5 1 Noise Figure (dB) 3.5
GAIN
NF
15.8 15.75 Gain (dB) 15.7 15.65 15.6 15.55 4
Figure 5: Gain and Noise Figure vs. VDD TA = 25 o C, RF = 500 MH z
GAIN
NF
2.02 1.98 1.96 1.94 1.92 1.9 1.88 Noise Figure (dB) 2
5
6 7 VDD (Volts)
Figure 6: IIP2, IIP3 vs. VDD
8
9
40 36 IIP2 (dBm ) 32 28 24 20 4 5
TA = 25 oC
24 20 16 12 IIP3 (dBm )
IIP2
IIP3
6 7 VDD (Volts)
8
9
Notes: 1. IIP2 measured at 986.5 MHz; Input = two tones at 55.25 MHz and 931.25 MHz at -10 dBm. 2. IIP3 measured with two tones at the input: 986.5 MHz and 992.5 MHz at -10 dBm. Data Sheet - Rev 2.3 02/2005
5
ADA10001 Figure 7: Output Power vs. Input Power
26 25 24 Output Power (dBm) 23 22 21 20 19 18 17 16 15 0 2 4 6 8 Input Power (dBm) 10 12
TA = 25 oC, VDD = +8V, RF = 500 MHz
Figure 8: Input Impedance
START: 0.050 GHz STOP: 1.00 GHz
1: 0.050 GHz 79.76 W - 4.79 jW
1 .5 .2 5 0 -.2 .2 .5
32 54 6
2 5
1
2:
0.20 GHz 77.88 W - 13.21 jW
3:
1
2
5
4:
0.40 GHz 70.02 W - 21.83 jW 0.6 GHz 59.63 W - 26.56 jW 0.8 GHz 49.91 W - 26.56 jW 1.0 GHz 41.77 W - 25.15 jW
-5 -2
5:
-.5 -1
6:
Measured in 75 W System
Figure 9: Output Impedance
START: 0.050 GHz STOP: 1.00 GHz
1 .5 .2 5
1
1:
0.050 GHz 83.9 W - 8.1 jW 0.20 GHz 84.17 W - 1.19 jW
2:
2
3:
5
4:
0.40 GHz 85.38 W - 2.27 jW 0.6 GHz 87.64 W - 3.82 jW 0.8 GHz 90.20 W - 6.60 jW 1.0 GHz 93.57 W - 11.76 jW
0 -.2
.2
.5
1
6
2
5 -5
5:
-.5 -1
-2
6:
Measured in 75 W System
6
Data Sheet - Rev 2.3 02/2005
ADA10001
PACKAGE OUTLINE
D C
LE
E
H
0.015 [0.38]X45
L
a
A A2 A1
GAUGE PLANE 0.003 [0.076mm] SEATING PLANE
e
B1
B
S
Y M
INCHES
B O L
MILLIMETERS
MIN. MAX.
NOTE
NOTES: 1. CONTROLLING DIMENSION: INCHES 2. DIMENSION "D" DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS AND GATE BURRS SHALL NOT EXCEED 0.006 [0.15mm] PER SIDE. 3. DIMENSION "E" DOES NOT INCLUDE INTER-LEAD FLASH OR PROTRUSIONS. INTER-LEAD FLASH AND PROTRUSIONS SHALL NOT EXCEED 0.010 [0.25mm] PER SIDE.
MIN.
MAX.
A A1 A2
B
0.058 0.004 0.055 0.013 0.062 0.008 0.380 0.150
0.068 0.010 0.065 0.020 0.070 0.010 0.400 0.160
1.47 0.10 1.40 0.33 1.58 0.20 9.66 3.81
1.73 0.25 1.65 0.50 1.78 0.25 10.16 4.06 4 2 3
B1 C D E e H L LE
4. LEAD THICKNESS AFTER PLATING TO BE 0.013 [0.33mm] MAXIMUM.
0.050 BSC 0.226 0.016 0.030 0 8 0.244 0.040
1.27 BSC 5.74 0.41 0.76 0 8 6.20 1.02
SPECIFICATION: SUBJECT:
98000-006
PUBLISHED OUTLINE,
16 LEAD BATWING SOIC PKG.
a
Figure 10: S3 Package Outline - Modified 16 Pin SOIC
Data Sheet - Rev 2.3 02/2005
7
ADA10001
ORDERING INFORMATION
ORDER NUMBER ADA10001S3CTR A D A 10001S 3C ADA10001RS3P1 TEMPERATURE RANGE -40 oC to +85 oC -40 oC to +85 oC -40 oC to +85 oC PACKAGE DESCRIPTION Modified 16 Pin SOIC Modified 16 Pin SOIC RoHS Compliant Modified 16 Pin SOIC COMPONENT PACKAGING 3,500 piece Tape and Reel Plastic tubes (50 pieces per tube) 3,500 piece Tape and Reel
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
8
Data Sheet - Rev 2.3 02/2005


▲Up To Search▲   

 
Price & Availability of ACD10001S3C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X