Part Number Hot Search : 
008226 GRM32ER M5S61AJ 50000 SI6955 TDA21201 U7001BG A6818SEP
Product Description
Full Text Search
 

To Download 94SP226X0020CBP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 94SP
Vishay
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
FEATURES
* High capacity, low ESR. Approximately two times the capacitance of existing capacitors and less than half the ESR. * 94SP capacitors are ideal for designing around MPU's for computer equipment.
STANDARD RATINGS
CASE CODE C' PART* NUMBER 94SP226X0020CBP 94SP336X0016CBP 94SP566X0010CBP 94SP686X06R3CBP 94SP107X0004CBP E' 94SP476X0020EBP 94SP686X0016EBP 94SP107X0010EBP 94SP157X06R3EBP 94SP227X0004EBP F' 94SP686X0020FBP 94SP107X0016FBP 94SP187X0010FBP 94SP227X06R3FBP 94SP337X0004FBP C 94SP336X0020CBP 94SP476X0016CBP 94SP826X0010CBP 94SP127X06R3CBP 94SP157X0004CBP E 94SP127X0020EBP 94SP187X0016EBP 94SP277X0010EBP 94SP397X06R3EBP 94SP567X0004EBP F 94SP187X0020FBP 94SP277X0016FBP 94SP477X0010FBP 94SP687X06R3FBP 94SP827X0004FBP Fo G 94SP158X0004FBP 94SP228X0004GBP MAX. ALLOWABLE MAX. LEAKAGE MAX. TANGENT MAX. ESR RIPPLE CURRENT RATED CURRENT NOMINAL OF LOSS 100k ~ 300kHz (mArms) VOLTAGE CAPACITANCE (A) ANGLE (m) (@ 100kHz, + 45C) (After 2 Minutes) (V) (F) 20.0 16.0 10.0 6.3 4.0 20.0 16.0 10.0 6.3 4.0 20.0 16.0 10.0 6.3 4.0 20.0 16.0 10.0 6.3 4.0 20.0 16.0 10.0 6.3 4.0 20.0 16.0 10.0 6.3 4.0 4.0 4.0 22.0 33.0 56.0 68.0 100.0 47.0 68.0 100.0 150.0 220.0 68.0 100.0 180.0 220.0 330.0 33.0 47.0 82.0 120.0 120.0 120.0 180.0 270.0 390.0 560.0 180.0 270.0 470.0 680.0 820.0 1500.0 2200.0 1580 1580 1710 1850 1850 2210 2280 2350 2420 2510 2800 2890 2990 3100 3230 1710 1710 1850 1930 1930 3110 3410 3600 3810 4080 4280 4400 4510 4840 5040 6500 7100 44.00 52.80 56.00 42.84 40.00 94.00 108.80 100.00 94.50 88.00 136.00 160.00 180.00 138.60 132.00 66.00 75.20 82.00 75.60 60.00 200.00 288.00 270.00 245.70 224.00 360.00 432.00 470.00 428.40 328.00 600.00 880.00 0.06 0.06 0.06 0.06 0.06 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.10 0.12 50 50 45 40 40 36 34 32 30 28 34 32 30 28 24 45 45 40 35 35 24 20 18 16 14 20 18 15 13 12 10 10
*Part Numbers shown are for 20% capacitance tolerance (X0). 94SP107X0016_ _ _ Part Number is complete with Case Code and 2 character Package or Process Code. BP as shown indicates Bulk Pack.
Document Number: 90009 Revision 02-Jul-01
www.vishay.com 21
Type 94SP
Vishay
DIMENSIONS in inches (millimeters)
Standards of Lead Position
Sleeve OD + .020 [0.5] Max. L + .040 [1.0] Max.
.002 [0.05]
F .591 [15.0] Min. .157 [4.0] Min. B A. B' C A' G K F
Od
.787 [20.0] Min.
Mark * = Ideal Lead Position C = The Middle Point of A-A'
CASE CODE C' E' F' C E F Fo G
ODxL .248 x .197 [6.3 x 5.0] .315 x .197 [8.0 x 5.0] .394 x .197 [10.0 x 5.0] .248 x .268 [6.3 x 6.8] .315 x .413 [8.0 x 10.5] .394 x .413 [10.0 x 10.5] .394 x .787 [10.0 x 20.0] .492 x .866 [12.5 x 22.0]
F .098 .020 [2.5 0.5] .138 .020 [3.5 0.5] .197 .020 [5.0 0.5] .098 .020 [2.5 0.5] .138 .020 [3.5 0.5] .197 .020 [5.0 0.5] .197 .020 [5.0 0.5] .197 .040 [5.0 1.0]
Od .024 [0.6] .024 [0.6] .024 [0.6] .024 [0.6] .024 [0.6] .024 [0.6] .031 [0.8] .031 [0.8]
G (Max.) .020 [0.5] .031 [0.8] .031 [0.8] .020 [0.5] .031 [0.8] .031 [0.8] .031 [0.8] .031 [0.8]
K (Max.) .020 [0.5] .031 [0.8] .031 [0.8] .020 [0.5] .031 [0.8] .031 [0.8] .031 [0.8] .031 [0.8]
ENVIRONMENTAL PERFORMANCE
ITEMS 1. Operating Temperature Range 2. Capacitance Tolerance @ 120Hz 3. Tangent of Loss Angle (tan ) @ 120Hz 4. Maximum Leakage Current (A/2 minutes) (or less)* 5. Equivalent Series Resistance () (100k ~ 300kHz) 6. Temperature Characteristics Impedance Ratio at 100kHz 7. High Temperature Load (+ 105C, 1,000 hours) Rated Voltage Applied C/C tan Leakage Current 8. Moisture Resistance (+ 60C, 90 ~ 95% RH, 1,000 hours, no voltage) C/C tan Leakage Current 9. Reverse Voltage Guarantee CHARACTERISTICS - 55C ~ + 105C X0 = 20% Values in Standard Ratings Table 0.1 CV Values in Standard Ratings Table - 55C + 105C Z/Z20C Z/Z20C 1.0 ~ 1.25 0.75 ~ 1.0
Within 20% of the initial value 1.5 times the value of Item 3 The value of Item 4 Within 20% of the initial value 2 times the value of Item 3 The value of Item 4
Temporary: Less than 20% of the rated voltage Continuous: Less than 10% of the rated voltage
*If any doubt arises, measure the current after applying voltage (voltage treatment) for 30 minutes at + 105C. The rated voltage should be applied for all WV. www.vishay.com 22 Document Number: 90009 Revision 02-Jul-01
Type 94SP
Vishay
CASE CODE LIST
CAPACITANCE (F) 22.0 33.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 820.0 1500.0 2200.0 *WV = Rated Voltage. **(SV) = Surge Voltage (at room temperature). WV* (SV)** 4 (5.2) -- -- -- -- -- -- C' (C) -- -- E' -- F' -- -- E -- F (Fo) G 6.3 (8.2) -- -- -- -- C' -- - C E' -- F' -- -- E -- -- F -- -- -- 10 (11.5) -- -- -- (C') - C (E') -- - F' -- (E) -- -- (F) -- -- -- -- -- 16 (18.4) -- C' (C) -- (E') -- (F') -- -- (E) -- (F) -- -- -- -- -- -- -- -- 20 (23) (C') C (E') -- (F') -- -- (E) -- F -- -- -- -- -- -- -- -- -- --
TEMPERATURE COEFFICIENT FOR RIPPLE CURRENT
Ambient Temperature ~ + 45C + 85C + 95C + 105C
PART MARKING****
-- Polarity -- Rated voltage -- Capacitance -- OS-CON -- Lot number -- Type -- Maximum operating temperature (+ 105C) ****Sleeve color: Blue. Marking: White.
Coefficient
1.0
0.7
0.4
0.25
Document Number: 90009 Revision 02-Jul-01
www.vishay.com 23


▲Up To Search▲   

 
Price & Availability of 94SP226X0020CBP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X