Part Number Hot Search : 
KSM540 TM5136 RPGBII00 NUMAKER SD103R LA7605M MM1564A LY62L
Product Description
Full Text Search
 

To Download 1N4448HLP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: 1N4448HLP
1N4448HLP
Lead-free Green
SURFACE MOUNT FAST SWITCHING DIODE
NEW PRODUCT
Features
* * * * * * * * * * * * * * *
Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance Lead Free by Design/RoHS Compliant (Note 1) "Green" Device (Note 2) Qualified to AEC-Q101 Standards for High Reliability DFN1006-2
G
H
Dim A B C
Min 0.95 0.55 0.45 0.20 0.47 0 3/4 0.05
Max
Typ
1.075 1.00 0.675 0.60 0.55 0.30 0.53 0.05 3/4 0.15 0.50 0.25 0.50 0.03 0.40 0.10
Mechanical Data
Case: DFN1006-2 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: Cathode Dot Terminals: Finish - NiPdAu annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Code: T8, Dot Denotes Cathode Side Ordering Information: See Last Page Weight: 0.001 grams
A
D G H
B
R
C
N R
All Dimensions in mm
D
N
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Tj , TSTG Value 100 80 57 250 125 2.0 1.0 -65 to +150 Unit V V V mA mA A C
Thermal Characteristics
Characteristic Power Dissipation
@ TA = 25C unless otherwise specified Symbol Pd RqJA @ TA = 25C unless otherwise specified Symbol V(BR)R VF Min 80 0.62 3/4 3/4 3/4 3/4 3/4 3/4 Max 3/4 0.72 0.855 1.0 1.25 100 50 30 25 3.0 4.0 Unit V V nA mA mA nA pF ns Test Conditions IR = 100mA IF = 5.0mA IF = 10mA IF = 100mA IF = 150mA VR = 80V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0.5V, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W Value 250 500 Unit mW C/W
Thermal Resistance Junction to Ambient
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 3) Forward Voltage (Note 3)
Peak Reverse Current (Note 3) Total Capacitance Reverse Recovery Time
Note:
IR CT trr
1. No purposefully added lead. 2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 3. Short duration pulse test used so as to minimize self-heating effect.
DS30590 Rev. 5 - 2
1 of 3 www.diodes.com
1N4448HLP
a Diodes Incorporated
PD, POWER DISSIPATION (mW)
250
IF, INSTANTANEOUS FORWARD CURRENT (mA)
300
1000
NEW PRODUCT
100
TA = 150C
200
10
TA = 125C
150
TA = 85C
100
1
TA = 25C TA = 0C
50
0.1
0 0 25 50 75 100 125 150
TA = -55C
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
2.5
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
100
TA = 150C
10
trr, REVERSE RECOVERY TIME (nS)
TA = 125C
2.0
1
TA = 85C
1.5
0.1
TA = 25C
1.0
0.01
TA = 0C
0.5
0.001
TA = -55C
0.0001 10 20 30 40 50 60 70 80 VR, REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics
0 0 2 4 6 8 10
IF, FORWARD CURRENT (mA) Fig. 4 Reverse Recovery Time vs. Forward Current
Ordering Information
Device 1N4448HLP-7
Note:
(Note 4) Packaging DFN1006-2 Shipping 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
T8
T8 = Product Type Marking Code, Dot Denotes Cathode Side
DS30590 Rev. 5 - 2
2 of 3 www.diodes.com
1N4448HLP
NEW PRODUCT
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30590 Rev. 5 - 2
3 of 3 www.diodes.com
1N4448HLP


▲Up To Search▲   

 
Price & Availability of 1N4448HLP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X