Part Number Hot Search : 
00ETTT 133TQI L494C 0120S 40N60 MAX1472 0FB100K 74F569
Product Description
Full Text Search
 

To Download ZM4734 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZM4728 - ZM4764
VZ : 3.3 to 100V PD : 1W
FEATURES :
* Silicon planar power zener diodes * For use in stabilizing and clipping circuits with higher power rating. * Standard zener voltage tolerance is 10%. * Other zener voltages and tolerances are available upon request. * These diodes are also available in the DO-41 case with type designation 1N4728 ... 1N4764 * Pb / RoHS Free
ZENER DIODES
MELF
Cathode Mark
0.102 (2.6)
0.094 (2.4) 0.022(0.55) 0.205(5.2) 0.189(4.8)
Mounting Pad Layout
0.157 (4.00) Max. 0.049 (1.25)Min. 0.118 (3.00)Min.
MECHANICAL DATA :
* Case : MELF Glass Case * Weight : 0.25 g (approximately)
0.256 (6.50) REF
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Maximum Forward Voltage at IF = 200 mA. Power Dissipation Thermal Resistance Junction to Ambient Air Junction temperature Storage temperature range VF PD RJA TJ TS 1.2 1
1)
Symbol
Value
Unit
V W C/W C C
170(1) -65 to + 200 -65 to + 200
Note : (1) Valid provided that electrodes are kept at ambient temperature
Page 1 of 2
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
(Ta = 25 C unless otherwise noted) Nominal Zener
Type
Voltage VZ @ IZT IZT (V) (mA) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 76.0 69.0 64.0 58.0 53.0 49.0 45.0 41.0 37.0 34.0 31.0 28.0 25.0 23.0 21.0 19.0 17.0 15.5 14.0 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
Maximum Zener Impedance ZZT @ IZT () 10 10 9.0 9.0 8.0 7.0 5.0 2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 ZZK @ IZK () 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000
(1)
Maximum Reverse Leakage Current IR @ VR (V) (A) 100 100 50 10 10 10 10 10 10 10 10 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0
Maximum DC Zener Current IZM(2) (mA) 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9.0
IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
ZM4728 ZM4729 ZM4730 ZM4731 ZM4732 ZM4733 ZM4734 ZM4735 ZM4736 ZM4737 ZM4738 ZM4739 ZM4740 ZM4741 ZM4742 ZM4743 ZM4744 ZM4745 ZM4746 ZM4747 ZM4748 ZM4749 ZM4750 ZM4751 ZM4752 ZM4753 ZM4754 ZM4755 ZM4756 ZM4757 ZM4758 ZM4759 ZM4760 ZM4761 ZM4762 ZM4763 ZM4764
Notes: (1) The Zener impedance is derived from the 1KHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units (2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature (3) The type number listed have a standard tolerance on the nominal zener voltage of 10%.
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of ZM4734

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X