Part Number Hot Search : 
DT74C ADM2483 SF088 13006 A58009 P8397 X3225 KE220
Product Description
Full Text Search
 

To Download WJ109F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ109F
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * UL F class rated standard * Small size and light weight * PC board mounting * UL/CUL certified
E197851 22.3 x 17.3 x 14.5 mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 6A @ 300VAC & 28VDC 10A @ 125/240VAC & 28VDC 12A @ 125VAC & 28VDC, 1/3hp - 120/240 VAC < 50 milliohms initial AgCdO, AgSnO2 336W 380VAC, 110VDC 20A
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Max. .36W .45W .50W .80W 3 3.9 25 20 18 11 2.25 0.3 5 6.5 70 56 50 31 3.75 0.5 .36 6 7.8 100 80 72 45 4.50 0.6 .45 7 9 11.7 225 180 162 101 6.75 0.9 .50 12 15.6 400 320 288 180 9.00 1.2 .80 18 23.4 900 720 648 405 13.5 1.8 24 31.2 1600 1280 1152 720 18.00 2.4 48 62.4 6400 5120 4608 2880 36.00 4.8 CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria. Rated
4
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 2500V rms min. @ sea level 1000V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz 10N -55 C to + 125 C -55 C to + 155 C 230 C 2 C for 10 0.5s 11g
WJ109F
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ109F 2.Contact Arrangement: 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Sealing Options: S = Sealed 4. Contact Rating: 6 = 6A 10 = 10A 12 = 12A 5. Coil Voltage: 3VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 48VDC 6. Coil Power: .36 = .36W .45 = .45W .50 = .50W .80 = .80W 7. Contact Material: Blank = AgCdO Z = AgSnO2
WJ109F
1C
S
6
24VDC
.45
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A
1B
1C


▲Up To Search▲   

 
Price & Availability of WJ109F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X