Part Number Hot Search : 
DC007 TC500 0AD015 BT162 HBL2A 4013B 75B12 HEE102
Product Description
Full Text Search
 

To Download WJ0991AS18VDC45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ099
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * High sensitivity * Super light weight * Switching current up to 12A * PC board mounting
E197851 18.4 x 15.2 x 10.2 mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 10A @ 277VAC, 30VDC 12A @ 125VAC < 50 milliohms initial AgSnO2 300W 300VAC, 100VDC 12A
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
3 5 6 9 12 18 24
3.9 6.5 7.8 11.7 15.6 23.4 31.2
20 56 80 180 320 720 1280
2.25 3.75 4.50 6.75 9.00 13.50 18.00
0.3 0.5 0.6 0.9 1.2 1.8 2.4
0.45
8
5
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 2500V rms min. @ sea level 1000V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz 5N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 7g
WJ099
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ099 2.Contact Arrangement: 1A = SPST N.O. 3. Sealing Options: S = Sealed 4. Coil Voltage: 3VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 5. Coil Power: .45 = .45W
WJ099
1A
S
12VDC
.45
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)


▲Up To Search▲   

 
Price & Availability of WJ0991AS18VDC45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X