Part Number Hot Search : 
EL4584C MIC5335 KBPC1510 VN050 2N338 MA45445 HCT57 NTE2088
Product Description
Full Text Search
 

To Download SRM354VF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRM-354VF
Remocon Preamp
Features
* * * * * Photo detector and preamplifier in one package Enhanced immunity against all kinds of disturbance light High performance photo diode and built-in I.C High speed response and output Low power consumption and easy use
Application
* Light detecting portion of remote control * TVs, VCRs, Audio equipments, CATV Set Top boxes, Multi-media equipments
Outline Dimensions
unit : mm
PIN Connections 1.Output 2.Gnd 3.Vcc(+5V)
KMM-1002-000
1
SRM-354VF
Absolute maximum ratings
Characteristic Supply Voltage Power Dissipation Operating Temperature Storage Temperature * Soldering Temperature
1
Symbol
VCC PD Topr Tstg Tsol
Ratings
6.0 0.27 -10 ~ 60 -20 ~ 75 260 within 5 seconds
Unit
V W
*1.Keep the distance more than 2.0mm from PCB to the bottom of package
Electrical Characteristics
Parameter
Supply Voltage Current Consumption Resonance Frequency Peak sensitivity wavelength H level output voltage L level output voltage H level pules width L level pules width Arrival distance Output form
(Ta=25C)
Symbol
Vcc ICC fC
P
Test Condition
#1 -
Min.
4.5 0.3 4.5 500 500
Typ.
5.0 38 980 5.0 0.2 20 15 10
Max.
5.5 1.5 0.4 700 700 -
Unit
V mA KHz nm V V us us m
VOH VOL Twh Twl 0 L #2,3,4 30 45 #2
-
Active low
KMM-1002-000
2
Characteristic Diagrams
Fig. 1 Relative Spectral Sensitivity - Wavelength
S() - Relative Spectral Sensitivity
SRM-354VF
Fig. 2 drel-Relative Transmission Distance Directivity tsop
Fig. 3 System Gain - Frequency
Supply Voltage Vcc[V]
Input Current [A]
Wavelength [nm]
drel-Relative Transmission Distance Directivity tsop
Fig. 3 System Gain - Frequency
System Gain [dB]
Frequency [Hz]
KMM-1002-000
3
# 1. No input signal.
SRM-354VF
# 2. The burst wave forms shown below in the Fig 1. Shall be transmitted by the standard transmitter.
Transmitter Output Waveform
Receiver Module Output Waveform
Fig 1. Transmitter & Receiver wave forms
# 3. The test condition of arrival distance.
#4. The arrival distance is measured in the darkness without disturbing noises.
KMM-1002-000
4
SRM-354VF
Reliability Test
Test items
High temp & High humid Heat cycle Fall test Ta=40
Test condition
, RH=90%, t=96Hr's #2, 3 #4
Remarks
#1, 2 -
#1. Supply voltage 5V at the load test. #2. Electro-optical characteristics shall be satisfied after 2hr's at normal temperature. #3. Heat cycle test as below Fig2. For 20 cycles under no load.
#4. Fall test The test devices to fall three time onto hard wooden board from a level 75
The others
In case of noisy power supply, please serially insert about 47 electrolytic capacitance in line as follows. resistance an about 47
Remocon Preamp
KMM-1002-000
5


▲Up To Search▲   

 
Price & Availability of SRM354VF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X