Part Number Hot Search : 
LPC2000 CDRH5D28 MC34083 C3500 TPW4671 87B151L 2SC3284 SM516
Product Description
Full Text Search
 

To Download SD101BW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101AW THRU SD101CW
Schottky Diodes
FEATURES
SOD-123
.022 (0.55)
For general purpose applications. The LL101 series is a metal-on-silicon
Schottky barrier device which is protected by a PN junction guard ring. The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing, and coupling diodes for fast switching and low logic level applications. case with type designation LL101A thru LL101C and in the DO-35 case with type designations SD101A thru SD101C.
Cathode Mark
.152 (3.85) .140 (3.55) .112 (2.85) .100 (2.55)
Top View
max. .004 (0.1)
max. .053 (1.35)
min. .010 (0.25)
max. .006 (0.15)
.067 (1.70) .055 (1.40)
These diodes are also available in the MiniMELF
MECHANICAL DATA
Dimensions in inches and (millimeters)
Case: SOD-123 Plastic Case Weight: approx. 0.01 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Peak Inverse Voltage SD101AW SD101BW SD101CW VRRM VRRM VRRM Ptot IFSM Tj TS
Value 60 50 40 4001) 2) 2 1252) - 65 to +1502)
Unit V V V mW A C C
Power Dissipation (Infinite Heat Sink) Max. Single Cycle Surge 10 s Square Wave Junction Temperature Storage Temperature Range
2)
Valid provided that electrodes are kept at ambient temperature
4/98
SD101AW THRU SD101CW
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Reverse Breakdown Voltage at IR = 10 A SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW V(BR)R V(BR)R V(BR)R IR IR IR VF VF VF VF VF VF Ctot Ctot Ctot trr RthJA
Min. 60 50 40 - - - - - - - - - - - - - -
Typ. - - - - - - - - - - - - - - - - -
Max. - - - 200 200 200 0.41 0.4 0.39 1 0.95 0.9 2.0 2.1 2.2 1 0.3 2)
Unit V V V nA nA nA V V V V V V pF pF pF ns K/mW
Leakage Current at VR = 50 V at VR = 40 V at VR = 30 V Forward Voltage Drop at IF = 1 mA at IF = 15 mA
Junction Capacitance at VR = 0 V, f = 1 MHz
Reverse Recovery Time at IF = IR = 5 mA, recover to 0.1 IR Thermal Resistance, Junction to Ambient Air
2)
Valid provided that leads are kept at ambient temperature (SOD-123)
RATINGS AND CHARACTERISTIC CURVES SD101AW THRU SD101CW


▲Up To Search▲   

 
Price & Availability of SD101BW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X